Part Number Hot Search : 
CX4SCSM5 MMBT3906 PT2250A C1500 CZMA10V ZMY3V0 1375HV 2SJ659
Product Description
Full Text Search
 

To Download 74732-0220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
XPAK 10Gbps Guide Rail 74732
Molex's XPAK Guide Rail With Enhanced, Multiple Electromagnetic Interference (EMI) Gaskets Provide Superior EMI Protection XPAK represents the new 10 Gigabit Small Form-factor Pluggable system of modules and interconnects that convert serial electrical signals to external serial optical or electrical signals. The system includes a Multi-Source Agreement (MSA) standard pluggable module and rail hardware. The technoloy is designed to support 10 Gigabit Fibre Channel, 10 Gigabit Ethernet, OC192/STM-64 and InfiniBand* protocols. The XPAK guide rail aligns Molex's 10Gbps CX4 copper module (in development) or any MSA optical transceiver with the 70-circuit XPAK host connector (74441-0013). The guide rail features a passive latch point and a hard stop to control the insertion depth of the module. The rail assembly features two EMI gaskets: front and lower rear. These gaskets are designed to reduce emissions eminating from the equipment. Molex designed the XPAK rail to meet XPAK MSA standards. The optical interface is a XPAK optical transceiver which interfaces with Molex SC cables (Series 86282). To remain competitive, Molex offers rails and cages for pluggable systems in multiple form-factors. The difference between a "rail" and a "cage" is the following: -Rail: an enclosure that holds a module -Cage: an enclosure that completely covers a module For additional information on XPAK, visit the XPAK website at: www.xpak.org
Optical transceiver shown with rail
Features and Benefits
I Press-fit post accommodates belly-to-belly
applications to ensure better use of PCB real-estate I Threaded screw holes provide screw down feature for increased retention to the PCB I Elastomer gaskets reduce overall EMI
I Compliance with MSA standard ensures
intermateability with industry standard products I Positive latching function on the rail frame provides proper transceiver retention
MARKETS AND APPLICATIONS
I Fibre Channel
- Switch Markets I Gigabit Ethernet - Networking Markets I InfiniBand - Servers
*InfiniBand is a registered trademark of the InfiniBand Trade Association
SPECIFICATIONS
XPAK 10Gbps Guide Rail 74732
Reference Information
Packaging: Tray Designed In: Inches
Physical
Housing: Zinc Alloy Plating: Nickel PCB Thickness: Press-fit: 1.57mm (.062") Single Side Belly-to-Belly: 2.29mm (.090")
COMPLEMENTARY PRODUCTS
I 70 Circuit Host Connector (74441-0013) I XPAK Copper Module -in development I 4X Cable Assembly:
XPAK Rail (74732)
70 Circuit Host Connector (74441)
- LaneLinkTM Fibre Channel (74510) - LaneLinkTM SAS (74527) - LaneLinkTM InfiniBand (74506) - LaneLinkTM CX4 (74526) - InfiniBand (92903)
XPAK Copper Module 4X Cable Assembly (74510, 74527, 74506, 74526, 92903)
I Optical SC Products (86282 Series)
ORDERING INFORMATION
Order No. 74732-0220 Description XPAK 10Gbps Guide Rail
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/zaxis.html
Order No. USA-213 Printed in USA/JI/2004.11 (c)2004, Molex


▲Up To Search▲   

 
Price & Availability of 74732-0220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X