Part Number Hot Search : 
2409D HSIP185 BZT52B75 MMBT2 BZX51 M8620 MC98PC MN675058
Product Description
Full Text Search
 

To Download 50394-8100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datasheet for 76650-0234
General Information Kit Part Number: Connector Type: Solution: Molex Family: Certificates: Country of Origin: Specifications Circuit Size: Current Rating: Mounting Style: Orientation: Pitch: Tool Included: Voltage Rating: Wire Gauge (AWG): Product Hightlights 10, 2, 3, 4, 6 0.5-2A, 1.5-3A, 2.5A PCB Through Hole Receptacles, Right Angle Headers, Vertical Headers 2.00mm (.079"), 2.50mm (.098"), 2.54mm (.100") No 125V, 250V 28-22, 30-22, 30-24 76650-0234 Wire-to-Board Off the Board KK(R)-100, Milli-GridTM, Mini-LatchTM, Mini-SPOXTM N/A Kit assembled in U.S.A
Mini-LatchTM connectors provide a reliable interface for industry-standard 2.50mm (.098" ) wire-to-board applications. The system includes a box-style contact design and housing-side terminal latch to provide protection to the contact area during and after assembly. The durable housing also includes guide rails and molded tabs to facilitate mating and unmating. The KK(R) system of "building block" connectors can be used to create thousands of different configurations, allowing each user to build a system that is precisely suited to their application. KK(R) has become known as a versatile interconnecting system developed to meet the challenge of modularization. The name SPOXTM comes from the shape of the terminal, which is like a "spring box". This design style provides multiple points of contact, protects the mating interface area, and prevents fish-hooking from wires during handling. Molex's Milli-GridTM family of high density connectors is based on a 2.00 by 2.00mm (.079 by .079") grid pattern. Compared to traditional 2.54mm (.100") pitch connectors, Milli-GridTM connectors offer up to 40% savings in PCB real estate.
Features and Benefits * Box-style contact protects contact area * Cantilever design provides high contact pressure * Very low profile * Locking ramps for improved retention * Polarizing features ensures proper mating * Fully shrouded to protect pins during mating/unmating * Guide rails and molded ledges facilitates mating and unmating * Anti-fishhooking design * Early entry terminal design for superior contact
Applications * Vending and Gaming Machines * Production Equipment * Industrial Instruments
Page 1
* Energy and Power * Computer / Peripherals: Disk Drives, Storage, Servers, Notebook PC, Modems, Motherboards, Monitors * Automotive * Data communication equipment * Office Automation: Printers, Fax machines, Scanners, Copiers * Brown Goods * Telecom: Servers, Hubs, Switches, Routers * Entertainment: Set-top boxes, Car stereos, Video / DVD products * Measuring / Analyzing Equipment, Security systems / alarms, Medical monitoring, Lab equipment * Fitness equipment
Page 2
Bill of Materials Molex Part No. 08-50-0114 22-01-2021 22-01-2041 22-01-2061 22-03-2021 22-03-2041 22-03-2061 22-05-2021 22-05-2041 22-05-2061 08-70-1040 50-37-5023 50-37-5033 50-37-5043 22-03-5025 22-03-5035 22-03-5045 22-05-7025 22-05-7035 22-05-7045 50394-8100 51110-0460 51110-0660 51110-1060 87831-0420 87831-0620 87831-1020 87833-1020 50802-9101 51191-0300 51191-0400 51191-0600 22-04-1031 22-04-1041 22-04-1061 22-05-1032 22-05-1042 22-05-1062 87833-0420 87833-0620 Description KK(R) Female Crimp Terminal, 30-22 AWG 2.54mm (.100") Pitch, KK(R) Receptacle, 2 Circuits 2.54mm (.100") Pitch, KK(R) Receptacle, 4 Circuits 2.54mm (.100") Pitch, KK(R) Receptacle, 6 Circuits 2 Circuit, Vertical Wire-to-Board Header 4 Circuit, Vertical Wire-to-Board Header 6 Circuit, Vertical Wire-to-Board Header 2 Circuit, Right Angle Wire-to-Board Header 4 Circuit, Right Angle Wire-to-Board Header 6 Circuit, Right Angle Wire-to-Board Header Mini-SPOXTM Female Terminal, 28-22 AWG 2 Circuit 2.50mm (.098") Mini-SPOXTM Housing 3 Circuit 2.50mm (.098") Mini-SPOXTM Housing 4 Circuit 2.50mm (.098") Mini-SPOXTM Housing 2 Circuit 2.5mm Mini-SPOXTM Vertical Header 3 Circuit 2.5mm Mini-SPOXTM Vertical Header 4 Circuit 2.5mm Mini-SPOXTM Vertical Header 2 Circuit 2.50mm (.098") Mini-SPOXTM Right Angle Header 3 Circuit 2.50mm (.098") Mini-SPOXTM Right Angle Header 4 Circuit 2.50mm (.098") Mini-SPOXTM Right Angle Header Milli-GridTM Female Crimp Gold Terminal (30-24) AWG 2.00mm (.079") Pitch, Milli-GridTM Receptacle, 4 Circuits, without Center Polarizing Key 2.00mm (.079") Pitch, Milli-GridTM Receptacle, 6 Circuits, without Center Polarizing Key 2.00mm (.079") Pitch, Milli-GridTM Receptacle, 10 Circuits, without Center Polarizing Key 2.00mm (.079") Pitch Milli-GridTM Header, Vertical, Through Hole, 4 Circuits, 0.38Am (15A") Gold 2.00mm (.079") Pitch Milli-GridTM Header, Vertical, Through Hole, 6 Circuits, 0.38Am (15A") Gold 2.00mm (.079") Pitch 10 Circuit Milli-GridTM Vertical Header 2.00mm (.079") Pitch Milli-GridTM 10 Circuits, Milli-Grid Right Angle Header Mini-LatchTM Female Crimp Terminal, 28-22 AWG 2.50mm (.098") Pitch Mini-LatchTM Receptacle, 3 Circuits 2.50mm (.098") Pitch Mini-LatchTM Receptacle, 4 Circuits 2.50mm (.098") Pitch Mini-LatchTM Receptacle, 6 Circuits 2.50mm (.098") Pitch Vertical Header, 3 Circuits 2.50mm (.098") Pitch Vertical Header, 4 Circuits 2.50mm (.098") Pitch Vertical Header, 6 Circuits 2.50mm (.098") Pitch Right Angle Header, 3 Circuits 2.50mm (.098") Pitch Right Angle Header, 4 Circuits 2.50mm (.098") Pitch Right Angle Header, 6 Circuits 32.00mm (079") Pitch 4 Circuit Milli-GridTM Right Angle Head 2.00mm (.079") Pitch 6 Circuit Milli-GridTM Right Angle Header Quantity 100 5 5 5 5 5 5 3 3 3 100 5 5 5 5 5 5 3 3 3 100 5 5 5 5 5 5 3 100 5 5 5 5 5 5 3 3 3 3 3
Recommended Molex Tool Molex Part No. Descripition
Page 3


▲Up To Search▲   

 
Price & Availability of 50394-8100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X