Part Number Hot Search : 
NTE1790 FSM30C DC37PQR5 C3833 YB18H EPA3490G MAX8934D TW0228A
Product Description
Full Text Search
 

To Download 447LN427NF08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 447-427 EMI/RFI Non-Environmental Band-in-a-Can Backshell
with Cable Clamp Strain-Relief Self-Locking Rotatable Coupling - Full Radius Profile
447 F N 427 NF 16 12 K P
447
CONNECTOR DESIGNATORS
Product Series Connector Designator Angle and Profile M = 45 N = 90 See 447-16 for straight Basic Part No.
Polysulfide (Omit for none) B = Band K = Precoiled Band (Omit for none) Cable Range (Table IV) Shell Size (Table I) Finish (Table II)
A-F-H-L-S
SELF-LOCKING ROTATABLE COUPLING
A Thread (Table I)
F (Table III)
H (Table III) G (Table III)
E Typ. (Table I)
Anti-Rotation Device (Typ.) Termination Area Free of Cadmium Knurl or Ridges Mfr's Option
.500 (12.7) Max
J (Table III)
K **
Cable Range
L ** ** (Table IV) Polysulfide Stripes P Option
1.00 (25.4) Max
STYLE 2 (See Note 1)
(c) 2005 Glenair, Inc. CAGE Code 06324
Band Option (K Option Shown See Note 3)
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 447 - Page 18
with Cable Clamp Strain-Relief Self-Locking Rotatable Coupling - Full Radius Profile
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. A-F-L-S H 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 F Max .973 (24.7) 1.017 (25.8) 1.067 (27.1) 1.121 (28.5) 1.170 (29.7) 1.220 (31.0) 1.274 (32.4) 1.328 (33.7) 1.377 (35.0) G Max 1.057 (26.8) 1.111 (28.2) 1.161 (29.5) 1.215 (30.9) 1.264 (32.1) 1.314 (33.4) 1.368 (34.7) 1.422 (36.1) 1.471 (37.4) H Max 1.281 (32.5) 1.406 (35.7) 1.531 (38.9) 1.656 (42.1) 1.781 (45.2) 1.906 (48.4) 2.031 (51.6) 2.156 (54.8) 2.281 (57.9) J Max 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5) 1.875 (47.6) 2.000 (50.8) 2.125 (54.0) 2.250 (57.2) 2.375 (60.3)
Dash No. 10 12 14 16 18 20 22 24 28 32
K .030 .220 .310 .440 .560 .630 .750 .880 1.000 1.060 1.190
TABLE IV: CABLE RANGE Cable Range L Max Min (.8) Max .130 (3.3) .250 (6.4) (5.6) 1.000 (25.4) .250 (6.4) .380 (9.7) (7.9) 1.250 (31.8) .310 (7.9) .440 (11.2) (11.2) 1.340 (34.0) .375 (9.5) .630 (16.0) (14.2) 1.470 (37.3) .560 (14.2) .690 (17.5) (16.0) 1.560 (39.6) .630 (16.0) .750 (19.1) (19.1) 1.620 (41.1) .750 (19.1) .880 (22.4) (22.4) 1.750 (44.5) .880 (22.4) 1.000 (25.4) (25.4) 1.870 (47.5) (26.9) 1.970 (50.0) 1.000 (25.4) 1.130 (28.7) (30.2) 2.090 (53.1) 1.130 (28.7) 1.250 (31.8)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 447 - Page 19
447
447-427 EMI/RFI Non-Environmental Band-in-a-Can Backshell


▲Up To Search▲   

 
Price & Availability of 447LN427NF08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X