Part Number Hot Search : 
Z5237 CY7B991 N5401 KS0127B KTA501 IRLHM620 RCA9229B CH375
Product Description
Full Text Search
 

To Download 3008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KK Maxi (R) - 3.96mm & 5.08mm Modular Interconnection System
KK MAXI 3.96mm
Description
Style Vertical Right angle
Circuit Sizes 2 to 20 ckt 2 to 20 ckt 2 to 20 ckt 2 to 20 ckt 2 to 20 ckt
Series no. 3192 3246 3190 3243 3279
Material Nylon / Brass Nylon / Brass Nylon / Brass Nylon / Brass Nylon / Brass
Packaging Bag Bag Bag Bag Bag
Header
Vertical, Backwall Right angle, Backwall Vertical Top entry
PCB Connector
Bottom entry Right angle
2 to 15 ckt
3215
Nylon / Phosphor Bronze
Tray
Housing
Crimp housing
2 to 20 ckt
3069
Nylon
Bag
Terminal
18 to 20 AWG 22 to 26 AWG
2478 2578
Brass or Phosphor Bronze Brass or Phosphor Bronze
Bag or reel Bag or reel
KK MAXI 5.08mm
Description
Style Vertical, Backwall
Circuit Sizes 2 to 20 ckt 2 to 20 ckt 2 to 20 ckt 2 to 15 ckt
Series no. 2599M 3003 3008 3061
Material Nylon / Brass Nylon / Brass Nylon / Brass Nylon / Brass
Packaging Bag Bag Bag Bag
Header
Vertical Vertical Right angle Top entry
PCB Connector
Bottom entry Right angle
2 to 20 ckt
3002
Nylon / Phosphor Bronze
Tray
Housing
Crimp housing
2 to 20 ckt
3001 / 3011
Nylon
Bag
Terminal
18 to 20 AWG 22 to 26 AWG
2478 2578
Brass or Phosphor Bronze Brass or Phosphor Bronze
Bag or reel Bag or reel
Wire-to-Board and Board-to-Board interconnection system TECHNICAL INFORMATION
Housing Contact material Plating Voltage Current rating Mating force Unmating force Temperature operating Temperature non operating Nylon UL 94V-2 Brass or Phosphor Bronze Tin & Gold 250 Volts up to 7.0A 10.0 N maximum per circuit 3.7 N minimum per circuit 0 to +75 C -40 to +105 C
KK Maxi (R) - 3.96mm & 5.08mm Modular Interconnection System
Specs vary by product. Please see catalog for details.
APPLICATIONS
Consumer / Whitegoods Car Stereos, Lighting Panels, Control Panels Kitchen Appliances, Whirlpools, Refrigerators Security / Vending Alarms, Garage Doors, Cameras Lottery Machines, Slot / Pinball Machines, Coin Changers Datacomm / Professional ATM Machines, PC's, Workstations, Monitors Medical / Office Equipment Heart Monitors, Dental Equipment, Defibilators Projectors, Copiers, Printers, Fax Machines Industrial Elevators, Escalators, Air Conditioning, Central Heating Power Supplies, Industrial Equipment, Lighting Systems
KEY FEATURES
Available on 3.96 mm and 5.08 mm center spacings Polarisation via insertable keys and pegs Allows connections anywhere on the board Double cantilever style terminal Selective gold plating options End-to-end stacking capabilities Locking ramp for improved mated retention with locking headers Accepts KK gas tight crimp terminals Headers available with square or round pins
See Molex catalog or www.molex.com for details
Americas Headquarters Lisle, Illinois 60532 U.S.A. Tel: 1-800-78MOLEX amerinfo@molex.com Far East North Headquarters Yamato, Kanagawa, Japan Tel: 81-462-65-2324 feninfo@molex.com Far East South Headquarters Jurong, Singapore Tel: 65-6-268-6868 fesinfo@molex.com European Headquarters Munich, Germany Tel: 49-89-413092-0 eurinfo@molex.com Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. Tel: 630-969-4550
Visit our Web site at http: //www.molex.com
MUN/E032/REV2 Printed in Germany/2K/whp/whp/2003.05 (c)Molex Services, 2003


▲Up To Search▲   

 
Price & Availability of 3008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X