Part Number Hot Search : 
FKPF3N80 AR0233AT MCJ16 MP420907 TXV2N 26100 065HN 200AB
Product Description
Full Text Search
 

To Download 2SJ324 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Power Transistors 2SJ324
TO-252
IC MOSFET
Features
Low on-state resistance RDS(on)=0.18 RDS(on)=0.36 (VGS=-10V,ID=-1A)
+0.2 9.70-0.2
Unit: mm
+0.1 2.30-0.1 +0.8 0.50-0.7
Built-in G-S Gate Protection Diode
+0.1 0.80-0.1
+0.15 0.50-0.15
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
1 Gate 2 Drain 3 Source
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage (DC) Gate to source voltage (AC) Drain current (DC) Drain current(pulse) * Power dissipation TC=25 TA=25 Channel temperature Storage temperature * PW 10 s; d 1%. Tch Tstg Symbol VDSS VGSS VGSS ID ID PD Rating -30 -20,+10 20 2.0 8.0 20 1.0 150 -55 to +150 Unit V V V A A W W
3.80
(VGS=-4V,ID=-0.8A)
+0.15 1.50-0.15
+0.15 6.50-0.15 +0.2 5.30-0.2
www.kexin.com.cn
1
SMD Type
2SJ324
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Gate to source breakdown voltage Drain cut-off current Gate leakage current Gate cut-off voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total Gate Charge Gate to Source Charge Gate Drain Charge Body Diode Forward Voltage Reverse Recovery time Reverse Recovery Charge Symbol VDSS VGSS IDSS IGSS Testconditons ID=-10mA,VGS=0 IG= 100 A,VDS=0 Min -200 20
MOSFET IC
Typ
Max
Unit V V
VDS=-30V,VGS=0 VGS= 16V,VDS=0 -1.0 1.0 -1.5 1.9 0.18 0.36 330 VDS=-10V,VGS=0,f=1MHZ 290 105 7 VGS(on)=-10V,VDD=-15V,ID=--1A RL=15 ,RG=10 35 40 30 12 VGS=-10V,ID=-2.0A,VDD=-24V 1.5 4.5 IF=2.0A,VGS=0 IF=2.0A,VGS=0,di/dt=50A/ s 0.9 50 40
-10 10 -2.0
A A V S
VGS(off) VDS=-10V,ID=-1mA Yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg QGS QGD VF trr Qrr VDS=-10V,ID=-1A VGS=-10V,ID=-1A VGS=-4V,ID=-0.8A
0.25 0.52 pF pF pF ns ns ns ns nC nC nC V ns nC
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SJ324

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X