Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download 2SC4429 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4429
DESCRIPTION *High Breakdown Voltage: V(BR)CEO= 800V(Min) *Fast Switching speed *Wide Area of Safe Operation
APPLICATIONS *Designed for switching regulator Applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
1100
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
ICP
Collector Current-Pulse
w
ww
scs .i
V 800 V 7 V 8 A 25 A 4 A 60 W
.cn mi e
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature 3
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO VCEX(SUS) V(BR)CBO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 COB fT PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Sustaining Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain CONDITIONS IC=5mA; RBE= IC= 4A; L=1mH, IB1=-IB2=0.8A Clamped IC=1mA; IE=0 IE=1mA; IC=0 IC= 4A; IB= 0.8A
B
2SC4429
MIN 800 800 1100 7
TYP.
MAX
UNIT V V V V
2.0 1.5 10 10 40
V V A A
IC= 4A; IB= 0.8A
B
VCB= 800V; IE= 0
Output Capacitance
Current-Gain--Bandwidth Product
w w
scs .i w
VEB= 5V; IC= 0
IC=0.6A ; VCE= 5V IC= 3A ; VCE= 5V
.cn mi e
10 8 155 15
IE= 0 ; VCB= 10V; ftest=1.0MHz
pF MHz
IC= 0.6A ; VCE= 10V
Switching times ton tstg tf Turn-on Time Storage Time Fall Time IC= 6A , IB1=1.2A; IB2= -2.4A RL= 66.7; VCC=400V 0.5 3.0 0.3 s s s
hFE-1 Classifications K 10-20 L 15-30 M 20-40
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4429
w w
scs .i w
.cn mi e
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SC4429

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X