Part Number Hot Search : 
M00000 5KE18 MUR3040 W20NB60 IT4005D ML410PZA MC683 F55215RF
Product Description
Full Text Search
 

To Download 2SC4107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4107
DESCRIPTION *With TO-220C package *High breakdown voltage and high reliability *Fast switching speed. *Wide area of safe operation APPLICATIONS *400V/10A switching regulator applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
*
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Ta=25 PC Collector dissipation TC=25 Tj Tstg Junction temperature Storage temperature 60 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 10 20 3.5 1.75 W UNIT V V V A A A
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 hFE-3 fT COB PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=5mA ; RBE= IC=1mA ; IE=0 IE=1mA ; IC=0 IC=6A; IB=1.2A IC=6A; IB=1.2A VCB=400V ;IE=0 VEB=5V; IC=0 IC=1.2A ; VCE=5V IC=6A ; VCE=5V IC=10mA ; VCE=5V IC=1.2A ; VCE=10V f=1MHz ; VCB=10V 15 10 10 20 120 MIN 400 500 7 TYP.
2SC4107
MAX
UNIT V V V
0.8 1.5 10 10 50
V V A A
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time IC=7A;IB1=1.4A; IB2=-2.8A;RL=28.6 VCC=200V 0.5 2.5 0.3 s s s
hFE-1 classifications L 15-30 M 20-40 N 30-50
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4107
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4107
4


▲Up To Search▲   

 
Price & Availability of 2SC4107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X