Part Number Hot Search : 
E1300 BZX79 1N959D TA1275Z EML6243 53200 SI6821 L2TVS60A
Product Description
Full Text Search
 

To Download 2SB649A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB649/2SB649A
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
PNP Type
Plastic Encapsulate Transistors
TO-126C
8.00.2 2.00.2 4.140.1 3.20.2
FEATURES Power smplifier applications Power dissipation PCM : 1 W Tamb=25ae (c) Collector current ICM : - 1.5 A Collector-base voltage V(BR)CBO : -180 V Collector-emitter voltage VCEO 2SB649 : -120 V 2SB649A : -160 V Operating and storage junction temperature range TJTstg: -55ae to +150 ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Collector-emitter breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) * DC current gain hFE(2) * Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance VCE (sat) * VBE * VCE=- 5V, IC = -500mA IC =- 500 mA, IB=- 50mA VCE=- 5V,IC=-150mA ,, VCE=-5V IC=- 150 mA VCB=-10 V , IE =0,f=1MHz
11.00.2
1 2 3
O2.80.1
O3.20.1
1.40.1
1.270.1 15.30.2 0.760.1 2.28 Typ. 4.550.1 0.50.1
1: Emitter 2: Collector 3: Base
Dimensions in Millimeters
unless
Test
otherwise
specified(c)
MIN -180 MAX UNIT V V V -10 -10
conditions
Ic=-1mA IE=0 Ic=-10mA IB=0 IE=-1mA Ic=0 VCB=- 160 V, IE=0 VEB= -4V , IC =0 2SB649 2SB649A 2SB649 2SB649A
-120 -160 -5
|I A |I A
VCE= -5V, IC= -150 mA
60 60 30
320 200
-1 -1.5 140 27
V V MHz pF
fT
C ob
*
The 2SB649 and 2SB649A are grouped by h FE1 as follows. Rank 2SB649 2SB649A
B
60 - 120 60 - 120
C 100 - 200 100 - 200
D 160 - 320 ---Any changing of specification will not be informed individual
Page 1 of 2
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
2SB649/2SB649A
Elektronische Bauelemente
PNP Type
Plastic Encapsulate Transistors
Maximum Collector Dissipation Curve 30 Collector power dissipation PC (W) -3 ICmax Collector current IC (A) -1.0
Area of Safe Operation (-13.3 V, -1.5 A)
20
(-40 V, -0.5 A) -0.3 -0.1 DC Operation (TC = 25C)
10
-0.03 2SB649 -0.01 -1
(-120 V, -0.038 A) (-160 V, -0.02 A) 2SB649A
0
50 100 Case temperature TC (C)
150
-3 -10 -30 -100 -300 Collector to emitter voltage VCE (V)
Typical Output Characteristics -1.0
.5 -5
Typical Transfer Characteristics -500 VCE = -5 V Collector current IC (mA) -100
Collector current IC (A)
-0.8
Ta = 75C
0 IC = 10 IB
-0.6
0 5. --4.5 .0 -4 .5 -3 0 -3. -2.5 -2.0
TC = 25C
-0.4
-1.5
-1.0
-10
-0.2
-0.5 mA
IB = 0 0 -30 -50 -10 -20 -40 Collector to emitter voltage VCE (V)
-1 -0.2 -0.4 -0.6 -0.8 -1.0 Base to emitter voltage VBE (V)
DC Current Transfer Ratio vs. Collector Current VCE = -5V
Ta = 75C
25C
Collector to Emitter Saturation Voltage vs. Collector Current Collector to emitter saturation voltage VCE(sat) (V) -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 -0 -1
350 DC current transfer ratio hFE 350 250 200 150 100 50
-25C
25 -25
Ta
-10 -100 Collector current IC (mA)
=7
-25 25 -1,000
0 -1
-10 -100 -1,000 Collector current IC (mA)
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 2of 2
5C
PC = 20 W


▲Up To Search▲   

 
Price & Availability of 2SB649A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X