Part Number Hot Search : 
SR2100 EVALZ NTE451 A471J 4743A E2502H42 A6275ELW 75B12
Product Description
Full Text Search
 

To Download 2SB1037 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-220 package High allowable collector dissipation. Complement to type 2SD1459 APPLICATIONS For color TV vertical output, sound output applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
2SB1037
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak CONDITIONS Open emitter Open base Open collector VALUE -150 -150 -5 -1.5 -3 2.0 PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 30 175 -55~175 ae ae W UNIT V V V A A
JMnic
Product Specification
Silicon NPN Power Transistors
2SB1037
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-offcurrent Emitter cut-offcurrent DC current gain Transition frequency CONDITIONS IC=-10mA ; IB=0 IC=-0.5A, IB=-50mA IC=-0.5A, IB=-50mA VCB=-120V;IE=0 VEB=-5V;IC=0 IC=-0.3A ; VCE=-5V IC=-0.1A ; VCE=-5V 70 15 MIN -150 -1.5 -1.2 -10 -10 200 MHz |I |I TYP MAX UNIT V V V A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT
hFE classifications Q 70-140 R 100-200
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SB1037
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SB1037
4


▲Up To Search▲   

 
Price & Availability of 2SB1037

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X