Part Number Hot Search : 
C3720 C226M 1100E 70013 HYS64 MSTRP MM3Z10 1N1197
Product Description
Full Text Search
 

To Download 279DL1LP41000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 279D
DC Axial Fans
Series
60x60x10 mm
[ 2.36 x 0.39" ]
279D series are not available anymore.
Please consult factory: Tel.: +33 (0)2 54 23 14 54 Sales department: info@etrinet.com
Approvals
R
V E
Brushless DC Motor Life expectancy
L-10 LIFE AT 40C: 50 000 hours Electrical protection: impedance protected Housing material: plastic UL 94 VO Impeller material: plastic UL 94 VO Weight: 35 g
Available with:
- speed sensor - open collector alarm
STATIC PRESSURE: mm H2O
2,0 1,8 1,6 1,4 1,2 1,0 0,8 0,6 0,4 0,2 0,0 0 1 2 3 4 5 6
3,0
4,0
279DL
2,5 2,0 1,5 1,0 0,5 0,0 0 2 4
279DM
3,5 3,0 2,5 2,0 1,5 1,0 0,5 0,0
279DH
6
8
0
2
4
6
8
10
AIRFLOW: I/s
Part number 279DL5LP41000 279DL1LP41000 279DM5LP41000 279DM1LP41000 279DH5LP41000 279DH1LP41000 Nominal Airflow Noise voltage level V l/s dB(A) 5 5,0 27 12 5,0 27 5 6,2 31 12 6,2 31 5 7,8 35 12 7,8 35 Nominal speed RPM 3500 3500 4200 4200 5000 5000 Input power W 0,8 0,9 1,2 1,2 1,5 2,2 Voltage range V (4,5-5,5) (7-13,8) (4,5-5,5) (7-13,8) (4,5-5,5) (7-13,8) Bearing system Connection type Operating temperature Ball X X X X X X Sleeve X X X X X X Leads Terminals X X X X X X Min. C - 10 - 10 - 10 - 10 - 10 - 10 Max. C 60 60 60 60 60 60
Accessories:
- Plastic finger guard P/N : PFG-60 - Plastic filter P/N : F60/T102 - Metal finger guard P/N : 60-43 - Metal mesh filter P/N : 60-G - Rubber mounts P/N : AM-10
ETRI
Http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT,
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N2/01-Rev.1


▲Up To Search▲   

 
Price & Availability of 279DL1LP41000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X