Part Number Hot Search : 
LP660C GT31N 45000 ZMM5221B MBR1504 V640MU AM29F016 GT31N
Product Description
Full Text Search
 

To Download 2343 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cord Sets www.schurter.com/pg07_2 Power Supply Cord with UK Power (Mains) Plug 3-pole, Angled
2343
United Kingdom
BS 1363A
Description
Power Supply Cord, protection class I or II, Pin temperature 70 C, Cable
References Weblinks
General Product Information Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store, Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC Ratings UL/CSA Dielectric Strength 13 A / 250 VAC; 50 Hz 13 A / 250 VAC; 60 Hz > 2 kVDC between L-N > 2 kVAC between L/N-PE (1 min/50 Hz) -25 C to 70 C from front side IP 20 acc. to IEC 60529 Suitable for appliances with protection class 1 or 2 acc. to IEC 61140 moulded PVC, black or grey 48.9 mm
48.9 27.5
Allowable Operation Temp. Degree of Protection Protection Class Terminal Material: Housing
Dimensions
70
22.5
22.15
o 12
Connectors
2343
www.schurter.com/pg07_2 Config. Code 2343|-|R|-|Type|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables. Typ steht fur die Dose bzw. 2. Seite, Lange ist die Leitungslange in mm.
Cord Sets
Product Configurator
2343|-| R |-|Type|-|D|-|Length| = cord type
cord type H03VV-F 2x0,75mm2 H03VVH2-F 2x0,75mm2 H03VV-F 3G0,75mm2 H05VV-F 2x0,75mm2 H05VV-F 2x1,0mm2 H05VV-F 3G0,75mm2 H05RR-F 3G0,75mm2 H05VV-F 3G1,0mm2 H05VV-F 3G1,5mm2 special cord Cord definition is detailed in general product information XXX Configuration key A B C D F G H I K Z
2343|-|R|-| Type |-|D|-|Length| = Cord end 2
Cord end 2 zzzz, 0301, 3013, 3016, 3020, 3030, 3113, 3127, 3130, 9011
2343|-|R|-|Type|-| D |-|Length| = Color
Color jet black; RAL9005 silver grey; RAL7001 standard color: black Configuration key A B
2343|-|R|-|Type|-|D|-| Length | = Cord length
Cord length zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000 Cord length in mm
Variants
Config. Code 2343-I-zzzz-A-002500 2343-F-3130-A-002500 Description 2343, IEC Power Supply Cord , 70C, version: Protection Class 1 or 2, cord type: H05VV-F 3G1,0mm2, cord end: zzzz, color: jet black; RAL9005, cord lenght in mm: 002500 2343, IEC Power Supply Cord , 70C, version: Protection Class 1 or 2, cord type: H05VV-F 2x1,0mm2, cord end: 3130, color: jet black; RAL9005, cord lenght in mm: 002500 Order Number 6051.0010 6051.0091
The listet variants should be available from stock Other versions on request www.schurter.com/contact
Packaging unit
100 Pcs
2
The specifications, descriptions and illustrations indicated in this document are based on Connectors current information. All content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 2343

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X