Part Number Hot Search : 
C123J D227EI 2SJ337 DA3B182 MIC47050 TDA8034 M54617P NJM2232A
Product Description
Full Text Search
 

To Download 1N758 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SEMICONDUCTOR
0.5W SILICON PLANAR ZENER DIODES DO-35
FEATURES
Silicon planar power zener diodes Standards zener voltage tolerance is +10%.Add suffix "A" for+5% tolerance, other tolerances are available upon request
0.079(2.0) MAX DIA
1.083(27.5) MIN
0.150(3.8) MAX
MECHANICAL DATA
Case: DO-35 glass case Polarity: Color band denotes cathode end Weight: Approx. 0.13 gram
0.020(0.52) MAX DIA 1.083(27.5) MIN
Dimensions in inches and (millimeters)
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES) (TA=25 C)
Zener current see table "Characteristics" Power dissipation at TA=50 C Junction temperature Storage temperature range
Ptot TJ TSTG
5001) 175 -65 to+175
mW
C C
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
ELECTRICAL CHARACTERISTICS (TA=25 C)
Thermal resistance junction to ambient air Forward voltage at IF=200mA
R
JA
3001) 1.5
C/W
VF
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
13-2
Zener Voltage Range1)
VZ V 1N746 1N747 1N748 1N749 1N750 1N751 1N752 1N753 1N754 1N755 1N756 1N757 1N758 1N759 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 12.0 20 IZT mA 28 24 23 22 19 17 11 7 5 6 8 10 17 30 %/ C -0.062 -0.055 -0.049 -0.036 -0.018 -0.008 +0.006 +0.022 +0.035 +0.045 +0.052 +0.056 +0.060 +0.060 2 1 10 T A=25 C A
2)
TA=150 C A mA 110 100 30 95 85 75 70 65 60 20 55 50 45 40 35 30
0.1
1)Tested with pulses tp=20ms 2) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
13-3


▲Up To Search▲   

 
Price & Availability of 1N758

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X