|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATASHEET| FEBRUARY 20, 2008 Model 1933F CATV Coaxial DFB Laser Diode 1310nm, Wide Bandwidth 5MHz - 2700MHz Emcore's Model 1933F DFB lasers offer a low cost solution for linear fiberoptic links. These components can be cooled with external thermoelectric coolers for high stability, or run without TEC's to reduce power consumption. The DFB laser builds upon Ortel's long history of high performance, leading edge designs in CATV, wireless, and high speed digital applications. The laser diode devices are packaged in a compact hermetic assembly together with monitor photodiode and isolator, for Applications Video signal distribution in HFC and FTTx nodes High linearity, low power fiber links Operating Case Temperature Range flexible integration into various transmitter configurations. Performance Highlights Min -40 3 Optical Output Power 6 9 10 Frequency Range Carrier-to-Noise Ratio (79 channels) Composite Second Order (79 channels) Standard Linearity Enhanced Linearity Composite Triple Beat (79 channels) Standard Linearity Enhanced Linearity Center Wavelength Optical Return Loss Side Mode Suppression Ratio, CW 1300 35 30 -65 -68 1320 nm dB dB dBc -57 -60 dBc 5 51 Typical Max 80 5.8 8.8 9.8 11.8 2700 MHz dB dBm Units C Features Linear DFB laser design Output power up to 10 dBm available Bandwidth > 2700 MHz RoHS compliance Optical Isolator Low power consumption Monitor photodiode See following pages for complete specifications and conditions. For more information on this and other products: Contact Sales at Emcore 626-293-3400, or visit www.emcore.com. Model 1933F 1310 nm CATV Coaxial DFB Laser Diode DATASHEET| FEBRUARY 20, 2008 Absolute Maximum Ratings1 Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. Parameters Storage Temperature Operating Case Temperature Laser Diode Forward Current Laser Diode Reverse Voltage Photodiode Forward Current Photodiode Reverse Voltage Average RF Input Power Lead Soldering Temperature/Time Relative Humidity ESD 1. Symbol TSTG TOP IOP VR IMPD VMPD,R PIN RH - Condition/Notes Non-Operating Continuous CW Continuous Continuous Continuous 60 Seconds Continuous Human Body Model MIN -40 -40 -500 MAX 85 80 100 1.0 2 10 62 260/10 85 +500 Unit o C o C mA V mA V dBmV o C/sec % V Absolute maximum data are limited to system design only; proper device performance is not guaranteed over rating listed above. Operation beyond these maximum conditions may degrade device performance, lead to device failure, shorter lifetime, and will invalidate the device warranty. EMCORE CORPORATION Model 1933F 1310 nm CATV Coaxial DFB Laser Diode DATASHEET| FEBRUARY 20, 2008 Electrical/Optical Characteristics Parameters Optical Output Power Symbol PO Conditions/Notes 3 dBm version 6 dBm version 9 dBm version 10 dBm version Tcase = 25C Tcase = 45C Iop VMPD = 5V, Iop = 40 mA VMPD = 5V, Iop = 0 Tcase = 25C Iop CW, Iop, 5 MHz - 1002 MHz Tcase = 25C Iop Iop Tcase = 25C Min 3 6 9 10 2 200 1300 30 30 35 Typ 8 13 1.17 4 0.1 45 Max 5.8 8.8 9.8 11.8 15 20 80 1.8 8 1800 50 1320 -145 1.0 Unit dBm Threshold Current Laser Bias Current Forward Voltage Laser Input Impedance MPD Current MPD Dark Current Center Wavelength Relative Intensity Noise Optical Isolation Spectral Width (-20 dB) Side Mode Suppression Ratio Optical Return Loss 1. Referenced to base of TO header. ITH IOP VF Z IMPD ID c RIN ISO SMSR ORL mA mA V A nA nm dB/Hz dB nm dB dB RF Characteristics Parameters Bandwidth3 dB Frequency Response Flatness 1 1 Symbol BW |S21| CNR CSO Response Up-tilt 2,3,4 Carrier-to-Noise Ratio 2,3,4 Composite Second Order Standard Linearity Enhanced Linearity 2,3,4 Composite Triple Beat Standard Linearity Enhanced Linearity 1. 2. 3. 4. Conditions/Notes Iop, Tcase = 25C 5 MHz < f < 1002 MHz 950 MHz < f < 2700 MHz 5 MHz < f < 1002 MHz Iop Iop Tcase = 25C Iop Tcase = 25C Min 2700 -1 51 - Typ - Max 1 3 3 -57 -60 -65 -68 Unit MHz dBp-p dB dB dBc CTB dBc Iop, Tcase = 25C. Test with the laser Input pin matched to a 50 system. 3.7% OMI, 79 NTSC unmodulated carriers (50 MHz to 550 MHz). 10 km fiber. Received power = 0 dBm. Iop, Tcase = 25C. Test with the laser Input pin matched to a 75 system. EMCORE CORPORATION 3 Model 1933F 1310 nm CATV Coaxial DFB Laser Diode Package Outline Drawing DATASHEET| FEBRUARY 20, 2008 Mounting Bracket EMCORE CORPORATION 4 Model 1933F 1310 nm CATV Coaxial DFB Laser Diode DATASHEET| FEBRUARY 20, 2008 Reliability/Quality Designed to meet qualification requirements of TelcordiaTM (Bellcore) GR-468-CORE. Schematic and Pinout 3 PD 4 2 LD 1 Pinout A Pin Definitions Pin 1 2 3 4 Description LD Anode, Case Ground LD Cathode PD Cathode PD Anode EMCORE CORPORATION 5 Model 1933F 1310 nm CATV Coaxial DFB Laser Diode DATASHEET| FEBRUARY 20, 2008 Laser Safety This product meets the appropriate standard in Title 21 of the Code of Federal Regulations (CFR). FDA/CDRH Class IIIb laser product. This device has been classified with the FDA/CDRH under accession number TBD. Single-mode fiber pigtail with SC/APC connectors (standard). Wavelength = 1.3 m. Maximum power = 50 mW. Because of size constraints, laser safety labeling (including an FDA class IIIb label) is not affixed to the module, but attached to the outside of the shipping carton. Product is not shipped with power supply. Caution: Use of controls, adjustments and procedures other than those specified herein may result in hazardous laser radiation exposure. DANGER INV IB LA RRA TIO IS LE SE DIA N A O DIR CT E P SU T BE V ID E X O RE O AM W ele av ngth: 1 .3 m M .O ax utpu 50 m , t: W Cla II La r P ss Ib se roduc t DANGER INVI SIBLE LASER RADI ATION IS EMITTED FROM THE END OF FIBER OR CONNECTOR Avoid di rect exposure to beam Do not view beam directly wi th optical instr uments INVISIBLE LASER RADIATION EMITTED FROM END OF FIBER OR CONNECTOR A oide os e to b m v xp ur ea C s 3BL e P duc I C-6 82 1 3 la s as r ro t E 0 5 99 M . O tput: 50 m ax u W W ve ng 1 a le th: .3 m EMCORE CORPORATION 6 Model 1933F 1310 nm CATV Coaxial DFB Laser Diode DATASHEET| FEBRUARY 20, 2008 Ordering Code Definitions 1933F-w-x-yy-zz-v Family Name 1933F: Forward Path, Uncooled, Coaxial Laser Distortion Performance w = A: Standard Linearity w = B: Enhanced Linearity Pinout x = A: Pinout A Fiber Length, Optical Connector yy = FA: FC/APC, 900 micron buffer, 1.0 - 1.4 meter yy = SA: SC/APC, 900 micron buffer, 1.0 - 1.4 meter Optical Output Power zz = 03: 3 dBm (2 mW) zz = 06: 6 dBm (4 mW) zz = 09: 9 dBm (8 mW) zz = 10: 10 dBm (10 mW) Mounting Bracket v = B: Mounting Bracket v = N: No Mounting Bracket Example 1933F-B-A-SA-10-N: Forward Path Uncooled Coaxial Laser, High Linearity, Pinout A, SC/APC optical connector, 10dBm optical power, No Mounting Bracket. Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of the product at any time without notice. EMCORE and the EMCORE logo are trademarks of EMCORE Corporation. EMCORE CORPORATION 2015 West Chestnut Street Alhambra, California 91803-1542 EMCORE CORPORATION Tel: 626-293-3400 Fax: 626-293-3428 www.emcore.com 7 Copyright 2007. EMCORE Corporation ds.1933 |
Price & Availability of 1933F-A-A-FA-10-B |