Part Number Hot Search : 
MLC161B TCA3388 ITS16SF2 1N522 128K8 TC299 CDLL4112 FT24C02A
Product Description
Full Text Search
 

To Download 1812SMS-22N-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 184-1
Midi Spring Air Core Inductors
(R)
* Air core inductors feature high Q and current handling * Acrylic top provides a flat surface for pick and place * Solder coated leads ensure reliable soldering
Weight 0.10 - 0.16 g Terminations RoHS compliant tin-silver over copper. Other terminations available at additional cost. Ambient temperature -40C to +125C with Irms current, +125C to +140C with derated current Storage temperature Component: -40C to +140C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) One per billion hours / one billion hours, calculated per Telcordia SR-332 Packaging 500/7 reel; 2000/13 reel Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing, 4.2 mm pocket depth PCB washing Only pure water or alcohol recommended
Part number1 1812SMS-22N_L_ 1812SMS-27N_L_ 1812SMS-33N_L_ 1812SMS-39N_L_ 1812SMS-47N_L_ 1812SMS-56N_L_ 1812SMS-68N_L_ 1812SMS-82N_L_ 1812SMS-R10_L_ 1812SMS-R12_L_ 1812SMS-R15_L_
Inductance2 (nH) 22 27 33 39 47 56 68 82 100 120 150
Percent tolerance3 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2
Q2 typ 135 135 130 135 135 125 120 120 115 125 145
Q2 min 100 100 100 100 100 100 100 100 100 100 100
Test freq. (MHz) 150 150 150 150 150 150 150 150 150 150 150
SRF min4 (GHz) 3.2 2.7 2.5 2.1 2.1 1.5 1.5 1.3 1.2 1.1 0.75
DCR max5 (mOhm) 4.2 4.0 4.8 4.4 5.6 6.2 8.2 9.4 12.3 17.3 33.0
Irms6 (A) 3.0 3.5 3.0 3.0 3.0 3.0 2.5 2.5 1.7 1.5 1.2
1. When ordering, specify tolerance, termination and packaging codes: 1812SMS-R12GLC Tolerance: G = 2% J = 5% Termination: L = RoHS compliant tin-silver (96.5/3.5) over copper. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape, 500 parts per full reel. B = Less than full reel. In tape, but not machine-ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked, 2000 parts per full reel.
2. Inductance and Q tested on the Agilent/HP 4291A with the 16193 fixture and correlation. 3. Tolerances in bold are stocked for immediate shipment. 4. SRF tested on the Agilent/HP 8753D and the SMD-D test fixture. 5. DCR tested on the Cambridge Technology Model 510 Micro-ohmmeter. 6. Current that causes a 15C temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering. For part marking data see Color Coding section.
Specifications subject to change without notice. Please check our website for latest information.
Document 184-1
Revised 10/29/08
(c) Coilcraft, Inc. 2009
Document 184-2
Designer's Kit C318 contains 12 each of all 5% values. Designer's Kit C318-2 contains12 each of all 2% values.
Midi Spring Air Core Inductors
(R)
Typical L vs Frequency
250 200
Typical Q vs Frequency
250 22 nH
200
Inductance (nH)
120 nH
150
Q factor
150
39 nH 68 nH 120 nH
68 nH 39 nH
100
100
50
22 nH
50
0 1 10 100
1000
10000
0
1
10
100
1000
10000
Frequency (MHz)
Frequency (MHz)
Irms Derating
120 110 100
Percent of rated Irms
90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120 140
25C
Ambient temperature (C)
Encapsulant A D E
Recommended Land Pattern Strip Length
135 max F
0.058 1,48 0.203 5,16
C B
0.103 2,62
A max 0.195 4,95
B max 0.250 6,35
C max 0.165 4,20
D 0.140 0.010 3,56 0,25
E 0.170 0.015 4,32 0,38
F max 0.030 0,76
0 min
0.170 4,32 inches mm
Dimensions are in
Specifications subject to change without notice. Please check our website for latest information.
Document 184-2
Revised 10/29/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of 1812SMS-22N-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X