|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
200 W, CW Helix TWT Series, 1.0 GHz to 2.0 GHz, Periodic-Permanent, Magnet Focused, Coaxial Input and Coaxial Output, and Conduction Cooled. Custom configurations are also available. These variations in the performance and configuration include: mechanical configuration, electrical and RF connections, & dual stage depressed collector. Model Number Frequency (GHz) 1.0 - 2.0 Power Output (Min.) 200 W PI VTL-6242F1 Features * * * * * * * * 200 Watts 1.0 GHz - 2.0 GHz PPM Focusing Coaxial Input Coaxial Output Any Mounting Position Weight: 20 lbs. Max Conduction Cooled Heater Voltage Parameters: Units: Maximum: Minimum: Operating Parameters Heater Surge Current Collector Voltage Cathode Current Helix Voltage Helix Current Ef V 6.6 6.0 If A 5.0 --Cathode Warm-up Time tk minutes --3 Eb Vdc 3900 3100 Ik mAdc 525 --- Ew Vdc 3900 3100 Iw mAdc 65 --- Parameters: Units: Maximum: Minimum: Drive Power Pd mW 500 --- Load VSWR 2.0 --- The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. For additional information on CPI MPP products contact: CPI MPP, Helix TWT Operation - 811 Hansen Way, Palo Alto, CA 94303-0750 Phone: 650-846-3900, Fax: 650-494-8779, Email: marketing@cpii.com, www.cpii.com/mpp |
Price & Availability of VTL-6242F1 |