Part Number Hot Search : 
KPC6N136 125FU SPX1581 NEA005 B3060 LH168M H57AD K4S56
Product Description
Full Text Search
 

To Download VKL-7811 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cpi[
CPI/Microwave Power Products' (MPP) offers klystrons for particle accelerator applications. The VKL-7811 series of klystrons provides up to 10 kilowatts CW at 1.3 or 1.497 GHz. Its robust design has a proven long life and reliability.
Features
* Compact * Water Cooled * Permanent Magnet Focusing * Coaxial or Waveguide Output * Hundreds in Service * Long Life * Proven Reliability
VKL-7811ST
Typical Operating Parameters
Product Type Frequency (MHz) VKL-7811W VKL-7811E VKL-7811ST 1497 1300 1300 Output Power (kW) 5.5 11.0 11.0 Drive Power (W) 1.5 3.5 3.5 Bandwidth (-3 dB) (MHz) 6.3 4.0 4.0 Beam Voltage (kV) 11.6 15.0 15.0 Beam Current (A) 1.3 1.95 1.95 Output Connector --Modified 1 5/8 Coax 1 5/8 Coax WR-650 W/G Flange
For additional information on these klystrons and other CPI/MPP products, visit our website at www.cpii.com/mpp, or contact: CPI/Microwave Products Division, 811 Hansen Way, Palo Alto, CA 94303-0750 Telephone: 650-846-3900, Fax: 650-856-0705, Email: marketing@mpp.cpii.com
cpi[
VKL-7811W Layout Drawing
12
Frequency Response
Data from VKL-7811 ST, S/N 1009 Beam Voltage = 15 kV Beam Current = 1.95 A
Output Power, kW
10
8
6
4
2
0 1296
1297
1298
1299
1300
1301
1302
1303
1304
Frequency, MHz
12 11
Transfer Curve
Output Power, kW
10 9 8 7 6 5 4 3 2 1 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 Drive Power, W
Data from VKL-7811 ST, S/N 1009 Beam Voltage = 15 kV Beam Current = 1.95 A
For additional information on these klystrons and other CPI/MPP products, visit our website at www.cpii.com/mpp, or contact: CPI/Microwave Products Division, 811 Hansen Way, Palo Alto, CA 94303-0750 Telephone: 650-846-3900, Fax: 650-856-0705, Email: marketing@mpp.cpii.com


▲Up To Search▲   

 
Price & Availability of VKL-7811

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X