Part Number Hot Search : 
BPC25 CPZ37R L1021 LB11669M 161505J 2SC5820 16160 FQS4903
Product Description
Full Text Search
 

To Download VJ0805F104MXXAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Not for New Designs Product Discontinuation
VJ Cer-F (Y5E) Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
FEATURES
* An alternative to film capacitors for use in high frequency filtering in automotive audio, equalizer and crossover network applications * Characteristics similar to film capacitors with the reliability of ceramics * Available in 0603 to 1812 case sizes * Surface Mount, precious metal technology wet build process
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 C unless otherwise specified
Aging Rate: 1 % maximum per decade Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or 1000 F, whichever is less. At + 125 C and rated voltage 10 000 M minimum or 100 F, whichever is less. Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 second period and the charge/discharge current does not exceed 50 mA 25 Vdc: DWV at 250 % of rated voltage
Operating Temperature: - 30 C to + 85 C Capacitance Range: 470 pF to 1.0 F Voltage Range: 25 Vdc Temperature Coefficient of Capacitance (TCC): 4.7 % from - 30 C to + 85 C Dissipation Factor (DF): 3.5 % maximum at 1.0 Vrms and 1 kHz
ORDERING INFORMATION
VJ1206 CASE CODE 0603 0805 1206 1210 1812 F DIELECTRIC 104 J CAPACITANCE CAPACITANCE NOMINAL CODE TOLERANCE Expressed in picofarads (pF). The first two digits are significant, the last digit is the number of zeros to follow. Example: 104 = 100 000 pF J=5% K = 10 % M = 20 % T = 7" reel/plastic tape C = 7" reel/paper tape R = 11 1/4" reel/plastic tape P = 11 1/4" reel/paper tape X TERMINATION X DC VOLTAGE RATING (1) X = 25 V A MARKING T PACKAGING
F = Y5E
X = Ni barrier, tin plated finish
A = Unmarked
Note: (1) DC voltage rating should not be exceeded in application
DIMENSIONS in inches [millimeters]
L W T (MAX.) P
EIA STYLE 0603 0805 1206 1210 1812 PART ORDERING NUMBER VJ0603 VJ0805 VJ1206 VJ1210 VJ1812 LENGTH (L) 0.063 0.005 [1.60 0.12] 0.079 0.008 [2.00 0.20] 0.126 0.008 [3.20 0.20] 0.126 0.008 [3.20 0.20] 0.177 0.010 [4.50 0.25] WIDTH (W) 0.031 0.005 [0.80 0.12] 0.049 0.008 [1.25 0.20] 0.063 0.008 [1.60 0.20] 0.098 0.008 [2.50 0.20] 0.126 0.008 [3.20 0.20] MAXIMUM THICKNESS (T) 0.036 [0.92] 0.057 [1.45] 0.067[1.70] 0.067[1.70] 0.086 [2.18] TERMINATION (P) MINIMUM 0.012 [0.30] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] MAXIMUM 0.018 [0.46] 0.028 [0.71] 0.028 [0.71] 0.028 [0.71] 0.030 [0.76]
Document Number: 45030 Revision: 29-Sep-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 59
VJ Cer-F (Y5E) Dielectric
Vishay Vitramon
SELECTION CHART
STYLE EIA TYPE VOLTAGE (Vdc) CAP. CODE CAP. 101 100 pF 121 120 pF 151 150 pF 181 180 pF 221 220 pF 271 270 pF 331 330 pF 391 390 pF 471 470 pF 561 560 pF 681 680 pF 821 820 pF 102 1000 pF 122 1200 pF 152 1500 pF 182 1800 pF 222 2200 pF 272 2700 pF 332 3300 pF 392 3900 pF 472 4700 pF 562 5600 pF 682 6800 pF 822 8200 pF 103 0.010 F 123 0.012 F 153 0.015 F 183 0.018 F 223 0.022 F 273 0.027 F 333 0.033 F 393 0.039 F 473 0.047 F 563 0.056 F 683 0.068 F 823 0.082 F 104 0.10 F 124 0.12 F 154 0.15 F 184 0.18 F 224 0.22 F 274 0.27 F 334 0.33 F 394 0.39 F 474 0.47 F 564 0.56 F 684 0.68 F 824 0.82 F 105 1.0 F 125 1.2 F 155 1.5 F 185 1.8 F 225 2.2 F Note:
(1)
Not for New Designs Product Discontinuation
Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
VJ0603 0603 25 VJ0805 0805 25 VJ1206 1206 25 VJ1210 (1) 1210 25 VJ1812 (1) 1812 25
* * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * *
See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
www.vishay.com 60
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45030 Revision: 29-Sep-08
Not for New Designs Product Discontinuation
VJ Cer-F (Y5E) Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
CER-F (Y5E) DIELECTRIC - TYPICAL PARAMETERS
TEMPERATURE COEFFICIENT FILM VS. VISHAY VITRAMON'S Y5E 10 DISSPATION FACTOR (%) Y5E 5
TCC %
DISSIPATION FACTOR VS. TEMPERATURE 4.5
TYPICAL FILM CAP
4.0
0
3.5
-5
3.0
- 10 - 40 - 20 0 20 40 60 80 100 TEMPERATURE C TYPICAL VOLTAGE COEFFICIENT
2.5 - 40 - 20 0 20 40 60 80 100 TEMPERATURE C
TYPICAL IMPEDANCE VJ1206F104JXX
10 000
10
CAPACITANCE CHANGE (%)
1000
IMPEDANCE ()
5
100
0
10 1 0.1 0.01 0.001
-5
- 10
0 5 10 15 DC VOLTS APPLIED
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Document Number: 45030 Revision: 29-Sep-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 61
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VJ0805F104MXXAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X