Part Number Hot Search : 
74F16 NTE4942 100LT SRC1203 0M75J 00900 CIM099A7 MBRB25
Product Description
Full Text Search
 

To Download TR36A12-21A11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TR36 Series
3 6 W AT T S S I N G L E O U T P U T A C / D C G E N E R A L
EXTERNAL
Features
* * * * * * Wide input voltage 90VAC to 264VAC, 50/60Hz Continuous short circuit protection Output voltage available from 5VDC to 48VDC High efficiency 85% typical Meets EN55022 Class "B", conducted emissions MEPS compliance
Specifications
INPUT
Voltage range Frequency Inrush current Isolation Leakage current 90 to 264Vac 47Hz to 63Hz 50A max @ 264Vac Input to Output 4242Vdc 0.25mA max.
STANDARDS AND APPROVALS
Safety standards NSW Office of Fair Trading Certificate of approval NSW19568, EN60950, IEC60950, AS/NZS60950 AS/NZS CISPR 11:2002 Group 1, Class B; Meets EN55022 class "B", conducted Complies with AS/NZS 4417 Parts 1,2,3 50x110x20mm 200g IEC320/C8 Right angle, hollow coaxial plug, 2.5mm inside diameter; 5.5mm outside diameter; 9.5mm length Center positive polarity. 720mm with ferrite core 18AWG/UL1185
C-tick EMI standards RCM
MECHANICAL
Dimensions Weight AC inlet Output connector
OUTPUT
Output voltage Voltage set-point Ripple and noise Short circuit protection Over voltage protection Hold-up time Load regulation Line regulation Factory preset, see table (not adjustable) +/-2% (60% load) 1% p-p max Continuous (Auto recovery) Option 8ms typ @ 115Vac +/-2 to +/-6% (20% to 100% load) +/-1% max at full load
DC cord length
Selection Table
MODEL NUMBER
TR36A05-21A11
RATED Vnom
5Vdc 9Vdc 12Vdc 13.5Vdc 15Vdc 18Vdc 24Vdc 48Vdc
OUTPUT CURRENT
4.0A 3.0A 2.5A 2.44A 2.4A 2.0A 1.5A 0.75A
MAX POWER
20W 27W 30W 32W 36W 36W 36W 36W
ENVIRONMENTAL
Operating temperature Storage temperature 0C to +40C -20C to +85C
TR36A09-21A11 TR36A12-21A11 TR36A13-21A11 TR36A15-21A11 TR36A18-21A11 TR36A24-21A11
Technical Illustration
TR36A48-21A11
Note: MEPS compliance model number change to eg. TRG36A1221A11. Available, OCT 2007.
Your dependable power partner - www.powerbox.com.au
257


▲Up To Search▲   

 
Price & Availability of TR36A12-21A11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X