Part Number Hot Search : 
4957GM LJSA2N2M 60ZFDT AMS41221 167BZI M2N60F FDMS8 PC28F128
Product Description
Full Text Search
 

To Download TME1205S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TME Series, Watt
RoHS
compliant
Features Single-in-Line Package (SIP) I/O-Isolation `000 VDC High Efficiency up to 80% Operating Temperature -40C to +85C Industry Standard Pinout 00% Burn-in (8 h) Lead free Design, RoHS compliant 3 Year Product Warranty
The TME series is a range of sub-miniature, isolated DC/DC-converters in a SIPpackage, which requires only 0.7 cm2 of board space. They provide a cost effective solution to generate supplementary, isolated voltages. Full SMD-design and a 100% production test of parameters ensure a high reliability of this product.
Models
Ordercode TME 0505S TME 0509S TME 052S TME 055S TME 205S TME 209S TME 22S TME 25S TME 2405S TME 2409S TME 242S TME 245S 24 VDC 0% 2 VDC 0% 5 VDC 0% Input voltage Output voltage 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC Output current max. 200 mA 110 mA 80 mA 65 mA 200 mA 110 mA 80 mA 65 mA 200 mA 110 mA 80 mA 65 mA Efficiency typ. 70 % 76 % 77 % 78 % 71 % 77 % 79 % 80 % 70 % 76 % 79 % 79 %
http://www.tracopower.com
Page of 3
DC/DC Converters
TME Series Input Specifications
Input current no load /full load 5 Vin models 30 mA / 290 mA typ. 12 Vin models 15 mA / 120 mA typ. 24 Vin models 10 mA / 60 mA typ. 5 Vin models 9 V max. 12 Vin models 18 V max. 24 Vin models 30 V max. 0.3 A max. can be reduced by ext. 1-3.3 F polyester film capacitor Internal capacitors 3% - Input variation - Load variation 20 - 100 % 1.2 % / 1 % change Vin 10 % max. 150 mV pk-pk max. 0.02 % / K limited 1 sec. max. 33 F max. - Operating - Case temperature - Storage -40 C ... +85 C +95 C max. -40 C ... +105 C 95 % rel H max. >2'000'000 h @ 25 C 1`000 VDC 60 pF typ. >1`000 Mohm 90 kHz typ. (Frequency modulation) 30 % max. Input/Output Input/Output Input/Output
Watt
Surge voltage (1 sec. max.)
Reverse voltage protection Reflected input ripple current Input filter
Output Specifications
Voltage set accuracy Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Short circuit protection Capacitive load
General Specifications
Temperature ranges
Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217E) Isolation voltage (60 sec.) Isolation capacity Isolation resistance Switching frequency Frequency change over line and load
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TME Series Physical Specifications
Case material Package weight Soldering temperature non conductive black plastic (UL 94-V0 rated) 5 Vin & 12 Vin models 1.3 g (0.05 oz) 24 Vin models 1.7 g (0.06 oz) max. 265C / 10 sec
Watt
Outline Dimensions mm (inches)
Pin-Out
10.2 (0.4) Pin 2 3 4 Single -Vin (GND) +Vin (Vcc) -Vout +Vout 0.5 (0.02)
(0.02)
0.5 1.9
0.5 (0.08
0.02)
2.54 2.54 2.54
(0.1) (0.1) (0.1)
11.5 (0.45)
3.2(0.13) 0.5 (0.02)
4.2 (0.17) 1.8
(0.07)
0.25 (0.01)
Bottom view 0.5 (0.02) Tolerances 0.25 (0.01) pins 0.05 (0.002)
Specifications can be changed any time without notice
Rev. 10/05.1
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
5.2 (0.2)
1
2
3
4
7.0 (0.28) 24 V Models
6.0 (0.24)
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TME1205S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X