Part Number Hot Search : 
D45C1 B19S4P BDR2G MJ3328 U9280 M3804 20N06 THCT1
Product Description
Full Text Search
 

To Download TIP35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3PN package *Complement to type TIP36/36A/36B/36C *DC current gain hFE=25(Min)@IC=1.5A APPLICATIONS *Designed for use in general purpose power amplifier and switching applications. PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
TIP35/35A/35B/35C
Fig.1 simplified outline (TO-3PN) and symbol
ABSOLUTE MAXIMUM RATINGS (TC= )
SYMBOL PARAMETER TIP35 VCBO Collector-base voltage TIP35A TIP35B TIP35C TIP35 VCEO Collector-emitter voltage TIP35A TIP35B TIP35C VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 40 60 80 100 40 60 80 100 5 25 40 5 125 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.0 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER TIP35 Collector-emitter sustaining voltage TIP35A IC=30mA ;IB=0 TIP35B TIP35C VCE(sat)-1 VCE(sat)-2 VBE-1 VBE-2 Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage Base-emitter on voltage Collector cut-off current TIP35/35A TIP35B/35C TIP35 Collector cut-off current TIP35A TIP35B TIP35C IEBO hFE-1 hFE-2 fT Emitter cut-off current DC current gain DC current gain Transition frequency IC=15A ;IB=1.5A IC=25A; IB=5A IC=15A ; VCE=4V IC=25A ; VCE=4V VCE=30V; IB=0 CONDITIONS SYMBOL
TIP35/35A/35B/35C
MIN 40 60
TYP.
MAX
UNIT
V(SUS)CEO
V 80 100 1.8 4.0 2.0 4.0 V V V V
ICEO
1.0 VCE=60V; IB=0 VCE=40V;VEB=0 VCE=60V;VEB=0 0.7 VCE=80V;VEB=0 VCE=100V;VEB=0 VEB=5V; IC=0 IC=1.5A ; VCE=4V IC=15A ; VCE=4V IC=1A ; VCE=10V 25 15 3 75 1.0
mA
ICES
mA
mA
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
TIP35/35A/35B/35C
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
TIP35/35A/35B/35C
4


▲Up To Search▲   

 
Price & Availability of TIP35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X