|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Inchange Semiconductor Product Specification Silicon NPN Power Transistors DESCRIPTION With TO-3PN package Complement to type TIP36/36A/36B/36C DC current gain hFE=25(Min)@IC=1.5A APPLICATIONS Designed for use in general purpose power amplifier and switching applications. PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION TIP35/35A/35B/35C Fig.1 simplified outline (TO-3PN) and symbol Absolute maximum ratings(Ta=ae ) SYMBOL VCBO IN PARAMETER CONDITIONS TIP35 TIP35A Collector-base voltage VCEO Collector-emitter voltage HAN C SEM GE TIP35B TIP35C TIP35 TIP35A Open base TIP35B TIP35C Open emitter OND IC TOR UC VALUE 40 60 80 100 40 60 UNIT V V 80 100 VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature Open collector 5 25 40 5 V A A A W ae ae TC=25ae 125 150 -65~150 THERMAL CHARACTERISTICS SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.0 UNIT ae /W Inchange Semiconductor Product Specification Silicon NPN Power Transistors CHARACTERISTICS Tj=25ae unless otherwise specified PARAMETER TIP35 TIP35A IC=30mA ;IB=0 TIP35B TIP35C VCEsat-1 VCEsat-2 VBE-1 VBE-2 Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage Base-emitter on voltage IC=15A ;IB=1.5A IC=25A; IB=5A IC=15A ; VCE=4V IC=25A ; VCE=4V VCE=30V; IB=0 VCE=60V; IB=0 VCE=40V;VEB=0 VCE=60V;VEB=0 VCE=80V;VEB=0 CONDITIONS TIP35/35A/35B/35C SYMBOL MIN 40 60 TYP. MAX UNIT V(SUS)CEO Collector-emitter sustaining voltage V 80 100 1.8 4.0 2.0 4.0 V V V V ICEO Collector cut-off current ICES TIP35 TIP35/35A TIP35B/35C Collector cut-off current TIP35A TIP35B IEBO hFE-1 hFE-2 fT Emitter cut-off current DC current gain DC current gain Transition frequency HAN INC TIP35C SEM GE VEB=5V; IC=0 OND IC TOR UC 0.7 1.0 mA mA VCE=100V;VEB=0 1.0 25 15 3 75 MHz mA IC=1.5A ; VCE=4V IC=15A ; VCE=4V IC=1A ; VCE=10V 2 Inchange Semiconductor Product Specification Silicon NPN Power Transistors PACKAGE OUTLINE TIP35/35A/35B/35C SEM GE HAN INC OND IC TOR UC Fig.2 outline dimensions (unindicated tolerance:A 0.1mm) 3 Inchange Semiconductor Product Specification Silicon NPN Power Transistors TIP35/35A/35B/35C SEM GE HAN INC OND IC TOR UC 4 |
Price & Availability of TIP35 |