Part Number Hot Search : 
74HC154 ACS132D 30DR100 HIN207IP CA010 RH732E B7305 BG4652K
Product Description
Full Text Search
 

To Download SLA6868M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLA6868M High Voltage 3-Phase Motor Driver
Features and Benefits
Built-in pre-drive IC MOSFET power element Alleviate noise generation by adjusting an internal resistor CMOS compatible input (5 V) High-side gate driver using bootstrap circuit or floating power supply Built-in protection circuit for controlling power supply voltage drop (UVLO on VCC) Overcurrent protection (OCP), overcurrent limiting (OCL), and thermal shutdown (TSD) Output of fault signal during operation of protection circuit Output current 2.5 A Small SIP (SLA 24-pin)
Description
The SLA6868M inverter power module (IPM) device provides a robust, highly-integrated solution for optimally controlling 3-phase motor power inverter systems and variable speed control systems used in energy-conserving designs to drive motors of residential and commercial appliances. These ICs take 230 VAC input voltage, and 2.5 A (continuous) output current. They can withstand voltages of up to 500 V (MOSFET breakdown voltage). The SLA6800M power package includes an IC with all of the necessary power elements (six MOSFETs), pre-driver ICs (two), and bootstrap diodes (three), needed to configure the main circuit of an inverter. This enables the main circuit of the inverter to be configured with fewer external components than traditional designs. Applications include residential white goods (home applications) and commercial appliance motor control: * Air conditioner fan * Refrigerator compressor * Dishwasher pump
Leadform 2175
Packages: Power SIP
Not to scale
Leadform 2171
Functional Block Diagram
VB1 VB2 VB3 VCC1
UVLO
UVLO
UVLO
UVLO
VBB
HIN1 HIN2 HIN3 COM1 SD1 VCC 2
Input Logic
High-Side Level Shift Driver
W1 W2 V U UVLO
LIN1 LIN2 LIN3 COM2 SD2 OCL RC
Input Logic (OCP Reset ) Thermal Shutdown OCP
Low-Side Driver
LS 1 OCP and OCL LS2
Figure 1. Driver block diagram.
28610.09
A. SD1, SD2 terminals are used for both input and output. B. SD1, SD2, and OCL terminals are open-collector output. RC terminal is open-drain output. C. Blanking Time (tblank) is used in Overcurrent Limiting (OCL) and Overcurrent Protection (OCP). If the time exceeds the limit, the signal will be output (open-collector output turns on), and protection operation will start up.
SLA6868M
Selection Guide
Part Number Packing
High Voltage 3-Phase Motor Driver
Output Current Continuous, IO(max) (A) 2.5 Pulsed, IOP (max) (A) 5
MOSFET Breakdown Voltage, VDSS(min) (V) 500
SLA6868M
18 pieces per tube
Absolute Maximum Ratings, valid at TA = 25C
Characteristic
MOSFET Breakdown Voltage Logic Supply Voltage Bootstrap Voltage Output Current, Continuous Output Current, Pulsed Input Voltage Pull-up Voltage for Shutdown Pins Pull-up Voltage for Overcurrent Limiting Pin Allowable Power Dissipation Thermal Resistance (Junction to Case) Case Operating Temperature Junction Temperature (MOSFET) Storage Temperature
Symbol
VDSS VCC VBS IO IOP VIN VSDX VOCL PD RJC TCOP TJ Tstg TC = 25C All elements operating Between VCC and COM
Remarks
VCC = 15 V, ID = 100 A, VIN = 0 V Between VB and HS (U,V, and W phases) PW 100 s, duty cycle = 1% HINx and LINx pins SDx pins
Rating
500 20 20 2.5 5 -0.5 to 7 7 7 32.9 3.8 -20 to 100 150 -40 to 150
Unit
V V V A A V V V W C/W C C C
Recommended Operating Conditions
Characteristic Main Supply Voltage VBB Snubber Capacitor Logic Supply Voltage Zener Voltage for VCCx Pins Pull-up Voltage Pull-up Resistor SDx Pins Pull-up Resistor OCL Pin Pull-up Resistor RC Pin Capacitor SDX and OCL Pins Capacitor RC Pin Dead Time Minimum Input Pulse Width IINMIN(off) Switching Frequency Junction Temperature fPWM TJ TJ = -20C to 150C 0.5 - - - - - - 20 125 Symbol VBB CSB VCC VZ VSDx, VOCL RUPX ROCL(up) RR CSDX, COCL CC tdead IINMIN(on) TJ = -20C to 150C TJ = -20C to 150C Between VCC and COM Between VCC and COM Remarks Between VBB and LS Min. - 0.01 13.5 18 4.5 3.3 1 33 1 1 1.5 0.5 Typ. - - 15 - 5 - - - - - - - Max. 400 0.1 16.5 20 5.5 10 10 390 10 4.7 - - Units V F V V V k k k nF nF s s s kHz C
All performance characteristics given are typical values for circuit or system baseline design only and are at the nominal operating voltage and an ambient temperature, TA, of 25C, unless otherwise stated.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
2
SLA6868M
Typical Application Diagram
High Voltage 3-Phase Motor Driver
1
2
3
10 VB1 VB2 VB3 VCC1 4 5V RUP1 DZ1 HS1 24 HO 1
CSD1 5 9 8 7 6 SD1 HIN 1 HIN 2 HIN 3
HVIC
HO 2 HS2 12 M
HO 3 HS3 11 13 CSB
COM1
23
VCC 2
DZ2 LO 1 17 MC U 20 19 18 LIN1 LIN2 LIN3 LO 2 16 OCL LVIC
RR 5V 5V CC RUP2 CSD2 21 22 15 RC
LO 3 RS 14
SD 2 COM 2
15 V
NOTE: The external electrolytic capacitors should be placed as close to the IC as possible, in order to avoid malfunctions from external noise interference. Put a ceramic capacitor in parallel with the electrolytic capacitor if further reduction of noise susceptibility is necessary.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
3
SLA6868M
High Voltage 3-Phase Motor Driver
ELECTRICAL CHARACTERISTICS, valid at TA=25C, unless otherwise noted Characteristics Logic Supply Current Bootstrap Supply Current Input Voltage Input Voltage Hysteresis Input Current Symbol ICC IBX VIH VIL VIhys IIN VUVHL VUVHH Undervoltage Lock Out VUVHhys VUVLL VUVLH VUVLhys SDx and OCL Output Voltage Overtemperature DetectionThreshold Temperature (Activation and Deactivation) Overcurrent Protection Trip Voltage Overcurrent Protection Hold Time Blanking Time Bootstrap Diode Leakage Current Bootstrap Diode Forward Voltage Bootstrap Diode Recovery Time Bootstrap Diode Series Resistor MOSFET Breakdown Voltage MOSFET Leakage Current MOSFET On State Resistance MOSFET Diode Forward Voltage VSDX(on), VOCL TDH TDL TDhys VTRIP tp tblank ILBD VFBD trrb RBD VDSS IDSS RDS(on) VSDF tdH(on) trH Switching Time, High Side trrH tdH(off) tfH tdL(on) trL Switching Time, Low Side trrL tdL(off) tfL VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V VIN 5 V VCC = 15 V, ID = 100 A, VIN = 0 V VCC = 15 V, VDS = 500 V, VIN = 0 V VCC = 15 V, ID = 1.5 A, VIN = 5 V VCC = 15 V, ISD = 1.5 A, VIN = 0 V VCC = 15 V VRC = 5 V, RR = 360 k, CC = 0.0047 F VCC = 15 V VR = 500 V IF = 0.15 A IF / IRP = 100 mA / 100 mA VCC = 15 V, high-side and low side Conditions VCC = 15 V, TC = -20C to 125C VBX = 15 V, VHIN = 5 V VCC = 15 V VCC = 15 V VCC = 15 V VIN = 5 V High side, between VBx and U, V, or W High side, hysteresis Low side, between VCC2 and COM2 Low side, hysteresis VSDX = VOCL = 5 V, RUPX = 3.3 k Min - - - 1.6 - - 9.0 9.5 - 10.0 10.5 - - 120 100 - 0.9 - 1.4 - - - 168 500 - - - - - - - - - - - - - Typ 4.2 135 2.9 2.1 0.8 230 10.0 10.5 0.5 11.0 11.5 0.5 - 135 115 20 1.0 2.0 2.0 - 1.1 70 210 - - 2.0 1.1 790 60 115 725 20 680 70 120 605 20 Max 7 380 3.4 - - 500 11.0 11.5 - 12.0 12.5 - 0.6 150 130 - 1.1 - 2.6 10 1.3 - 252 - 100 2.4 1.5 - - - - - - - - - - Units mA A V V V A V V V V V V V C C C V ms s A V ns V A V ns ns ns ns ns ns ns ns ns ns
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
4
SLA6868M
High Voltage 3-Phase Motor Driver
Low-Side Input/Output Timing Diagram
LIN
LO VTRIP LS1 tblank
OC P Release
S D2 tp RC 3.5 V
Slope by RC, CC
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
5
SLA6868M
High Voltage 3-Phase Motor Driver
Pin-out Diagram Leadform 2171
1 2 3 4 5 6 7 8
Leadform 2175
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Pad Side
1 3 5 7 9 11 13 15 17 19 21 23
2
4
6
8
10
12
14
16
18
20
22
24
Pad Side
Terminal List Table
Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Name VB1 VB2 VB3 VCC1 SD1 COM1 HIN3 HIN2 HIN1 VBB W1 V W2 LS2 RC LS1 OCL LIN3 LIN2 LIN1 COM2 SD2 VCC2 U Function High side bootstrap terminal (U phase) High side bootstrap terminal (V phase) High side bootstrap terminal (W phase) High side logic supply voltage High side shutdown input and overtemperature fault signal output High side logic GND terminal High side input terminal (W phase) High side input terminal (V phase) High side input terminal (U phase) Main supply voltage Output of W phase (connect to W2 externally) Output of V phase Output of W phase (connect to W1 externally) Low side emitter terminal (connect to LS1 externally) Overcurrent protection hold time adjustment input terminal Low side emitter terminal (connect to LS2 externally) Output for overcurrent limiting Low side input terminal (W phase) Low side input terminal (V phase) Low side input terminal (U phase) Low side GND terminal Low side shutdown input and overtemperature and overcurrent fault signals output Low side logic supply voltage Output of U phase
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
6
SLA6868M
High Voltage 3-Phase Motor Driver
Package Outline Drawing Leadform 2171
Dual rows, 24 alternating pins; vertical case mounting; pin #1 on tab side
Exposed heatsink pad 31.3 0.2 31 0.2 24.4 0.2 16.4 0.2 Gate protrusion O3.2 0.15 Gate protrusion 16 0.2 B 12.9 0.2 9.9 0.2 Branding Area 2.45 0.2 BSC Heatsink exposed this side O3.2 0.15 0.6 1.7 0.1 4.8 0.2
5 0.5 9.5 +0.7 - 0.5
R1 REF
+0.15 0.5 - 0.05 4.5 REF
View A
0.6 +0.15 - 0.05
1.27 0.7 A
4.5 0.7
2
4
6
8
10
12
14
16
18
20
22
24
1
3
5
7
9
11
13
15
17
19
21
23 0.7 MAX
A B
Measured at pin tips To case top
Deflection at pin bend View A
Leadform: 2171 Terminal core material: Cu Terminal plating: Ni Recommended attachment: Solder dip (Sn-Ag-Cu) Dimensions in millimeters Branding codes (exact appearance at manufacturer discretion): 1st line, type: SLA6826M 2nd line, lot: YMDDT Where: Y is the last digit of the year of manufacture M is the month (1 to 9, O, N, D) DD is the date T is the tracking letter
Leadframe plating Pb-free. Device composition complies with the RoHS directive.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
7
SLA6868M
High Voltage 3-Phase Motor Driver
Package Outline Drawing Leadform 2175
Dual rows, 24 alternating pins; pins bent 90 for horizontal case mounting; pin #1 in outer row
Exposed heatsink pad 31.3 0.1 31 0.2 24.4 0.2 16.4 0.2 Gate protrusion O3.2 0.15 Gate protrusion 16 0.2 B 12.9 0.2 9.9 0.1 Branding Area 3 0.3 BSC 2.2 0.6 BSC 4.4 REF R1 REF 2.45 0.1 BSC O3.2 0.15 0.6 1.7 0.1 4.8 0.2
View A
0.6 +0.2 - 0.1
1.27 0.2 A
2.2 0.6 BSC
0.5 0.1
123 5 7 9 11 13 15 17 19 21 23 16 18 4 6 20 8 12 14 22 24 10
0.7 MAX A B Measured at pin exit from case To case top Deflection at pin bend View A
Leadform: 2175 Terminal core material: Cu Terminal plating: Ni Recommended attachment: Solder dip (Sn-Ag-Cu) Dimensions in millimeters Branding codes (exact appearance at manufacturer discretion): 1st line, type: SLA6828M 2nd line, lot: YMDDT Where: Y is the last digit of the year of manufacture M is the month (1 to 9, O, N, D) DD is the date T is the tracking letter
Leadframe plating Pb-free. Device composition complies with the RoHS directive.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
8
SLA6868M
High Voltage 3-Phase Motor Driver
Packing Specification Leadform 2171
Dimensions in millimeters
312 580
138 X
Tube material: PVC Maximum 18 pieces per tube (pins aligned along X direction) Rubber plug each end
137
621
186
Z Y
Maximum 12 tubes in Y direction Maximum 3 tubes in Z direction Maximum pieces per carton: 18 pieces per tube 12 tubes per layer x 3 layers of tubes 648 pieces per carton
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
9
SLA6868M
High Voltage 3-Phase Motor Driver
Packing Specification Leadform 2175
Dimensions in millimeters
310 580
Tube material: PVC Maximum 18 pieces per tube (pins aligned along X direction) Rubber plug each end
158 X
130
610
185
Z Y
Maximum 10 tubes in Y direction Maximum 3 layers in Z direction Maximum pieces per carton: 18 pieces per tube 10 tubes per layer x 3 layers of tubes 540 pieces per carton
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
10
SLA6868M
High Voltage 3-Phase Motor Driver
WARNING -- These devices are designed to be operated at lethal voltages and energy levels. Circuit designs that embody these components must conform with applicable safety requirements. Precautions must be taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment. The use of an isolation transformer is recommended during circuit development and breadboarding.
Because reliability can be affected adversely by improper storage environments and handling methods, please observe the following cautions. Cautions for Storage * Ensure that storage conditions comply with the standard temperature (5C to 35C) and the standard relative humidity (around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity. * Avoid locations where dust or harmful gases are present and avoid direct sunlight. * Reinspect for rust on leads and solderability of products that have been stored for a long time. Cautions for Testing and Handling When tests are carried out during inspection testing and other standard test periods, protect the products from power surges from the testing device, shorts between adjacent products, and shorts to the heatsink. Remarks About Using Silicone Grease with a Heatsink * When silicone grease is used in mounting this product on a heatsink, it shall be applied evenly and thinly. If more silicone grease than required is applied, it may produce stress. * Volatile-type silicone greases may permeate the product and produce cracks after long periods of time, resulting in reduced heat radiation effect, and possibly shortening the lifetime of the product. * Our recommended silicone greases for heat radiation purposes, which will not cause any adverse effect on the product life, are indicated below: Type G746 YG6260 SC102 Suppliers Shin-Etsu Chemical Co., Ltd. Momentive Performance Materials, Inc. Dow Corning Toray Silicone Co., Ltd.
Heatsink Mounting Method Torque When Tightening Mounting Screws. The recommended tightening torque for this product package type is: 58.8 to 78.4 N*cm (6.0 to 8.0 kgf*cm). Soldering * When soldering the products, please be sure to minimize the working time, within the following limits: 2605C 10 s 3805C 5s
*
Soldering iron should be at a distance of at least 1.5 mm from the body of the products
Electrostatic Discharge * When handling the products, operator must be grounded. Grounded wrist straps worn should have at least 1 M of resistance to ground to prevent shock hazard. Workbenches where the products are handled should be grounded and be provided with conductive table and floor mats. When using measuring equipment such as a curve tracer, the equipment should be grounded. When soldering the products, the head of soldering irons or the solder bath must be grounded in other to prevent leak voltages generated by them from being applied to the products. The products should always be stored and transported in our shipping containers or conductive containers, or be wrapped in aluminum foil.
* * *
*
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
11
SLA6868M
High Voltage 3-Phase Motor Driver
The products described herein are manufactured in Japan by Sanken Electric Co., Ltd. for sale by Allegro MicroSystems, Inc. Sanken and Allegro reserve the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Therefore, the user is cautioned to verify that the information in this publication is current before placing any order. When using the products described herein, the applicability and suitability of such products for the intended purpose shall be reviewed at the users responsibility. Although Sanken undertakes to enhance the quality and reliability of its products, the occurrence of failure and defect of semiconductor products at a certain rate is inevitable. Users of Sanken products are requested to take, at their own risk, preventative measures including safety design of the equipment or systems against any possible injury, death, fires or damages to society due to device failure or malfunction. Sanken products listed in this publication are designed and intended for use as components in general-purpose electronic equipment or apparatus (home appliances, office equipment, telecommunication equipment, measuring equipment, etc.). Their use in any application requiring radiation hardness assurance (e.g., aerospace equipment) is not supported. When considering the use of Sanken products in applications where higher reliability is required (transportation equipment and its control systems or equipment, fire- or burglar-alarm systems, various safety devices, etc.), contact a company sales representative to discuss and obtain written confirmation of your specifications. The use of Sanken products without the written consent of Sanken in applications where extremely high reliability is required (aerospace equipment, nuclear power-control stations, life-support systems, etc.) is strictly prohibited. The information included herein is believed to be accurate and reliable. Application and operation examples described in this publication are given for reference only and Sanken and Allegro assume no responsibility for any infringement of industrial property rights, intellectual property rights, or any other rights of Sanken or Allegro or any third party that may result from its use.
Copyright (c) 2008 Allegro MicroSystems, Inc.
This datasheet is based on Sanken datasheet SSJ-03527
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
12
SLA6868M
High Voltage 3-Phase Motor Driver
Worldwide Contacts
Asia-Pacific China Sanken Electric Hong Kong Co., Ltd.
Suite 1026, Ocean Centre Canton Road, Tsimshatsui Kowloon, Hong Kong Tel: 852-2735-5262, Fax: 852-2735-5494
Singapore Sanken Electric Singapore Pte. Ltd.
150 Beach Road, #14-03 The Gateway West Singapore 189720 Tel: 65-6291-4755, Fax: 65-6297-1744
Sanken Electric (Shanghai) Co., Ltd.
Room 3202, Maxdo Centre Xingyi Road 8, Changning District Shanghai, China Tel: 86-21-5208-1177, Fax: 86-21-5208-1757
Europe Sanken Power Systems (UK) Limited
Pencoed Technology Park Pencoed, Bridgend CF35 5HY, United Kingdom Tel: 44-1656-869-100, Fax: 44-1656-869-162
Taiwan Sanken Electric Co., Ltd.
Room 1801, 18th Floor 88 Jung Shiau East Road, Sec. 2 Taipei 100, Taiwan R.O.C. Tel: 886-2-2356-8161, Fax: 886-2-2356-8261
North America United States Allegro MicroSystems, Inc.
115 Northeast Cutoff Worcester, Massachusetts 01606, U.S.A. Tel: 1-508-853-5000, Fax: 1-508-853-7895
Japan Sanken Electric Co., Ltd. Overseas Sales Headquarters
Metropolitan Plaza Building 1-11-1 Nishi-Ikebukuro, Toshima-ku Tokyo 171-0021, Japan Tel: 81-3-3986-6164, Fax: 81-3-3986-8637
Allegro MicroSystems, Inc.
14 Hughes Street, Suite B105 Irvine, California 92618, U.S.A. Tel: 1-949-460-2003, Fax: 1-949-460-7837
Korea Sanken Electric Korea Co., Ltd.
Samsung Life Yeouido Building 16F 23-10, Yeouido-Dong, Yeongdeungpo-gu Seoul 150-734, Korea Tel: 82-2-714-3700, Fax: 82-2-3272-2145
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
13


▲Up To Search▲   

 
Price & Availability of SLA6868M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X