Part Number Hot Search : 
60000 GS864118 SPKC1290 OSWAG5 SOF1F1 74HC19 UFR404 SAB80C32
Product Description
Full Text Search
 

To Download SI2302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
SI2302
Features
* * * * * * * 20V,3.0A, RDS(ON)=55m@VGS=4.5V RDS(ON)=82m@VGS=2.5V High dense cell design for extremely low RDS(ON) Rugged and reliable Lead free product is acquired SOT-23 Package Marking Code: S2 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
N-Channel Enhancement Mode Field Effect Transistor
SOT-23
A D
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol VDS ID IDM VGS PD R(c)JA TJ TSTG Parameter Drain-source Voltage Drain Current-Continuous Drain Current-Pulsed a Gate-source Voltage Total Power Dissipation Thermal Resistance Junction to Ambientb Operating Junction Temperature Storage Temperature Rating 20 3 10 f8 1.25 100 -55 to +150 -55 to +150 Unit V A A V W /W
3
1.GATE
C B
2. SOURCE 3. DRAIN
1
F E
2
G K
H
J
DIMENSIONS INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
Internal Block Diagram
D
DIM A B C D E F G H J K
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Suggested Solder Pad Layout
G
.035 .900 .031 .800
S
.079 2.000
inches mm
.037 .950 .037 .950
www.mccsemi.com
Revision: 1
1 of 5
2008/01/01
MCC
TM
Micro Commercial Components
SI2302
TA = 25 C unless otherwise noted Symbol BVDSS IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD VGS = 0V, IS = 0.94A VDS = 10V, ID = 3.6A, VGS = 4.5V VDD = 10V, ID = 3.6A, VGS = 4.5V, RGEN = 6 Test Condition VGS = 0V, ID = 10A VDS = 20V, VGS = 0V VGS = 8V, VDS = 0V VGS = -8V, VDS = 0V VGS = VDS, ID = 50A VGS = 4.5V, ID = 3.6A VGS = 2.5V, ID = 3.1A VDS = 5V, ID = 3.6A 0.65 55 82 8.5 237 120 45 23 11 34 36 6 1.4 1.8 0.94 1.2 45 30 70 70 10 Min 20 1 100 -100 1.2 72 110 Typ Max Units V
A
Electrical Characteristics
Parameter Off Characteristics Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Body Leakage Current, Forward Gate Body Leakage Current, Reverse On Characteristics Static Drain-Source On-Resistance Forwand Transconductance Dynamic Characteristics d Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics d Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-On Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Drain-Source Diode Forward Current b Drain-Source Diode Forward Voltage c
c
nA nA V m m S pF pF pF ns ns ns ns nC nC nC A V
Gate Threshold Voltage
VDS = 10V, VGS = 0V, f = 1.0 MHz
Drain-Source Diode Characteristics and Maximun Ratings
Notes : a.Repetitive Rating : Pulse width limited by maximum junction temperature. b.Surface Mounted on FR4 Board, t < 10 sec. c.Pulse Test : Pulse Width < 300s, Duty Cycle < 2%. d.Guaranteed by design, not subject to production testing.
www.mccsemi.com
Revision: 1
2 of 5
2008/01/01
MCC
TM
Micro Commercial Components
SI2302
10 25 C
10 VGS=4.5,3.5,2.5V
ID, Drain Current (A)
6
ID, Drain Current (A)
8
8
6
VGS=2.0V
4
4
2 0 0 1 2 3
VGS=1.5V
2 TJ=125 C 0 -55 C 2 3
4
5
0
1
VDS, Drain-to-Source Voltage (V) Figure 1. Output Characteristics
600 500 400 300 Ciss 200 Coss 100 0 0 5 10 15 20 25 Crss 2.2 1.9 1.6 1.3 1.0 0.7 0.4 -100
VGS, Gate-to-Source Voltage (V) Figure 2. Transfer Characteristics
RDS(ON), Normalized RDS(ON), On-Resistance(Ohms)
ID=3.6A VGS=4.5V
C, Capacitance (pF)
-50
0
50
100
150
200
VDS, Drain-to-Source Voltage (V) Figure 3. Capacitance
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50
TJ, Junction Temperature( C) Figure 4. On-Resistance Variation with Temperature
VGS=0V
1
VTH, Normalized Gate-Source Threshold Voltage
VDS=VGS ID=250A
IS, Source-drain current (A)
25 50 75 100 125 150
10
10
0
10 -25 0
-1
0.2
0.4
0.6
0.8
1.0
1.2
TJ, Junction Temperature( C) Figure 5. Gate Threshold Variation with Temperature
VSD, Body Diode Forward Voltage (V) Figure 6. Body Diode Forward Voltage Variation with Source Current
www.mccsemi.com
Revision: 1
3 of 5
2008/01/01
MCC
TM
Micro Commercial Components
SI2302
ID, Drain Current (A)
10
1
VGS, Gate to Source Voltage (V)
5 V =10V DS ID=3.6A 4
RDS(ON)Limit 1ms 10ms 100ms 1s DC
3
10
0
2
10
-1
1
0 0 2 4 6
10
-2
TA=25 C TJ=150 C Single Pulse 10
-1
10
0
10
1
10
2
Qg, Total Gate Charge (nC) Figure 7. Gate Charge
VDS, Drain-Source Voltage (V) Figure 8. Maximum Safe Operating Area
VDD t on V IN D VGS RGEN G
90%
toff tr
90%
RL VOUT
td(on) VOUT
td(off)
90% 10%
tf
10%
INVERTED
S
VIN
50% 10%
50%
PULSE WIDTH
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
r(t),Normalized Effective Transient Thermal Impedance
10
0
D=0.5
0.2
10
-1
0.1 0.05 0.02 Single Pulse
-4
PDM t1 t2 1. R JA (t)=r (t) * R JA 2. R JA=See Datasheet 3. TJM-TA = P* R JA (t) 4. Duty Cycle, D=t1/t2
10
-2
10
10
-3
10
-2
10
-1
10
0
10
1
10
2
Square Wave Pulse Duration (sec) Figure 11. Normalized Thermal Transient Impedance Curve
www.mccsemi.com
Revision: 1
4 of 5
2008/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 1
5 of 5
2008/01/01


▲Up To Search▲   

 
Price & Availability of SI2302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X