Part Number Hot Search : 
HSE681 2SD662 1N749A E331M VSC7924 2TRPB MODEL308 GP1U273X
Product Description
Full Text Search
 

To Download SC3004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC3004
INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
DESCRIPTION
SC3004 is a remote control transmitter utilizing CMOS Technology specially designed for use on general purpose (RC-5) infrared applications with low voltage supply and large debounce time.
SOP-24-375-1.27
FEATURES
* CMOS Technology * Low Voltage Supply * Bi-phase Transmission Technique
SDIP-24-300-2.54
APPLICATIONS
* Television * VCR * Audio Equipment * Multi-Media System * Personal Computer
ORDERING INFORMATION
Device SC3004 SC3004S package SDIP-24-300-2.54 SOP-24-375-1.27
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATING (Tamb=25C, unless otherwise specified)
Characteristics Supply Voltage* Input Voltage* Output Voltage* Operating Temperature NOTE: * = with reference to Vss Symbol VDD VIN VOUT TOPR VDD=3 V VDD=3 V VDD=3 V Test conditions Value VSS -0.3 ~ 5.5 -0.5 ~ VDD+0.5 -0.5 ~ VDD+0.5 -20~85 Unit V V V C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.1
2005.12.15 Page 1 of 10
SC3004
ELECTRICAL CHARACTERISTICS (Tamb=25C, unless otherwise specified)
Characteristics Supply Voltage Stand-By Current Input Current(KI0~KI7,C0~C3) High Level Input Voltage (KI0~KI7,C0~C3,SMS,T1,T2) Low Level Input Voltage (KI0~KI7,C0~C3,SMS,T1,T2) Input Current Leakage (KI0~KI7,C0~C3) Input Current Leakage (OSC) Input Leakage Current (SMS,T1,T2) High Level Output Voltage (Dout, MDOUT) Low Level Output Voltage (Dout, MDOUT) Output Current Leakage (Dout, MDOUT) Low Level Output Voltage (KO0~KO7) Output Current Leakage (KO0~KO7) Drive Current (Dout, MDout) Operational Frequency Symbol VDD IDD IIN VIH VIL ILEAK1 ILEAK2 ILEAK3 ILEAK4 Test conditions Freq=455KHz VDD =3V (Output no load) VI=0V T1=0 T2=0 SMS=0 VDD =3V,(KI0~KI7 And C0~C3 Connected To VDD) VDD =3V,( T1,T2,OSC,SMS Connected To VSS) VI=3V VDD=3V T1=T2=High VI=0V VDD=3V T1=T2=High VI=0V VDD=3V T1=T2=High VI=3V VDD=3V T1=T2=High VI=3V VDD=3V T=25C VI=0V VDD=3V T=25C VDD=3V IOH=0.4mA VDD=3V IOH=0.6mA Vo=3V VDD=3V T=25C Vo=0V VDD=3V T=25C VDD=3V IOL=0.3mA Vo=3V VDD=3V T=25C Vo=3V VDD=3V T=-25~85C VDD=3V Vo=1.5V VDD=3V 1.5 400 0 3 VDD- 0.3 V VOL ILEAK5 0.35 10 1 0.8 1 10 2 600 A V A mA KHz 4.5 0 0 0 15 0 0 0.7 VDD 0.3 VDD 1.0 1.0 1.0 30 1.0 1.0 Min 2.0 Typ 3.0 0 15 Max 5.5 10 600 Unit V A A V V A A A
VOH
VOL ILEAK6 ID Fosc
PIN CONFIGURATIONS
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.1
2005.12.15 Page 2 of 10
SC3004
PIN DESCRIPTION
PIN NO. 1 2 3-10 11-18 19 20 21 22 23 24 Symbol NC GND KO0-KO7 KI0-KI7 CCI LED REM OSCO OSCI VDD NOT CONNECT Negative Power Supply Scan Driver Pins Key Sense Input Pins User Code Select Led Pin Generate Output Data Pin (with carrier wave) Oscillator output Oscillator input Power Supply DESCRIPTIONS
FUNCTIONAL DESCRIPTION
SC3004 CODE FORMAT: Start bit 1 Even/odd 1/0 S2 User code S1 S0 D5 D4 Data code D3 D2 D1 D0
User code can be set to one of following (decided by pin CCI): line S2 S1 S0 KO0 000 KO1 001 KO2 010 KO3 011 KO4 100 KO5 101 KO6 111
The SC3004 code format is showed as following:
3 bit user code
6 bit data code
star bit and even/odd bit
121ms first key code(odd) same key code no key
1
167us 7.59ms
0
167us
5.06ms
Note: Even/odd bit: the bit will retake when a key is pressed.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.1
2005.12.15 Page 3 of 10
SC3004
DATA CODE
Pin no KO0 * * * KI0 * * * * * * * * KI1 * * * * * * * * KI2 * * * * * * * * KI3 * * * * * * * KI4 * * * * KO1 KO2 KO3 KO4 KO5 KO6 KO7 Data code 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12 13 14 15 16 17 18 19 1A 1B 1C 1D 1E 1F 20 21 22 23 24 25 (To be continued)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.1
2005.12.15 Page 4 of 10
SC3004
(Continued) Pin no KI4 * * * KI5 * * * * * * * * KI6 * * * * * * * * KI7 * * * * * KO0 KO1 KO2 KO3 KO4 KO5 KO6 * * KO7 Data code 26 27 28 29 2A 2B 2C 2D 2E 2F 30 31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E 3F
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.1
2005.12.15 Page 5 of 10
SC3004
APPLICATION CIRCUIT
NOTE: Pin 19 connect with one of scan driver pin to decide the user code
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
SC3004
REV:1.1 2005.12.15 Page 6 of 10
SC3004
PCB WIRE LAYOUT SCHEMATIC
Transmitting tube output ground line
The transmitting tube ground line and IC ground line should layout separated or overstriking ground line.
The above IC only use to hint, not to specified. Note: * In wire layout, the power filter capacitor should near to IC. * In wire layout, should avoid power line and ground line too long. * Recommended infrared transmit unit and IC ground line should layout separated, or over striking lines. * The emitter of triode connect 1 resistor at least. * Recommended triode use 9014.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.1
2005.12.15 Page 7 of 10
SC3004
PACKAGE OUTLINE
SOP-24-375-1.27 Unit: mm
0.250.05
1.27 15.340.25
0.40
3.10MAX
13.97
SDIP-24-300-2.54
Unit: mm
6.400.25
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
3.00MIN
4.36MAX
7.62
REV:1.1
2005.12.15 Page 8 of 10
0.250.05
SC3004
HANDLING MOS DEVICES:
Electrostatic charges can exist in many things. All of our MOS devices are internally protected against electrostatic discharge but they can be damaged if the following precautions are not taken: * Persons at a work bench should be earthed via a wrist strap. * Equipment cases should be earthed. * All tools used during assembly, including soldering tools and solder baths, must be earthed. * MOS devices should be packed for dispatch in antistatic/conductive containers. Note: IC oscillator input mustn't be on the outside layer, thus to avoid the abnormal working when human body touches the remote controller without crust in testing.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.1
2005.12.15 Page 9 of 10


▲Up To Search▲   

 
Price & Availability of SC3004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X