![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RS101 thru RS107 SERIES SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER CHENG- YI ELECTRONIC VOLTAGE RANGE 50 TO 1000 VOLTS CURRENT 1.0 Amperes FEATURES Low cost Low leakage Low forward voltage Mounting position: Any Weight: 1.26grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. MAXIMUM RATINGS RATINGS (At TA=250C unless otherwise noted) RS101 RS102 100 70 100 RS103 200 140 200 RS104 400 280 400 1.0 RS105 600 420 600 RS106 800 560 800 RS107 1000 700 1000 UNITS V V V A Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at @ TA=50 C 0 VRRM VRMS VDC IO 50 35 50 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Operating Temperature Range Storage Temperature Range 0 IFSM TJ TSTG 30 A -55 to +125 -55 to +150 0 C C 0 ELECTRICAL CHARACTERISTICS (At TA=25 C unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per element of 1.0A DC RS101 RS102 RS103 RS104 1.0 10 1 RS105 RS106 RS107 UNITS V VF IR Maximum Reverse Current at Rated DC Blocking Voltage per element @ TA=25 C 0 A mA @ TA=1000C RS101 thru RS107 SERIES SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER CHENG- YI ELECTRONIC RATING AND CHARACTERISTICS CURVES RS101 THRU RS107 Fig.2 - TYPICAL FORWARD CURRENT PEAK FORWARD SURGE CURRENT.(A) Fig.1 - MAXIMUM NUN-REPETITIVE 50 30 DERATING CURVE AVERAGE FORWARD CURRENT.(A) 1.0 FORWARD SURGE CURRENT 8.3ms Single Half Sine-Wave (JEDEC Method) 20 .8 .6 10 .4 .2 Single Phase Half Wave 60Hz Inductive or Resistive Load 0 1 2 4 6 8 10 20 40 60 100 0 20 40 60 80 100 0 NUMBER OF CYCLES AT 60 Hz 120 140 AMBIENT TEMPERATURE, ( C) Fig.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 Fig.4 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT. (A) INSTANTANEOUS REVERSE CURRENT, ( A ) 10 10 1.0 1.0 .1 0.1 TJ=250C Pulse Width-300 s 1% Duty Cycle .01 0 .01 .4 .6 .8 1.0 1.2 1.4 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) INSTANTANEOUS FORWARD VOLT AGE, (V) |
Price & Availability of RS106
![]() |