Part Number Hot Search : 
M62337P 1616A 10000 BPC3502 AA118 80C49 P6KE27 AA118
Product Description
Full Text Search
 

To Download QHD-2H-185G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QHD-2H-1.85G
QUAD HYBRID
REV: 003, 04/26/05
TECHNICAL DESCRIPTION
FEATURES * 1.5 - 2.2 GHz * LOW LOSS * HIGH ISOLATION * EXCELLENT PHASE/AMPLITUDE BALANCE * SURFACE MOUNT * TAPE & REEL AVAILABLE APPLICATIONS * DCS 1800 BASE STATION RF SUBSYSTEMS * PCS 1900 BASE STATION RF SUBSYSTEMS * MILITARY COMMUNICATIONS * TELEMETRY
The Multi-Mix(R) QHD series provides a 3 dB 90 coupling with low insertion loss, low VSWR, and high isolation. Accurate phase and amplitude balance make this series ideal for use in IQ networks, power amplifiers, radio transceivers, receiver multicouplers and RF signal distribution and processing equipment. QHD quad hybrids are fusion bonded multilayer stripline devices. The fusion bonding process yields a homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical performance that is superior to conventional adhesive bonding techniques.
GENERAL SPECIFICATIONS
FREQUENCY RANGE MHz 1700 - 2000 1500 - 2200 INPUT POWER (CW @ 1.2:1 LOAD VSWR) 150 W INSERTION LOSS (dB MAX) 0.20 AMPLITUDE BALANCE (dB MAX) 0.25 0.35 PHASE BALANCE 90 2.5 ISOLATION (dB MIN) 24 21
VSWR (ALL PORTS) 1.15:1 1.18:1
SIZE (INCHES) 0.56 x 0.35 x 0.075
WEIGHT (OZ./GRAMS) 0.03 / 0.8
RF INTERFACE Surface Mount
OPERATING TEMPERATURE -55 - +85 C
PACKAGE OUTLINE / TAPE & REEL ORIENTATION
.560 [14.22] PORT 2 PORT 1
P 0 P PAD 1
1
DIRECTION OF FEED
.050 [1.27]
K
0
"A"
"A" B0
.350 [8.89]
QHD-2H-1.85G
W
MARKED SIDE UP
PORT 3
.024 [0.61]
PORT 4
A0 SECTION "A"-"A" P P0 A0 B0 K0 1 ENGLISH (in) 1.2598 0.6299 0.1575 0.3598 0.5697 0.0799 W
.075 [1.91]
METRIC (mm) 32.00
16.00 4.00
9.14
14.47
2.03
THE MULTI-MIX MICROTECHNOLOGY(R) GROUP IS ISO 9001:2000 REGISTERED
U.S. Patent 6,099,677 and other Patents Pending.
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
TYPICAL PERFORMANCE QHD-2H-1.85G
Coupling
Direct Coupled Port 1 -2.00 -2.20 -2.40 -2.60 Coupling (dB) -2.80 -3.00 -3.20 -3.40 -3.60 -3.80 -4.00 1500 VSWR 1.30 1.27 1.24 1.21 1.18 1.15 1.12 1.09 1.06 1.03 1.00 1500
VSWR
Port 2 Port 3 Port 4
1570
1640
1710
1780
1850 Frequency (MHz)
1920
1990
2060
2130
2200
1570
1640
1710
1780
1850 Frequency (MHz)
1920
1990
2060
2130
2200
Isolation
0 -85.00
Phase Balance
-5
-86.00
-10
-87.00 -88.00 Phase (degrees) 1570 1640 1710 1780 1850 Frequency (MHz) 1920 1990 2060 2130 2200
-15
Isolation (dB)
-20
-89.00
-25
-90.00
-30
-91.00
-35
-92.00 -93.00
-40
-45
-94.00
-50 1500
-95.00 1500
1570
1640
1710
1780
1850 Frequency (MHz)
1920
1990
2060
2130
2200
MOUNTING CONFIGURATION
Ground plane of unit should be soldered to ground plane of circuit board for optimum performance 50 OHM LINE .032 DIELECTRIC THICKNESS ER= 3.38 0.447 [11.35] 0.034 typ. [0.86] GROUND VIAS PLATED THRU 0.050 [1.28]
0.351 [8.91]
0.250 [6.35]
0.0630 [1.60] GROUND PLANE 0.068 [1.73]
TRUTH TABLE
1 1 2 3 4 Input Iso -90 0
2 Iso Input 0 -90
3 -90 0 Input Iso
4 0 -90 Iso Input
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com


▲Up To Search▲   

 
Price & Availability of QHD-2H-185G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X