Part Number Hot Search : 
SXX18 BD9846FV MV5352 W6631CS A330M LH1500 MSM67 UA200
Product Description
Full Text Search
 

To Download PSB20D1217500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single Phase Solid State Relays
HIGHLIGHTS
* * * * * * * * * * INPUT: DC CONTROL OUTPUT: DIRECT COPPER BONDED BACK-TOBACK SCR OPTO ISOLATION 2500 VAC (4000 V optional) ZERO VOLTAGE TURN-ON or RANDOM TURN-ON HIGH DV/DT SAFETY COVER (optional) REVERSE VOLTAGE PROTECTION FOR DC/AC RELAYS CHASSIS MOUNTABLE LED INDICATOR SHOWING RELAY `ON' STATUS Weight = 106 g 125 - 205 A
Series: 20 SJ/K
(J: Zero voltage turn-on; K: Random turn-on)
ELECTRICAL SPECIFICATIONS
Symbol
PSB 20 D 1212500
Type
PSB 20 D 1215000 PSB 20 D 1217500 PSB 20 D 1220500
Unit
DC CONTROL Control voltage range Control current range Pick-up voltage Input impedance Drop out voltage OUTPUT Main voltage range Repetitive peak off state voltage Rated Load current Zero turn-on voltage Off-state leakage current @ rated voltage Peak one cycle surge current (non-rep) Holding current Critical rate of rise of off-state voltage Thermal resistance (junction to case) Frequency range Operating temperature Turn-on time Turn-off time Fusing current @ 25 (8.3ms) C
4-32 18-30 4.0 1.0 VRMS VDRM IT IDRM ITSM IH dv/dt Rthjc f To T-on T-off It
2
4-32 18-30 4.0 Current 1.0
4-32 18-30 4.0 regulator 1.0
4-32 18-30 4.0 1.0
Vdc mA Vdc Vdc Vac Vpk A Vac mA A mA V/s K/W Hz C ms ms As
2
48-660 1200/1600 125 35 1 1250 250 1000 0.35 47-63 -25 to +80 10 10 5000
48-660 48-660 48-660 1200/1600 1200/1600 1200/1600 150 175 205 35 35 35 1 1 1 1350 1500 2250 250 250 250 1000 1000 1000 0.35 0.25 0.1 47-63 47-63 47-63 -25 to +80 -25 to +80 -25 to +80 10 10 10 10 10 10 8000 15000 25000
released, E 197669
POWERSEM reserves the right to change limits, test conditions and dimensions - info@POWERSEM.net - www.POWERSEM.net POWERSEM 2005 All rights reserved
75
Single Phase Solid State Relays
MECHANICAL SPECIFICATIONS
Dimensions in mm
200 180 C U R R E N T in A M P S 160 120 100 80 60 40 20 10 20 30 40 50 60 70 80 90 100 AMBIENT TEMPERATURE IN C WITHOUT FAN 140 WITH FAN
220 200 180 C U R R E N T in A M P S 160 140 120 100 80 60 40 20 10 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE IN C
HEAT SINK USED: FAN USED: FAN USED:
0,14 K/W 70 CFM FOR 125 A 100 CFM FOR 150 A - 175 A
VALID FOR SERIES: PSB 20 SJK ( 125 A - 175 A )
HEAT SINK USED: FAN USED:
0,1 K/W 100 CFM FOR 205 A
POWERSEM reserves the right to change limits, test conditions and dimensions - info@POWERSEM.net - www.POWERSEM.net POWERSEM 2007 All rights reserved


▲Up To Search▲   

 
Price & Availability of PSB20D1217500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X