Part Number Hot Search : 
HIP9011 M38503 57840 002FT 2SC2791 H78L24 ZMY20MTA 1E106
Product Description
Full Text Search
 

To Download OFCBU-24-05-19BLK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FIBER MANAGEMENT
OFCBU/OFCBUGB
Optical Fiber Tube Gripper Saddle Description At distribution points, multi-fiber cables need to have the individual fibers or cable elements separated and protected by a management system. The cable strength member has to be terminated and anchored to prevent damage to the fibers from cable movement or pull out. The Optical Fiber Cable Breakout Unit affords quick, easy and positive arrangements of the fibers or cable elements, which are sheathed in OFBLT to give permanent protection. Assembly of tubes is made easy by a simple "lay through" design, no threading is required. The strength member retainer is simply inserted over the terminated cable as shown and clamps both the cable and the breakout unit to the jointing chassis. A secure fiber management system that minimizes installation time and maximizes fiber integrity and security. Once installed, it can be left with total peace of mind. For further protection, a gland box is available.
Gland Box Part No.
OFCBUGB-00 OFCBUGB-0 OFCBUGB-1
Cable Diameter
.16-.33 (4.0 - 8.5) .30-.79 (7.5 - 20.0) .37-.51 (9.5 - 13.0) .51-.71 (13.0 - 18.0) .69-.98 (17.5 - 25.0)
Features * Cable retention: >1.5kN * OFBLT retention: >100N * Maximum of 24 cable elements or 24 fiber bundles
OFCBUGB-2 OFCBUGB-3
Standard Pack: 1 per bag Miniflex technology manufactured by Richco - Patented Material: Flame Retardant Nylon, RMS-19 (UL 94V0); Bolt: Stainless Steel * Color: Black Standard Pack: 10/bag "d1" "d2" "D" "H" "L" "X"
.20 (5.0) .19 (4.7) 1.73 (44.0) .63 (16.0) 1.93 (49.0) 1.73 (44.0)
Part No.
OFCBU-24-05-19BLK
"Y"
.31 (8.0)
OFM
Optical Fiber Manifold
Description The 1 into 4 Optical Fiber Manifold enables small multiple fiber cables with aramid and similar strength reinforcement or central GRP strength member to be mechanically and securely terminated. OFBLT at the output ports gives full radius control and crush protection while still allowing an easy to route fiber "lay-through" design. OFBLT can also be used at the input port
Features * Ability to stack * Tube retention: >100N * For OFM Crimp Rings (For terminating GRP strength members) order: OFM-CR * For a Development Kit containing all adapters, order: OFM-4-05-19BLK * Gland box also available (see above picture); use part number: OFM-04-PG16BLK
Part No.
OFM series
" D"
.51 (13.0)
"h"
1.14 (29.0)
"A"
.73 (18.5)
"d"
.20 (5.0)
"H"
1.87 (47.5)
"L"
0.91 (23.0)
"W"
0.91 (23.0)
J
Part No.
OFM-C-1-05-19BLK OFM-C-2-05-19BLK OFM-C-3-05-19BLK OFM-C-4-05-19BLK OFM-C-5-05-19BLK OFM-C-6-05-19BLK OFM-C-7-05-19BLK OFM-T-05-19BLK OFM-T-635-19BLK
Miniflex technology manufactured by Richco - Patented Material: Flame Retardant Nylon, RMS-19 (UL 94V0); Color Black Standard Pack: 10/bag Incoming Cable Size Diameter
.098 - .138 (2.5 - 3.5) .118 - .157 (3.0 - 4.0) .161 - .197 (4.1 - 5.0) .201 - .236 (5.1 - 6.0) .240 - .276 (6.1 - 7.0) .280 - .335 (7.1 - 8.5) .335 - .425 (8.5 - 10.8) .197 (5.0) OFBLT .197 - .250 (5.0 - 6.35) OFBLT
Adapter Color
Black Blue Brown Green Red Black Rubber Black Rubber Split Black Split Blue
773-539-4060 Samples: 1-800-621-1892
205


▲Up To Search▲   

 
Price & Availability of OFCBU-24-05-19BLK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X