Part Number Hot Search : 
SP483EE 5236B B3682 AK4399EQ 20000 BAS11 PE3339EK KBPC5004
Product Description
Full Text Search
 

To Download NESG220033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
NPN SILICON GERMANIUM RF TRANSISTOR
NESG220033
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
FEATURES
* The device is an ideal choice for low noise, low distortion amplification. NF = 0.75 dB TYP. @ VCE = 5 V, IC = 10 mA, f = 1 GHz * PO (1 dB) = 21.5 dBm TYP. @ VCE = 5 V, IC (set) = 40 mA, f = 1 GHz * OIP3 = 35 dBm TYP. @ VCE = 5 V, IC (set) = 40 mA, f = 1 GHz * Maximum stable power gain: MSG =14.0 dB TYP. @ VCE = 5 V, IC = 40 mA, f = 1 GHz * SiGe HBT technology (UHS2) : fT = 12.5 GHz * This product is improvement of ESD of NESG2xxx series. * 3-pin minimold (33 PKG)
ORDERING INFORMATION
Part Number NESG220033 Order Number NESG220033-A Package 3-pin minimold (33 PKG) (Pb-Free) NESG220033-T1B NESG220033-T1B-A Quantity 50 pcs (Non reel) 3 kpcs/reel Supplying Form * 8 mm wide embossed taping * Pin 3 (Collector) face the perforation side of the tape
Remark To order evaluation samples, please contact your nearby sales office. Unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25C)
Parameter Collector to Base Voltage Collector to Emitter Voltage Collector to Emitter Voltage Base Current
Note 1
Symbol VCBO VCES VCEO IB IC Ptot
Note 2
Ratings 5.5 13 5.5 36 200 480 150 -65 to +150
Unit V V V mA mA mW C C
Collector Current Total Power Dissipation Junction Temperature Storage Temperature
Tj Tstg
Notes 1. Depend on the ESD protect device. 2. Mounted on 3.8 cm x 9.0 cm x 0.8 mm (t) glass epoxy PWB
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. PU10766EJ03V0DS (3rd edition) Date Published November 2009 NS Printed in Japan
The mark shows major revised points.
2009
The revised points can be easily searched by copying an "" in the PDF file and specifying it in the "Find what:" field.
NESG220033
THERMAL RESISTANCE (TA = +25C)
Parameter Termal Resistance from Junction to Note Ambient Symbol Rthj-a Ratings 260 Unit C/W
Note Mounted on 3.8 cm x 9.0 cm x 0.8 mm (t) glass epoxy PWB
RECOMMENDED OPERATING RANGE (TA = +25C)
Parameter Symbol IC MIN. - TYP. 40 MAX. - Unit mA

Collector Current
ELECTRICAL CHARACTERISTICS (TA = +25C)
Parameter DC Characteristics Collector Cut-off Current Emitter Cut-off Current DC Current Gain RF Characteristics Gain Bandwidth Product Insertion Power Gain Noise Figure (1) Noise Figure (2) Associated Gain (1) Associated Gain (2) Reverse Transfer Capacitance Maximum Stable Power Gain Gain 1 dB Compression Output Power Output 3rd Order Intercept Point fT S21e NF1 NF2 Ga1 Ga2 Cre
Note 2 2
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
ICBO IEBO hFE
Note 1
VCB = 5 V, IE = 0 mA VEB = 0.4 V, IC = 0 mA VCE = 5 V, IC = 10 mA
- - 140
- - 180
100 100 260
nA nA -
VCE = 5 V, IC = 40 mA, f = 1 GHz VCE = 5 V, IC = 40 mA, f = 1 GHz VCE = 5 V, IC = 10 mA, f = 1 GHz, ZS = ZSopt, ZL = 50 VCE = 5 V, IC = 40 mA, f = 1 GHz, ZS = ZSopt, ZL = ZLopt VCE = 5 V, IC = 10 mA, f = 1 GHz, ZS = ZSopt, ZL = 50 VCE = 5 V, IC = 40 mA, f = 1 GHz, ZS = ZSopt, ZL = ZLopt VCB = 5 V, IE = 0 mA, f = 1 MHz VCE = 5 V, IC = 40 mA, f = 1 GHz VCE = 5 V, IC (set) = 40 mA, f = 1 GHz, ZS = ZSopt, ZL = ZLopt VCE = 5 V, IC (set) = 40 mA, f = 1 GHz,
- 11.0 - - 10.0 - - 12.0 - -
12.5 13.0 0.75 0.9 12.0 13.5 0.7 14.0 21.5 35
- - 1.15 - - - 0.9 - - -
GHz dB dB dB dB dB pF dB dBm dBm
MSG
Note 3
PO (1 dB) OIP3
f = 1 MHz, ZS = ZSopt, ZL = ZLopt
Notes 1. Pulse measurement: PW 350 s, Duty Cycle 2% 2. Collector to base capacitance when the emitter grounded. 3. MSG = S21 S12
hFE CLASSIFICATION
Rank Marking hFE Value FB R7B 140 to 260
2
Data Sheet PU10766EJ03V0DS
NESG220033
TYPICAL CHARACTERISTICS (TA = +25C, unless otherwise specified)
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE
Total Power Dissipation Ptot (mW)
REVERSE TRANSFER CAPACITANCE vs. COLLECTOR TO BASE VOLTAGE
Reverse Transfer Capacitance Cre (pF)
1.1
1 000 3.8 cm x 9.0 cm x 0.8 mm (t), FR-4
f = 1 MHz
1.0 0.9 0.8 0.7 0.6 0.5
500
480
0
25
50
75
100
125
150
0
1
2
3
4
5
Ambient Temperature TA (C)
Collector to Base Voltage VCB (V)
COLLECTOR CURRENT vs. BASE TO EMITTER VOLTAGE
100 VCE = 3 V
Collector Current IC (mA) Collector Current IC (mA)
COLLECTOR CURRENT vs. BASE TO EMITTER VOLTAGE
100 VCE = 5 V 10 1 0.1 0.01 0.001
10 1 0.1 0.01 0.001
0.0001 0.4
0.5
0.6
0.7
0.8
0.9
0.0001 0.4
0.5
0.6
0.7
0.8
0.9
Base to Emitter Voltage VBE (V)
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE
200 1 700 A 1 500 A 1 300 A 1 100 A 900 A 100 700 A 500 A 50 300 A IB = 100 A 0 0 1 2 3 4 5
Collector Current IC (mA)
150
Collector to Emitter Voltage VCE (V)
Remark The graphs indicate nominal characteristics.
Data Sheet PU10766EJ03V0DS
3
NESG220033
DC CURRENT GAIN vs. COLLECTOR CURRENT
1 000 VCE = 3 V 1 000 VCE = 5 V
DC CURRENT GAIN vs. COLLECTOR CURRENT
DC Current Gain hFE
100
DC Current Gain hFE
1
100
10
10
1 0.1
10
100
1 000
1 0.1
1
10
100
1 000
Collector Current IC (mA)
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT
20
GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT
20
Gain Bandwidth Product fT (GHz)
15
Gain Bandwidth Product fT (GHz)
VCE = 3 V, f = 1 GHz
VCE = 5 V, f = 1 GHz 15
10
10
5
5
0 1
10 Collector Current IC (mA)
100
0 1
10 Collector Current IC (mA)
100
Remark The graphs indicate nominal characteristics.
4
Data Sheet PU10766EJ03V0DS
NESG220033
INSERTION POWER GAIN, MAG, MSG vs. FREQUENCY
Insertion Power Gain |S21e|2 (dB) Maximum Available Power Gain MAG (dB) Maximum Stable Power Gain MSG (dB)
35 30 25 20 15 |S21e| 10 5 0 0.1 1 Frequency f (GHz) 10
2
INSERTION POWER GAIN, MAG, MSG vs. FREQUENCY
Insertion Power Gain |S21e|2 (dB) Maximum Available Power Gain MAG (dB) Maximum Stable Power Gain MSG (dB)
35 30 25 20 15 |S21e| 10 5 0 0.1 1 Frequency f (GHz) 10
2
VCE = 3 V, IC = 10 mA
VCE = 3 V, IC = 40 mA
MSG
MSG
MAG MAG MSG
MAG MAG MSG
INSERTION POWER GAIN, MAG, MSG vs. FREQUENCY
Insertion Power Gain |S21e|2 (dB) Maximum Available Power Gain MAG (dB) Maximum Stable Power Gain MSG (dB)
35 30 25 20 15 |S21e| 10 5 0 0.1 1 Frequency f (GHz) 10
2
INSERTION POWER GAIN, MAG, MSG vs. FREQUENCY
Insertion Power Gain |S21e|2 (dB) Maximum Available Power Gain MAG (dB) Maximum Stable Power Gain MSG (dB)
35 30 25 20 15 |S21e| 10 5 0 0.1 1 Frequency f (GHz) 10
2
VCE = 5 V, IC = 10 mA
VCE = 5 V, IC = 40 mA
MSG
MSG
MAG MAG MSG
MAG MAG MSG
INSERTION POWER GAIN, MAG, MSG vs. COLLECTOR CURRENT
Insertion Power Gain |S21e|2 (dB) Maximum Available Power Gain MAG (dB) Maximum Stable Power Gain MSG (dB)
20 VCE = 3 V, f = 1 GHz 15 MSG MAG
INSERTION POWER GAIN, MAG, MSG vs. COLLECTOR CURRENT
Insertion Power Gain |S21e|2 (dB) Maximum Available Power Gain MAG (dB) Maximum Stable Power Gain MSG (dB)
20 VCE = 5 V, f = 1 GHz 15 MSG MAG
10 |S21e|2 5
10 |S21e|2 5
0 1
10 Collector Current IC (mA)
100
0 1
10 Collector Current IC (mA)
100
Remark The graphs indicate nominal characteristics.
Data Sheet PU10766EJ03V0DS
5
NESG220033
NOISE FIGURE, ASSOCIATED GAIN vs. COLLECTOR CURRENT
Output 3rd Order Intercept Point OIP3 (dBm)
OUTPUT 3RD ORDER INTERCEPT POINT vs. COLLECTOR CURRENT
16 40 VCE = 5 V, f1 = 1.000 GHz, f2 = 1.001 GHz 30 14 12 10
Associated Gain Ga (dB)
4 VCE = 5 V, f = 1 GHz, ZS = ZSopt, ZL = 50 Ga
Noise Figure NF (dB)
3
2
8 6
20
1
NF
4 2
10
0
1
10 Collector Current IC (mA)
0 100
0
1
10 Collector Current IC (mA)
100
30 VCE = 5 V, IC (set) = 40 mA, f = 1 GHz 20 Pout GL 10
400
Each Output Power Pout (each) (dBm) 3rd Order Intermodulation Distortion IM3 (dB)
OUTPUT POWER, LINEAR GAIN, COLLECTOR CURRENT vs. INPUT POWER
EACH OUTPUT POWER, IM3 vs. EACH INPUT POWER
40 30 20 10 Pout (each) 0 -10 -20 -30 -40 -50 -60 -70 -80 -20
Output Power Pout (dBm) Linear Gain GL (dB)
300
200
Collector Current IC (mA)
0 IC -10 -20 -10 0 10
100
IM3
VCE = 5 V, IC (set) = 40 mA, f1 = 1.000 GHz, f2 = 1.001 GHz 0 10 20 30
0 20
-10
Input Power Pin (dBm)
Each Input Power Pin (each) (dBm)
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters and noise parameters are provided on our Web site in a format (S2P) that enables the direct import of the parameters to microwave circuit simulators without the need for keyboard inputs. Click here to download S-parameters. [RF and Microwave] [Device Parameters] URL http://www.necel.com/microwave/en/
6
Data Sheet PU10766EJ03V0DS
NESG220033
PACKAGE DIMENSIONS 3-PIN MINIMOLD (33 PKG) (UNIT: mm)
2.80.2
0.4+0.1 -0.05
1.5
0.65+0.1 -0.15
R7B
1. Emitter 2. Base 3. Collector
0 to 0.1
0.95
2.90.2
2
0.95
1
0.3
Marking
1.1 to 1.4
PIN CONNECTIONS
0.16+0.1 -0.05
0.4+0.1 -0.05
3
Data Sheet PU10766EJ03V0DS
7
NESG220033
* The information in this document is current as of November, 2009. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. In addition, NEC Electronics products are not taken measures to prevent radioactive rays in the product design. When customers use NEC Electronics products with their products, customers shall, on their own responsibility, incorporate sufficient safety measures such as redundancy, fire-containment and anti-failure features to their products in order to avoid risks of the damages to property (including public or social property) or injury (including death) to persons, as the result of defects of NEC Electronics products. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E0904E


▲Up To Search▲   

 
Price & Availability of NESG220033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X