Part Number Hot Search : 
HER152 7S24B61M BAS20 EN25B16 468A106 MR850 IRF14 01089
Product Description
Full Text Search
 

To Download NCN8024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCN8024 Smart Card Interface IC
The NCN8024 is a single smart card interface IC. It is dedicated for 3.0 V/5.0 V smart card reader/writer applications. The device is fully compatible with the ISO 7816-3 and EMV standards as well as with standards specifying conditional access in Set-Top-Box (STB) including NDS.
Features
http://onsemi.com MARKING DIAGRAMS
28 NCN8024 AWLYYWWG SOIC-28 CASE 751F 1
* Single IC Card Interface * Fully Compatible with ISO 7816-3, EMV and Related Standards * * * * * * * * * * * * * * * * *
Including NDS Three Bidirectional Buffered I/O Level Shifters (C4, C7 and C8 Card Pins) 3.0 V or 5.0 V 5% Regulated Card Power Supply such as ICC 75 mA at 3.3 V VDDP 5.5 V Independent Power Supply Range on Controller Interface (2.7 V < VDD < 5.5 V) Handles 3.0 V and 5.0 V Smart Cards Thermal and Short Circuit Protection on all Card Pins Support up to 18 MHz Clock with Internal Division Ratio 1/1, 1/2, 1/4 and 1/8 through CLKDIV1 and CLKDIV2 Pins ESD Protection on Card Pins up to 8 kV+ (Human Body Model) Activation/Deactivation Sequences (ISO7816) Fault Protection Mechanisms Enabling Automatic Device Deactivation in Case of Overload, Overheating, Card Take-off or Power Supply Drop-out Interrupt Signal INT for Card Presence and Faults External Undervoltage Lockout Threshold Adjustment on VDD (PORADJ Pin) Available in 2 Package Formats: SOIC-28 and TSSOP-28 These are Pb-Free Devices Set-Top Boxes Conditional Access & Pay-TV Conditional Access Modules (CAM) POS / ATM Access Control, Identification
NCN 8024G ALYW TSSOP-28 CASE 948AA
NCN8024 = Specific Device Code A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G = Pb-Free Package
Typical Application ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 14 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2010
May, 2010 - Rev. 0
1
Publication Order Number: NCN8024/D
NCN8024
VDDP 10 uF VDD 100 nF Microcontroller VDD R1 R2 CMDVCC 5V/3V CLKDIV1 CLKDIV2 CLKIN VDD INT PORADJ 100 nF VDDP C1 C2 VUP CRD_PRES CRD_PRES NCN8024 CRD_VCC CRD_RST CRD_CLK CRD_AUX1 CRD_AUX2 CRD_IO CRD_GND GNDP GND GND GND 220 nF GND 330 nF 1 2 3 4 100 nF
100 nF SMART CARD DET Vcc RST CLK C4 DET GND Vpp I/O C8
CONTROL
5 GND 6 7 8
DATAPORT
RSTIN I/Ouc AUX1uc AUX2uc
Figure 1. Typical Smart Card Interface Application
CLKDIV1 CLKDIV2 5V/3V GNDP C2 VDDP C1 VUP CRD_PRES CRD_PRES CRD_I/O CRD_AUX2 CRD_AUX1 CRD_GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
AUX2uc AUX1uc I/Ouc NC CLKIN INT GND VDD RSTIN CMDVCC PORADJ CRD_VCC CRD_RST CRD_CLK
Figure 2. SOIC-28 and TSS0P-28 Pinout (Top View)
http://onsemi.com
2
NCN8024
VDD 21 VDDP 6 9 CRD_PRES INT 23 Interrupt Block Card Detection 10 CRD_PRES 5V/3V 3 Supply Voltage Monitoring DC/DC Converter Internal Oscillator 2.5 MHz 17 CRD_VCC Thermal Control Clock Dividers 4 8 GNDP VUP
5 7
C2 C1
CMDVCC 19 PORADJ CLKDIV1 CLKDIV2 18 1 2
CLKIN NC RSTIN I/Ouc AUX2uc
24 25 20 26 27 28 22
15 CRD_CLK Control Logic and Sequencer Card Pin Drivers 16 CRD_RST 11 CRD_I/O 13 CRD_AUX2 12 CRD_AUX1 14 CRD_GND
AUX1uc GND
Figure 3. NCN8024 Block Diagram
PIN FUNCTION AND DESCRIPTION
Pin # 1 2 3 4 5 6 7 8 9 10 Name CLKDIV1 CLKDIV2 5V/3V GNDP C2 VDDP C1 VUP CRD_PRES CRD_PRES Type Input Input Input GND Power Power Power Power Input Input Description This pin coupled with CLKDIV2 is used to program the clock frequency division ratio (Table 1). This pin coupled with CLKDIV1 is used to program the clock frequency division ratio (Table 1). Allows selecting card VCC power supply voltage. CRD_VCC = 5 V when 5V/3V = HIGH or 3 V when 5V/3V = LOW DC/DC Converter Power Supply Ground DC/DC Converter Capacitor pin number 2 - A 100 nF capacitor is connected between this pin and pin C1. The capacitor has to feature an ESR lower than 100 mW DC/DC Converter Power Supply Voltage DC/DC Converter Capacitor pin number 1 - A 100 nF capacitor is connected between this pin and pin C2. The capacitor has to feature an ESR lower than 100 mW Charge-pump output - a very low ESR 100 nF capacitor (ESR< 100 mW) is connected between this pin and GNDP Card presence pin active (card present) when CRD_PRES = Low. A built-in debounce timer of about 8 ms is activated when a card is inserted. Card presence pin active (card present) when CRD_PRES = High. A built-in debounce timer of about 8 ms is activated when a card is inserted.
http://onsemi.com
3
NCN8024
PIN FUNCTION AND DESCRIPTION
Pin # 11 Name CRD_I/O Type Input/ Output Input/ Output Input/ Output GND Output Output Power Description This pin handles the connection to the serial I/O (C7) of the card connector. A bi-directional level translator adapts the serial I/O signal between the card and the micro controller. An 11 kW (typical) pullup resistor to CRD_VCC provides a High impedance state for the smart card I/O link. This pin handles the connection to the chip card's serial auxiliary AUX2 I/O pin (C8). A bi-directional level translator adapts the serial I/O signal between the card and the micro controller. An 11 kW (typical) pullup resistor to CRD_VCC provides a High impedance state for the smart card C8 pin. This pin handles the connection to the chip card's serial auxiliary AUX1 I/O pin (C4). A bi-directional level translator adapts the serial I/O signal between the card and the micro controller. An 11 kW (typical) pullup resistor to CRD_VCC provides a High impedance state for the smart card C4 pin. Card Ground This pin is connected to the CLOCK card connector's pin (Chip card's pin C3). The Clock signal comes from the CLKIN input through clock dividers and level shifter. This pin is connected to the chip card's RESET pin (C2) through the card connector. A level translator adapts the external Reset (RSTIN) signal to the smart card. This pin is connected to the smart card power supply pin. An internal DC/DC converter is programmable using the pin 5V/3V to supply either 5 V or 3 V output voltage. An external distributed ceramic capacitor (200 nF + 330 nF typical recommended) must be connected across CRD_VCC and CRD_GND. This set of capacitor (if distributed) must be low ESR (< 100 mW). Power-on reset threshold adjustment input pin for changing the reset threshold with an external resistor power divider. Recommended to be connected to ground when unused. Command VCC pin. Activation sequence Enable/Disable pin (active Low). The activation sequence is enabled by toggling CMDVCC High to Low and when a card is present. This Reset input connected to the host and referred to VDD (microcontroller side), is connected to the smart card Reset pin through the internal level shifter which translates the level according to the CRD_VCC programmed value. This pin is connected to the system controller power supply. It configures the level shifter input stage to accept the signals coming from the controller. A 0.1 mF capacitor shall be used to bypass the power supply voltage. When VDD is below 2.35 V typical the card pins are disabled. Ground The interrupt request is activated LOW on this pin. This is enabled when a card is present and the card presence is detected by CRD_PRES or CRD_PRES pins. Similarly an interrupt is generated when CRD_VCC is overloaded. 20 kW typical integrated pullup resistor to VDD. Clock Input for External Clock Unconnected Input/ Output Input/ Output Input/ Output This pin is connected to an external micro-controller. A bi-directional level translator adapts the serial I/O signal between the smart card and the external controller. A built-in constant 11 kW (typical) resistor provides a high impedance state. This pin is connected to an external micro-controller. A bi-directional level translator adapts the serial C4 signal between the smart card and the external controller. A built-in constant 11 kW (typical) resistor provides a high impedance state. This pin is connected to an external micro-controller. A bi-directional level translator adapts the serial C8 signal between the smart card and the external controller. A built-in constant 11 kW (typical) resistor provides a high impedance state.
12
CRD_AUX2
13
CRD_AUX1
14 15 16 17
CRD_GND CRD_CLK CRD_RST CRD_VCC
18 19 20
PORADJ CMDVCC RSTIN
Input Input Input
21
VDD
Power
22 23
GND INT
GND Output
24 25 26
CLKIN NC I/Ouc
Input
27
AUX1uc
28
AUX2uc
http://onsemi.com
4
NCN8024
ATTRIBUTES
Characteristics ESD protection Human Body Model (HBM) (Note 1) Card Pins (Card Interface Pins 9 - 17) All Other Pins Machine Model (MM) Card Pins (Card Interface Pins 9 - 17) All Other Pins Moisture sensitivity (Note 2) SOIC-28 and TSSOP-28 Flammability Rating Oxygen Index: 28 to 34 Values
8 kV 2 kV 400 V 150 V Level 1 UL 94 V-0 @ 0.125 in
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latch-up Test 1. Human Body Model (HBM), R = 1500 W, C = 100 pF. 2. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS (Note 3)
Rating DC/DC Converter Power Supply Voltage Power Supply from Microcontroller Side External Card Power Supply Charge Pump Output Digital Input Pins Digital Output Pins (I/Ouc, AUX1uc, AUX2uc, INT) Smart Card Output Pins Thermal Resistance Junction-to-Air Operating Ambient Temperature Range Operating Junction Temperature Range Maximum Junction Temperature Storage Temperature Range SOIC-28 TSSOP-28 Symbol VDDP VDD CRD_VCC VUP Vin Vout Vout RqJA TA TJ TJmax Tstg Value -0.3 v VDDP v 5.5 -0.3 v VDD v 5.5 -0.3 v CRD_VCC v 5.5 -0.3 v VUP v 5.5 -0.3 v Vin v VDD -0.3 v Vout v VDD -0.3 v Vout v CRD_VCC 75 76 -40 to +85 -40 to +125 +125 -65 to + 150 V V V C/W C C C C Unit V V V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 3. Maximum electrical ratings are defined as those values beyond which damage to the device may occur at TA = +25C
http://onsemi.com
5
NCN8024
POWER SUPPLY SECTION (VDD = 3.3 V; VDDP = 5 V; Tamb = 25C; FCLKIN = 10 MHz)
Pin 6 Symbol VDDP Rating DC/DC Converter Power Supply, CRD_VCC = 3 V and 5 V with DC Load Such as |ICC| v 75 mA |ICC| v 20 mA NDS Conditions: DC/DC Converter Power Supply, CRD_VCC = 3 V and 5 V with 75 mA Load Transient from 100 Hz to 200 MHz and / CMDVCC Cycling (Note 4): |ICC| v 75 mA |ICC| v 20 mA Inactive Mode DC Operating Supply Current, FCLKIN = 10 MHz, CoutCRD_CLK = 33 pF, ICRD_VCC = 0 DC Operating Supply Current, CRD_VCC = 5 V, ICRD_VCC = 75 mA CRD_VCC = 3 V, ICRD_VCC = 75 mA Operating Voltage Inactive Mode 0 Standby Current Operating Current - FCLK_IN = 10 MHz, CoutCRD_CLK = 33 pF, ICRD_VCC = 0 Undervoltage Lockout (UVLO), No External Resistor at Pin PORADJ (Connected to GND), Falling VDD Level UVLO Hysteresis, No External Resistor at Pin PORADJ (Connected to GND) Min Typ Max Unit V 3.3 3.0 5.0 5.5 5.5 V 4.5 3.15 - - 5.0 - - 5.5 5.5 0.3 5.0 mA mA mA
6
VDDP
6 6 6
IDDP IDDP IDDP
- 2.7 - - 2.25 50
- - - - 2.35 130
200 200 5.5 0.6 1 2.45 180
21 21 21 21 21
VDD IVDD IVDD UVLOVDD UVLOHys
V mA mA V mV
PORADJ PIN 18 18 18 18 VPORth+ VPORth- VPORHys tPOR External Rising Threshold Voltage on VDD for Power On Reset - Pin PORADJ External Falling Threshold voltage on VDD for Power On Reset - Pin PORADJ Hysteresis on VPORth (pin PORADJ) Width of Power-On Reset Pulse (Note 4) No External Resistor on PORADJ External Resistor on PORADJ Low Level Input Leakage Current, VIL<0.5 V (Pulldown Current Source) DC/DC Converter Clock Frequency when Card Active (Note 4) Output Voltage on pin VUP (average value) CRD_VCC = 5V CRD_VCC = 3V Output Capacitance on card power supply CRD_VCC (Notes 4 and 5) Output Card Supply Voltage @ 4.5 V< VDDP < 5.5 V (including ripple) CRD_VCC = 3.0 V @ Iload v 65 mA CRD_VCC = 5.0 V @ Iload v 65 mA 2.2 5.0 5.0 300 5.23 5.23 220 + 320 3.00 5.00 1.18 1.13 30 4 4 1.24 1.18 60 8 8 5 1.3 1.24 100 12 12 V V mV ms
18
IIL FCLK
mA
DC/DC CONVERTER 3.2 5.5 5.5 1000 MHz V
8
VUP
17 17
CCRD_VCC CRD_VCC
nF V
2.85 4.75
3.15 5.25
NOTE:
Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. Guaranteed by design and characterization 5. These values take into account the tolerance of the cms capacitor used. The allowed values are single or distributed capacitor combination not exceeding 1.0 mF with 220 nF + 330 nF typical and recommended. It is recommended to use X5R or X7R-type capacitors with very low ESR (< 100 mW) for optimal performances.
http://onsemi.com
6
NCN8024
POWER SUPPLY SECTION (VDD = 3.3 V; VDDP = 5 V; Tamb = 25C; FCLKIN = 10 MHz)
Pin Symbol Rating Min Typ Max Unit DC/DC CONVERTER 17 CRD_VCC Output Card Supply Voltage @ 3.6 V v VDDP v 5.5 V with |ICC| v 65 mA load transient from 100 Hz to 200 MHz (including ripple) (Note 4) CRD_VCC = 3.0 V CRD_VCC = 5.0 V Output Card Supply Voltage @ 4.5 V< VDDP < 5.5 V with Current- Load Pulses of 40 nAs/t < 400 ns and |ICC| < 200 mA Peak Current (Including Ripple) (Note 4) CRD_VCC = 3.0 V CRD_VCC = 5.0 V Card Supply Current @ CRD_VCC = 3.0 V @ CRD_VCC = 5.0 V Short-Circuit Current - CRD_VCC Shorted to Ground Output Card Supply Voltage Ripple Peak-to-Peak - fripple = 100 Hz to 200 MHz (Load Transient with 65 mA Peak Current) (Note 4) Slew Rate on CRD_VCC Up or Down (Note 4) 110
2.76 4.65
3.00 5.00
3.20 5.25
V V
17
CRD_VCC
2.76 4.65
3.00 5.00
3.20 5.25 75 75 150 350 0.22
V V mA
17
ICRD_VCC
17 17 17 NOTE:
ICRD_VCC_SC DVCRD_VCC CRD_VCCSR
mA mV V/ms
Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. Guaranteed by design and characterization 5. These values take into account the tolerance of the cms capacitor used. The allowed values are single or distributed capacitor combination not exceeding 1.0 mF with 220 nF + 330 nF typical and recommended. It is recommended to use X5R or X7R-type capacitors with very low ESR (< 100 mW) for optimal performances.
DIGITAL INPUT/OUTPUT SECTION CLKIN, RSTIN, I/Ouc, AUX1uc, AUX2uc, CLKDIV1, CLKDIV2, CMDVCC, 5V/3V
(VDD = 3.3 V; VDDP = 5 V; Tamb = 25C; FCLKIN = 10 MHz) Pin 24 1, 2, 3, 19, 20, 24, 26, 27, 28 1, 2, 3, 19, 20, 24, 26, 27, 28 1, 2, 3, 19, 20, 24 1, 2, 3, 19, 20, 24 26, 27, 28 26, 27, 28 NOTE: Symbol FCLKIN VIL Rating Clock Frequency on Pin CLKIN (with Divider Ratio w 2) (Note 6) Input Voltage Level Low: CLKIN, RSTIN, I/Ouc, AUX1uc, AUX2uc, CLKDIV1, CLKDIV2, CMDVCC, 5V/3V Input Voltage Level High: CLKIN, RSTIN, I/O, AUX1, AUX2, CLKDIV1, CLKDIV2, CMDVCC, 5V/3V CLKDIV1, CLKDIV2, CMDVCC, RSTIN, CLKIN, 5V/3V Low Level Input Leakage Current, VIL = 0 V CLKDIV1, CLKDIV2, CMDVCC, RSTIN, CLKIN, 5V/3V Low Level Input Leakage Current, VIH = VDD I/Ouc, AUX1uc, AUX2uc Low Level Input Leakage Current, VIL = 0 V I/Ouc, AUX1uc, AUX2uc High Level Input Leakage Current, VIH = VDD Min - -0.3 Typ - - Max 27 0.3 x VDD Unit MHz V
VIH
0.7 x VDD
-
VDD + 0.3
V
IIL IIH IIL IIH
- - - -
- - - -
1.0 1.0 600 10
mA mA mA mA
Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 6. Guaranteed by design and characterization
http://onsemi.com
7
NCN8024
DIGITAL INPUT/OUTPUT SECTION CLKIN, RSTIN, I/Ouc, AUX1uc, AUX2uc, CLKDIV1, CLKDIV2, CMDVCC, 5V/3V
(VDD = 3.3 V; VDDP = 5 V; Tamb = 25C; FCLKIN = 10 MHz) Pin 26, 27, 28 Symbol VOH Rating I/Ouc, AUX1uc, AUX2uc data channels, @ Cs v 30 pF High Level Output Voltage (CRD_I/O = CRD_AUX1 = CRD_AUX2 = CRD_VCC) IOH = 0 IOH = -40 mA Low Level Output Voltage (C_I/O= CRD_AUX1 = CRD_AUX2 = 0 V) IOL = +1 mA Input Rising/Falling Times (Note 6) Output Rising/Falling Times (Note 6) Maximum Frequency through Bidirectional I/O, AUX1 and AUX2 Channels (Note 6) I/0uc, AUX1uc, AUX2uc Pullup Resistor Output High Voltage INT @ IOH = -15 mA (Source) Output Low Voltage INT @ IOL = 2 mA (Sink) INT Pullup Resistor Min Typ Max Unit
0.9 x VDD 0.75 x VDD 0 - - - 8.0 0.75 x VDD 0 14
- - - - - - 11 - - 20
VDD + 0.1 VDD + 0.1 0.3 1.2 0.1 1 16 - 0.30 26
V V V ms ms MHz kW V V kW
VOL tRi/Fi tRo/Fo 26, 27, 28 26, 27, 28 23 23 23 NOTE: Fbidi Rpu VOH VOL RINT
Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 6. Guaranteed by design and characterization
http://onsemi.com
8
NCN8024
SMART CARD INTERFACE SECTION, CRD_IO, CRD_AUX1, CRD_AUX2, CRD_CLK, CRD_RST, CRD_PRES, CRD_PRES (VDD = 3.3 V; VDDP = 5 V; Tamb = 25C; FCLKIN = 10 MHz)
Pin 16 Symbol VOH VOL VOH VOL tR tF td 15 FCRDCLK VOH VOL VOH VOL FDC trills tulsa SR 11, 12, 13 VIH VIH VIL IIL IIH VOH VOL tRi/Fi tRo/Fo 11, 12, 13 RPU tIO tpu 9, 10 Rating CRD_RST @ CRD_VCC = 3.0 V, 5.0 V Output RESET VOH @ Irst = -200 mA Output RESET VOL @ Irst = 200 mA Output RESET VOH @ Irst = -20 mA Output RESET VOL @ Irst = 20 mA Output RESET Risetime @ Cout = 100 pF (Note 7) Output RESET Falltime @Cout = 100 pF (Note 7) RSTIN to CRD_RST Delay - Reset Enabled (Note 7) CRD_CLK @ CRD_VCC = 3.0 V or 5.0 V Output Frequency (Note 7) Output CRD_CLK VOH @ Iclk = -200 mA Output CRD_CLK VOL @ Iclk = 200 mA Output CRD_CLK VOH @ Iclk = -70 mA Output CRD_CLK VOL @ Iclk = 70 mA Output Duty Cycle (Note 7) Rise & Fall time (Note 5) Output CRD_CLK Risetime @ Cout = 30 pF Output CRD_CLK Falltime @ Cout = 30 pF Slew Rate @ Cout = 33 pF (Note 7) CRD_AUX1, CRD_AUX2, CRD_IO @ CRD_VCC = 3.0 V, 5.0 V Input Voltage High Level (5 V Mode) Input Voltage High Level (3 V Mode) Input Voltage Low Level Low Level Input Current VIL = 0 V High Level Input Current VIH = CRD_VCC Output VOH @ IOH = -40 mA Output VOL @ IOL = 1 mA, VIL = 0 V Input Rising/Falling Times Output Rising/Falling Times / Cout = 80 pF CRD_AUX1, CRD_AUX2, CRD_IO Pullup Resistor Propagation delay IOuc -> CRD_IO and CRD_IO -> IOuc (Falling Edge) (Note 7) Active pull-up pulse width buffers I/O, AUX1 & AUX2 (Note 7) CRD_PRES, CRD_PRES Card Presence Voltage High Level Card Presence Voltage Low Level 2.5 1.6 0.30 - - 0.75 x CRD_VCC 0 - - 8.0 - - - - - - - - - - 11 - 200 CRD_VCC+0.3 CRD_VCC+0.3 0.80 600 10 CRD_VCC+0.1 0.30 1.2 0.1 16 200 - V V V mA mA V V ms ms kW ns ns V - 0.9 x CRD_VCC 0 0 CRD_VCC -0.4 45 - - 0.2 - - - - - - - - - 18 CRD_VCC +0.2 0.4 CRD_VCC 55 16 16 - MHz V V V V % ns ns V/ns Min 0.9 x CRD_VCC 0 0 CRD_VCC - 0.4 - - - Typ - - - - - - - Max CRD_VCC 0.20 0.4 CRD_VCC 100 100 2 Unit V V V V ns ns ms
VIH VIL
0.7 x VDD -0.3
VDD + 0.3 0.3 x VDD
NOTE:
Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Guaranteed by design and characterization
http://onsemi.com
9
NCN8024
SMART CARD INTERFACE SECTION, CRD_IO, CRD_AUX1, CRD_AUX2, CRD_CLK, CRD_RST, CRD_PRES, CRD_PRES (VDD = 3.3 V; VDDP = 5 V; Tamb = 25C; FCLKIN = 10 MHz)
Pin 9, 10 Symbol |IIH| |IIL| Rating CRD_PRES, CRD_PRES Low level input leakage current, VIH = VDD CRD_PRES CRD_PRES High level input leakage current, VIL = 0 V CRD_PRES CRD_PRES 5 - - - 30 30 - Min Typ Max Unit mA 5 10 1 1 10 11 15 70 20 100 250 - ms mA mA mA ms ms C
5 8 - - - - - 160
9, 10 11, 12, 13, 16 15 16
Tdebounce Debounce Time CRD_PRES and CRD_PRES (Note 7) ICRD_IO CRD_IO, CRD_AUX1, CRD_AUX2 Current Limitation
ICRD_CLK CRD_CLK Current Limitation ICRD_RST CRD_RST Current Limitation tact tdeact Temp SD Activation Time (Note 7) Deactivation Time (Note 7) Shutdown Temperature
NOTE:
Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Guaranteed by design and characterization
POWER SUPPLY
The NCN8024 smart card interface has two power supplies: VDD and VDDP. VDD is usually common to the system controller and the interface. The applied VDD ranges from 2.7 V up to 5.5 V. If VDD goes below 2.35 V typical (UVLOVDD) a power-down sequence is automatically performed. In that case the interrupt (INT) pin is set Low. A built-in charge-pump-based DC/DC converter followed by a Low Drop-Out (LDO) regulator is used to provide the 3 V or 5 V power supply voltage (CRD_VCC) to the card. VDDP is the converter's input voltage. VUP is the charge-pump converter's output. It is connected to the LDO input. A reservoir capacitor of 100 nF is connected to VUP. CRD_VCC is the LDO output. Even if the converter can operate with a single output reservoir capacitor as low as 100 nF at CRD_VCC, it is recommended to use a capacitor of at least 320 nF in order to satisfy the datasheet specifications. The best recommended combination guaranteeing optimal performances consists in a distributed set of capacitors 220 nF + 330 nF (in particular recommended for optimally satisfying the NDS standard). To minimize dI/dt effects, the fly capacitor (100 nF) and the reservoir capacitors VUP and CRD_VCC have to be connected as close as possible to the corresponding device's pin and feature very low ESR values (lower than 50 mW). The fly capacitor is connected between C1 and C2. The decoupling capacitors on VDD and VDDP respectively 100 nF and 10 mF have also to be connected close to the respective IC pins. The CRD_VCC pin can source up to 75 mA continuously over the VDDP range (from 3.3 V to 5.5 V), the absolute
maximum current being internally limited below 150 mA (Typical at 110 mA). CRD_VCC can stay in the range 4.6 V - 5.30 V during current transient up to 200 mA (peak current) over less than 400 ns of current pulse duration such as the charge transient is lower than 40 nAs. There's no specific sequence for applying VDD or VDDP. They can be applied to the interface in any sequence. After powering the device INT remains Low until a card is inserted.
SUPPLY VOLTAGE MONITORING
The supply voltage monitoring block includes the Power On Reset (POR) circuitry and the under voltage lockout (UVLO) detection (VDD voltage dropout detection). PORADJ pin allows the user, according to the considered application, to adjust the VDD UVLO threshold. If not used PORADJ pin is connected to Ground. The input supply voltage is continuously monitored to prevent under voltage operation. At power up, the system initializes the internal logic during POR timing and no further signal can be provided or supported during this period. Such initialization takes place when the input voltage rises between 2 V to 2.6 V about typical. The system is ready to operate when the input voltage has reached the minimum 2.7 V. Considering this, the NCN8024 will detect an Under-Voltage situation when the input supply voltage will drop below 2.35 V typical. When VDD goes down below the UVLO falling threshold a deactivation sequence is performed. The device is inactive during power-on and power-off of the VDD supply (8 ms reset pulse).
http://onsemi.com
10
NCN8024
PORADJ pin is used to modify the UVLO threshold according to the below relationship considering an external resistor divider R1 / R2 (see block diagram Figure 1):
UVLO + R1 ) R2 V POR R2 DATA I/O, AUX1 and AUX2 LEVEL SHIFTERS
If PORADJ is connected to Ground the VDD UVLO threshold (VDD falling) is typically 2.35 V. In some cases it can be interesting to adjust this threshold at a higher value and by the way increase the VDD supply dropout detection level which enables a deactivation sequence if the VDD voltage is too low. For example, there are microcontrollers for which the minimum supply voltage insuring a correct operating is higher than 2.55 V, increasing UVLOVDD (VDD falling) is consequently necessary. Considering for instance a resistor bridge with R1 = 56 kW, R2 = 42 kW and VPOR- = 1.18 V typical the VDD dropout detection level can be increased up to:
UVLO + 59k ) 42k V POR - + 2.75 V 42k
The three bidirectional level shifters I/O, AUX1 and AUX2 adapt the voltage difference that might exist between the micro-controller and the smart card. These three channels are identical. The first side of the bidirectional level shifter dropping Low (falling edge) becomes the driver side until the level shifter enters again in the idle state pulling High CRD_IO and I/Ouc. Passive 11 kW pull-up resistors have been internally integrated on each terminal of the bidirectional channel. In addition with these pull-up resistors, an active pull-up circuit provides a fast charge of the stray capacitance. The current to and from the card I/O lines is limited internally to 15 mA and the maximum frequency on these lines is 1 MHz.
STANDBY MODE
The minimum dropout detection voltage should be higher than 2 V. The maximum detection level may be up to VDD.
CLOCK DIVIDER:
The input clock can be divided by 1/1, 1/2, 1/4, or 1/8, depending upon the specific application, prior to be applied to the smart card driver. These division ratios are programmed using pins CLKDIV1 and CLKDIV2 (see Table 1). The input clock is provided externally to pin CLKIN.
Table 1. Clock Frequency Programming
CLKDIV1 0 0 1 1 CLKDIV2 0 1 0 1 FCRD_CLK CLKIN/8 CKLKIN / 4 CLKIN CLKIN / 2
After a Power-on reset, the circuit enters the standby mode. A minimum number of circuits are active while waiting for the microcontroller to start a session: * All card contacts are inactive * Pins I/Ouc, AUX1uc and AUX2uc are in the high-impedance state (11 kW pull-up resistor to VDD) * Card pins are inactive and pulled Low * Supply Voltage monitoring is active * The internal DC/DC converter oscillator is running.
POWER-UP
In the standby mode the microcontroller can check the presence of a card using the signals INT and CMDVCC as shown in Table 2:
Table 2. Card Presence State
INT HIGH LOW CMDVCC HIGH HIGH State Card present Card not present
The clock input stage (CLKIN) can handle a 27 MHz maximum frequency signal (considering a division ratio w 2). Of course, the ratio must be defined by the user to cope with Smart Card considered in a given application In order to avoid any duty cycle out of the 45% / 55% range specification, the divider is synchronized by the last flip flop, thus yielding a constant 50% duty cycle, whatever be the divider ratio 1/2, 1/4 or 1/8. On the other hand, the output signal Duty Cycle cannot be guaranteed 50% if the division ratio is 1 and if the input Duty Cycle signal is not within the 46 - 56% range at the CLKIN input. When the signal applied to CLKIN is coming from the external controller, the clock will be applied to the card under the control of the microcontroller or similar device after the activation sequence has been completed.
If a card is detected present (CRD_PRES or CRD_PRES active) the controller can start a card session by pulling CMDVCC Low. Card activation is run (t0, Figure 5). This Power-Up Sequence makes sure all the card related signals are LOW during the CRD_VCC positive going slope. These lines are validated when CRD_VCC is stable and above the minimum voltage specified. When the CRD_VCC voltage reaches the programmed value (3.0 V or 5.0 V), the circuit activates the card signals according to the following sequence (Figure 5): * CRD_VCC is powered-up at its nominal value (t1) * I/O, AUX1 and AUX2 lines are activated (t2) * Then Clock channel is activated and the clock signal is applied to the card (t3) * Finally the Reset level shifter is enabled (t4)
http://onsemi.com
11
NCN8024
The clock can also be applied to the card using a RSTIN mode allowing controlling the clock starting by setting RSTIN Low (Figure 4). Before running the activation sequence, that is before setting Low CMDVCC RSTIN is set High. In these initial conditions CRD_CLK starts when RSTIN is pulled Low. This allows a precise count of clock pulses before toggling CRD_RST High for ATR (Answer To Reset) request.
CMDVCC CRD_VCC CRD_IO ATR
The internal activation sequence activates the different channels according to a specific hardware built-it sequencing internally defined but at the end the actual activation sequencing is the responsibility of the application software and can be redefined by the micro-controller to comply with the different standards and the different ways the standards manage this activation (for example light differences exist between the EMV and the ISO7816 standards).
CRD_CLK
RSTIN CRD_RST t0 t1 t2
Figure 4. Activation Sequence - RSTIN mode (RSTIN Starting High)
CMDVCC CRD_VCC CRD_IO ATR
CRD_CLK
RSTIN CRD_RST t0 t1 t2 t3 tact t4
Figure 5. Activation Sequence - Normal Mode
http://onsemi.com
12
NCN8024
POWER-DOWN
When the communication session is completed the NCN8024 runs a deactivation sequence by setting High CMDVCC. The below power down sequence is executed: * CRD_RST is forced to Low
CMDVCC CRD_RST CRD_CLK CRD_IO CRD_VCC
* CRD_CLK is set Low 12 ms after CRD_RST. * CRD_IO, CRD_AUX1 and CRD_AUX2 are pulled Low * Finally CRD_VCC supply can be shut-off.
tdeact
Figure 6. Deactivation Sequence FAULT DETECTION
In order to protect both the interface and the external smart card, the NCN8024 provides security features to prevent failures or damages as depicted here after. * Card extraction detection * VDD under voltage detection * Short-circuit or overload on CRD_VCC
CRD_PRES INT
* Card pin current limitation: in the case of a short circuit * DC/DC operation: the internal circuit continuously * *
senses the CRD_VCC voltage (in the case of either over or under voltage situation). DC/DC operation: under-voltage detection on VDDP or overload on VUP Overheating
to ground. No feedback is provided to the external MPU.
CMDVCC CRD_VCC
Debounce
Debounce
Powerdown Resulting of Card Extraction
Powerdown Caused by Short-Circuit
Figure 7. Fault Detection and Interrupt Management Interrupt Pin Management:
A card session is opened by toggling CMDVCC High to Low. Before a card session, CMDVCC is supposed to be in a High position. INT is Low if no card is present in the card connector (Normally open or normally closed type). INT is High if a card is present. If a card is inserted (INT = High) and if VDD drops below the UVLO threshold then INT pin drops Low immediately. It turns back High when VDD increases again over the UVLO limit (including hysteresis), a card being still present.
During a card session, CMDVCC is Low and INT pin goes Low when a fault is detected. In that case a deactivation is immediately and automatically performed (see Figure 6). When the microcontroller resets CMDVCC to High it can sense the INT level again after having got completed the deactivation. As illustrated by Figure 7 the device has a debounce timer of 8 ms typical duration. When a card is inserted, output INT goes High only at the end of the debounce time. When the card is removed a deactivation sequence is automatically and immediately performed and INT goes Low.
http://onsemi.com
13
NCN8024
ESD PROTECTION
The NCN8024 includes devices to protect the pins against the ESD spikes voltages. To cope with the different ESD voltages developed across these pins, the built in structures have been designed to handle either 2 kV, when related to the micro controller side, or 8 kV when connected with the external contacts (HBM model). Practically, the CRD_RST,
CRD_CLK, CRD_IO, CRD_AUX1, CRD_AUX2, CRD_PRES and CRD_PRES pins can sustain 8 kV. The CRD_VCC pin has the same ESD protection and can source up to 75 mA continuously, the absolute maximum current being internally limited with a max at 150 mA. The CRD_VCC current limit depends on VDDP and CRD_VCC.
VDD +3.3V
XTAL1 XTAL2
CLKDIV1 CLKDIV2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 NCN6024
28 27 26 25 24 23 22 21 20 19 18 17 16 15
AUX2uc AUX1uc I/Ouc NC CLKIN INT GND VDD RSTIN CMDVCC PORADJ CRD_VCC CRD_RST CRD_CLK R1 R2 100 nF
3.3 V Microcontroller
+ 100 nF VDDP +5V or +3.3V 100 nF
5V/3V 10 mF GNDP C2 VDDP 100 nF C1 VUP CRD_PRES CRD_PRES CRD_I/O CRD_AUX2
100 kW VDD +3.3V
CRD_AUX1 CRD_GND
Optional R1/R2 resistor divider - if not used PORADJ has to be connected to Ground
330 nF 220 nF 1 2 3 4 Vcc RST CLK C4 GND Vpp I/O C8 5 6 7 8
DET Normally Open SMART CARD
Figure 8. Application Schematic ORDERING INFORMATION
Device NCN8024DWR2G NCN8024DTBR2G Package SOIC-28 (Pb-Free) TSSOP-28 (Pb-Free) Shipping 1000 / Tape & Reel 2500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *Consult Sales Office
http://onsemi.com
14
NCN8024
PACKAGE DIMENSIONS
SOIC-28 WB CASE 751F-05 ISSUE H
-X-
28
D
15 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBER PR5OTRUSION SHALL NOT BE 0.13 TOTATL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E G H L M MILLIMETERS MIN MAX 2.35 2.65 0.13 0.29 0.35 0.49 0.23 0.32 17.80 18.05 7.40 7.60 1.27 BSC 10.05 10.55 0.41 0.90 0_ 8_
E -Y-
1 PIN 1 IDENT 14
H 0.25
M
Y
M
A 0.10 G B 0.025
M
L C M
A1 Y
S
-T-
SEATING PLANE
TX
S
SOLDERING FOOTPRINT*
11.00
28X 8X
1.30 1 28
0.52
28X
1.27 PITCH
14
15
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
15
NCN8024
PACKAGE DIMENSIONS
28 LEAD TSSOP CASE 948AA-01 ISSUE O
28
e
15
B
PIN ONE LOCATION 2X
E1 E
DETAIL A
NOTES: 1. DIMENSIONS AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS IN MILLIMETERS. 3. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 MM TOTAL IN EXCESS OF THE "b" DIMENSION AT MAXIMUM MATERIAL CONDITION. 4. DATUMS A AND B TO BE DETERMINED AT DATUM PLANE H. DIM A A1 A2 b b1 c c1 D E E1 e L L1 R R1 S 01 02 03 MILLIMETERS MIN MAX --- 1.20 0.05 0.15 0.80 1.05 0.19 0.30 0.19 0.25 0.09 0.20 0.09 0.16 9.60 9.80 6.40 BSC 4.30 4.50 0.65 BSC 0.45 0.75 1.00 REF 0.09 --- 0.09 --- 0.20 --- 0_ 8_ 12 _REF 12 _REF
0.20 C B A 0.05 0.10 C
SEATING PLANE
C
c
SECTION A-A
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
CCCCC CCCCC CCCCC
1
14
A A A2 A
A
D
28X
b 0.10 C B A
A1 02
(b)
H
S R1 R
EEE CCC EEE CCC EEE CCC
b1
c1
GAUGE PLANE
0.25 03
L (L1)
01
DETAIL A
http://onsemi.com
16
NCN8024/D


▲Up To Search▲   

 
Price & Availability of NCN8024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X