Part Number Hot Search : 
TS7515 LTK001CN NA130 C0603X 2SC1622 R5F7136 12F40 R5F7136
Product Description
Full Text Search
 

To Download MTPS8085N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Point Source LED
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25 *Z) CONDITIONS ITEM SYMBOL IF=50mA Power Output PO IF=50mA Forward Voltage VF VR=5V Reverse Current IR Ep IF=50mA Peak Wavelength IF=50mA Spectral Line Half Width E IF=50mA Half Intensity Beam Angle
FORWARD I-V CHARACTERISTICS 120 100 FORWARD CURRENT(mA) 80 60 40 20 0 0 1 2 FORWARD VOLTAGE(V) 3 200 RELATIVE POWER OUTPUT(%)
MIN 1.8
TYP 3.2 1.7 855 30 AE 8
MAX 2.2 100
UNIT mW V EA nm nm deg. *
RELATIVE POWER vs FORWARD CURRENT
150
100
FEATURES
High-output Power Parallel Rays (Super Excellent) Point-source LED Small Temp. Coefficient of PO APPLICATIONS Optical Switches Linear & Rotary Encoder
50
@ Cathode A Anode Dimensions (Unit:mm)
SPECTRAL OUTPUT
0 0 20 40 60 80 FORWARD CURRENT(mA) 100 120
1. ABSOLUTE MAXIMUM RATINGS (Ta=25*Z) ITEM RATINGS SYMBOL Forward Current (DC) 100 IF Forward Current (Pulse)*1 0.8 IFP Reverse Voltage 5 VR Power Dissipation 190 PD Operating Temp. Topr -30 TO 100 Storage Temp. Tstg -40 TO 125 *1:Tw=10uS,T=10mS *2:Time 5 Sec max,Position:Up to 3mm from the body
120 RELATIVE POWER OUTPUT(%)
RADIATION PATTERN 120 RELATIVE POWER OUTPUT(%) 100 80 60 40 20 0 -90 -60 -30 0 30 60 90 BEAM ANGLE(deg.) FORWARD CURRENT(mA) 120 100 80 60 40 20 0 -30
THERMAL DERATING CURVE
UNIT mA A V mW *Z *Z
100 80 60 40 20 0 755 855 WAVELENGTH(nm) 955
27
0
30
60
90
AMBIENT TEMPERATURE(*Z)
To purchase this part contact Marktech Optoelectronics at
800.984.5337
Marktech Optoelectronics
www.marktechopto.com


▲Up To Search▲   

 
Price & Availability of MTPS8085N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X