Part Number Hot Search : 
L4004D3 OR2C10A MB2245 NDL5422P YBAMU UT2306 PM8313 141K1
Product Description
Full Text Search
 

To Download MMST2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MMST2907A
* * * *
Features
Power dissipation: 200mW (Tamb=25 ) Collector current: -0.6A Marking Code: K3F Operating and Storage junction temperature range -55 to + 150
PNP Small Signal Transistors
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol Parameter
(2)
SOT-323
A D
Min -60 -60 -5.0 -------
Max -------0.01 -0.05 -0.01
Units Vdc Vdc
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE
C
C
VCE(sat) VBE(sat) fT Cob td tr ts tf
Collector-Emitter Breakdown Voltage (IC=-10mAdc, IB=0) Collector-Base Breakdown Voltage (IC=-10uAdc, IE=0) Collector-Emitter Breakdown Voltage (IE=-10uAdc, IC=0) Collector Cutoff Current (VCB=-50Vdc, IE=0Vdc) Collector Cutoff Current (VCE=-35Vdc, IB=0Vdc) Emitter Cutoff Current (VEB=-3Vdc, IC=0Vdc) DC Current Gain (IC=-150mAdc, VCE=-10Vdc) (IC=-1mAdc, VCE=-10Vdc) Collector-Emitter Saturation Voltage (IC=-500mAdc, IB=-50mAdc) Base-Emitter Saturation Voltage (IC=-500mAdc, IB=-50mAdc) Current Gain-Bandwidth Product (VCE=-20Vdc, IC=-50mAdc, f=100MHz) Output Capacitance (VCB=-10Vdc, f=1.0MHz, IE=0) VCC=-30V,IC=-150mA, Delay Time VBE(off)=-0.5V,IB1=-15mA Rise Time VCC=-30V, IC=-150mA, Storage Time IB1=IB2=-15mA Fall Time
B
B
E
Vdc Adc Adc Adc ----Vdc Vdc MHz pF ns ns ns ns
DIM A B C D E F G H J K G
F
E
H
J
K DIMENSIONS INCHES MIN MAX .071 .087 .045 .053 .079 .087 .026 Nominal .047 .055 .012 .016 .000 .004 .035 .039 .004 .010 .012 .016 MM MIN MAX 1.80 2.20 1.15 1.35 2.00 2.20 0.65Nominal 1.20 1.40 .30 .40 .000 .100 .90 1.00 .100 .250 .30 .40
100 100 ----200 -----------
300 ---0.6 -1.2 --8 10 25 80 30
NOTE
Suggested Solder Pad Layout
0.70
0.90
1.90
0.65 0.65
www.mccsemi.com
Revision: 3
1 of 2
2008/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 3
2 of 2
2008/01/01


▲Up To Search▲   

 
Price & Availability of MMST2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X