Part Number Hot Search : 
SK110 RD20EB 68MHZ PT2262S 67078 AP4513GD C35002 RX301
Product Description
Full Text Search
 

To Download MMBT5401-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MMBT5401
Features
* * * * * * Collector Current: ICM=0.6A Collector-Base Voltage: V(BR)CBO=160V Operating And Storage Temperatures -55OC to 150OC Capable of 0.3Watts of Power Dissipation Marking: 2L Case Material:Molded Plastic. UL Flammability Classificatio Rating 94-0 and MSL Rating 1
PNP Plastic Encapsulate Transistor
SOT-23
A D
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol Parameter Collector -Emitter Breakdown Voltage (IC=1.0mAdc, IB =0) Collector-Base Breakdown Voltage (IC=100uAdc, IE =0) Emitter-Base Breakdown Voltage (IE =10uAdc, I C=0) Collector Cutoff Current (VCB=120Vdc, IE =0) Emitter Cutoff Current (VEB =4.0Vdc, IC=0) DC Current Gain (V CE=5.0Vdc, IC=1.0mAdc) DC Current Gain (V CE=5.0Vdc, IC=10mAdc) DC Current Gain (V CE=5.0Vdc, IC=50mAdc) Collector-Emitter Saturation Voltage (IC=50mAdc, IB=5.0mAdc) Base-Emitter Saturation Voltage (IC=50mAdc,IB=5.0mAdc) Current Gain-Bandwidth Product (IC=10mAdc, V CE=5.0Vdc, f=30MHz) Min 150 160 5.0 ----Max ------0.1 0.1 Units
C
B
OFF CHARACTERISTICS
V (BR)CEO V (BR)CBO V (BR)EBO ICBO IEBO Vdc
F E
C
B
E
Vdc Vdc
G H J
uAdc
K
uAdc
DIM A B C D E F G H J K INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015
DIMENSIONS MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
ON CHARACTERISTICS
hFE-1 hFE-2 hFE-3 V CE(sat) V BE(sat) 80 100 50 --200 ---------
-----
0.5 1.0
Vdc Vdc
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Suggested Solder Pad Layout
.031 .800
SMALL-SIGNAL CHARACTERISTICS
fT 100 --MHz
.035 .900
.079 2.000
inches mm
.037 .950 .037 .950
www.mccsemi .com
Revision: 3
1 of 2
2008/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 3
2 of 2
2008/01/01


▲Up To Search▲   

 
Price & Availability of MMBT5401-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X