Part Number Hot Search : 
15340 124E8 4ALVC1 MAX4231 53102 102KA STD5KA20 10F60HF
Product Description
Full Text Search
 

To Download MDX-MN0204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS MODULES & SUBSYSTEMS
WaveReadyTM Passive, LGX-compatible Shelves MDX-MN0102, MDX-MN0204, MDX-MN0412, MDX-MNWM02 and MDX-MNMM02
Key Features
* LGX compatible * Solid steel construction * Rack-mountable in 19- or 23-inch racks * 1RU, 2RU, 4RU units rack-mountable in 19- or 23-inch racks * Wall-mountable variant (with optional rack-mount brackets) * Acceptable for all WaveReady LGX-compatible passive modules
Applications
* Mounting passive, LGX-compatible WaveReady modules and other LGX units * Co-location/customer premise or standard telecommunication racks * PON deployment
Compliance
WaveReady passive shelves are ideal for mounting any LGX-compatible passive optical modules. The MDX-MN0102-1RU, -2RU, -4RU shelves can be mounted in standard 19- or 23-inch telecommunications racks. The 2RU and 4RU versions have convenient smoky-plastic front panels. All three units have pull-out shelves to make module installation easy. Built in fiber-control brackets simplify fiber management. The wall-mount MDX-MNWM02 and magnetic-mount MDX-MNMM02 are ideal for customer premises and colocation applications. The wall-mount shelf has two doors, both lockable, allowing easy access for fiber connection or module installation. The magnetic-mount shelf can be attached, as is, to any magnetic surface or mounted with wood screws.
* NEBS3 * UL
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
WAVEREADYTM PASSIVE, LGX-COMPATIBLE SHELVES
2
2-slot, 1RU shelf: MDX-MN0102
* 1RU high * 19- and 23-inch mounting brackets * LGX compatible * 2-slot capacity * Dimensions (H x W x D): 1.75 x 17 x 11 inches (44 x 432 x 279 mm)
4-slot, 2RU shelf: MDX-MN0204
* 2RU high * 19- and 23-inch mounting brackets * LGX compatible * 4-slot capacity (2 pairs of 2 slots). * Smoked plastic front door with label * Dimensions (H x W x D): 3.5 x 17 x 11 inches (89 x 432 x 279 mm)
12-slot, 4RU shelf: MDX-MN0412
* 4RU high * 19- and 23-inch mounting brackets * LGX compatible * 14-slot capacity * Smoky plastic front door with label * Dimensions (H x W x D): 7 x 17 x 11 inches (178 x 432 x 279 mm)
2-slot, wall-mount shelf: MDX_MNWM02
* Fits comfortably into new and existing interconnect, cross-connect, colocation, and customer premises environments * LGX compatible * 2-slot capacity * Provides maximum protection of optical components * Dual doors with separate locks for flexibility and security * Easy access for fiber connection or module installation * Top or bottom cable entry * Dimensions (H x W x D): 11.25 x 14 x 3 inches (286 x 356 x 76 mm)
Magnetic, 2-slot, wall-mount bracket: MDX-MNMM02
* Fits comfortably into new and existing interconnect, cross-connect, colocation, and customer premises environments * LGX compatible * 2-slot capacity * Easy access for fiber connection or module installation * Dimensions (H x W x D): 5.580 x 2.680 x 7.125 inches (142 x 68 x 181 mm)
WAVEREADYTM PASSIVE, LGX-COMPATIBLE SHELVES
3
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: MDX-MNWM02
Product Code MDX-MN0102 MDX-MN0204 MDX-MN0412 MDX-MNWM02 MDX-MNMM02 Description 1RU, 2-slot LGX-compatible rack-mount shelf 2RU, 4-slot LGX-compatible rack-mount shelf 4RU, 12-slot LGX-compatible rack-mount shelf 2-slot LGX-compatible wall-mount shelf 2-slot LGX-compatible magnetic-mount shelf
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2007 JDS Uniphase Corporation 30149201 Rev. 000 09/07 MDXMN.DS.CMS.AE
September 2007


▲Up To Search▲   

 
Price & Availability of MDX-MN0204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X