Part Number Hot Search : 
LX9507G SSCP485 4835B 051AE LX9507G 30F60 KBPC300G 4835B
Product Description
Full Text Search
 

To Download MBR3020FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
MBR3020FCT thru MBR30100FCT
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 20 to 100 Volts FORWARD CURRENT - 30.0 Amperes
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications
0.61(15.5) 0.57(14.5)
ITO-220AB
0.187(4.77) 0.171(4.36) 0.404(10.27) 0.382(9.72) 0.133(3.39) 0.121(3.08)
0.125(3.2) 0.1(2.54)
0.349(8.89) 0.329(8.38) 0.171(4.35) 0.137(3.5)
MECHANICAL DATA
Case : ITO-220AB molded plastic Polarity : Color band denotes cathode Weight : 1.689 grams Mounting position : Any
0.559(14.22) 0.519(13.2)
0.110(2.80) 0.1(2.54) 0.066(1.7) 0.049(1.26) 0.029(0.75) 0.019(0.5) 0.026(0.68) 0.014(0.38) 0.105(2.67) 0.094(2.41)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CTC-MBR-F-0003
1 of 2
MBR3020FCT thru MBR30100FCT
Compact Technology
MBR3020FCT thru MBR30100FCT
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
50
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
100.00 INSTANTANEOUS FORWARD CURRENT (A)
AVERAGE FORWARD CURRENT,(A)
40
10.00
30
1.00 MBR3020FCT~MBR3040FCT MBR3050FCT~MBR3060FCT 0.10 MBR3080FCT~MBR30100FCT
20
10
0 0 20 40 60 80 100 120 140 160 180 AMBIENT TEMPERATURE( )
0.01 0.2 0.3 0.4 0.5 0.6 0.7 FORWARD VOLTAGE (V) 0.8 0.9
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
250
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
100.00
PEAK FORWARD SURGE CURRENT (A)
200
REVERSE LEAKAGE CURRENT (mA)
10.00
150
1.00
100
100
0.10
50
0.01
25 0 1 10 NUMBER OF CYCLES AT 60Hz 100 0.00 20% 40% 60% 80% 100% PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
FIG. 5-TYPICAL JUNCTION CAPACITANCE
3000.0
2500.0 JUNCTION CAPACITANCE (pF)
MBR3020FCT~MBR3040FCT MBR3050FCT~MBR3060FCT
2000.0
MBR3080FCT~MBR30100FCT
1500.0
1000.0
500.0
0.0 0 1 10 REVERSE VOLTAGE (V) 100
CTC-MBR-F-0003
2 of 2
MBR3020FCT thru MBR30100FCT


▲Up To Search▲   

 
Price & Availability of MBR3020FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X