Part Number Hot Search : 
S2072 74LS28 AD1671J MC74VH MGA2805S 600BR B3300 2N4910
Product Description
Full Text Search
 

To Download MBR30200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
MBR3020CT thru MBR30200CT
REVERSE VOLTAGE - 20 to 200 Volts FORWARD CURRENT - 30.0 Amperes
SCHOTTKY BARRIER RECTIFIERS
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications
TO-220AB
.403(10.26) .385(9.8)
.129(3.3) .1(2.54)
.251(6.4) .228(5.8) .624(15.87) .578(14.7)
.026(0.68)
.036(0.92) .028(0.72)
Case : TO-220AB molded plastic Polarity : Color band denotes cathode Weight : 1.948 grams Mounting position : Any
.051(1.3) .145(1.16)
.388(9.87) .250(6.35)
.101(2.59) .098(2.49)
.114(2.92) .080(2.05)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARMET
SYMBOL
MBR
3020CT
MBR
3040CT
MBR
3050CT
MBR
3060CT
MBR
3080CT
MBR
30100CT
MBR
30150CT
MBR
30200CT
.014(0.36)
MECHANICAL DATA
.549(13.96) .499(12.7)
.055(1.4) .043(1.1)
.153(3.9) .145(3.7)
.189(4.82) .173(4.4)
UNIT V V V A A
Maximureptvksolg MaximuRSvoltge MaximuDCblockngvte Maximuvergfowd rectifdun(Perlg) Peakforwdsugcnt,8.3msingle halfsine-wavesuprimodntl
VRM VRMS VDC I
F
20 14 20
40 28 40
50 35 50
60 42 60
80 56 80 30.0 15.0 200.0
100 70 100
150 105 150
200 140 200
I
FSM F
MaximunsteoI MaximuDCRevrsnt@TA=25J atRedDCBlockingV@TA=100J
=15A@
TA=25J @TA=100J
V
F
0.60 0.54
0.69 0.61 0.2 20
0.82 0.68
0.87 0.73
V mA
I
R
TypicalJuntoCe TypicalhermRstn
RcJC
C
J
700
550 3
420
330
pF J/W J J
OperatingTmuR StorageTmpuRn
CTC-MBR-0003
T
J STG
-55to+150 -55to+175
T
1 of 2
MBR3020CT thru MBR30200CT
Compact Technology
MBR3020CT thru MBR30200CT
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
100.00 INSTANTANEOUS FORWARD CURRENT (A)
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
50
AVERAGE FORWARD CURRENT,(A)
40
10.00
30
1.00
20
10
0.10
MBR3020CT~MBR3040CT MBR3050CT~MBR3060CT MBR3080CT~MBR30100CT MBR30150CT~MBR30200CT
0 0 20 40 60 80 100 120 140 160 180 AMBIENT TEMPERATURE()
0.01 0.2 0.4 0.6 0.8 FORWARD VOLTAGE (V) 1.0 1.2
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
250
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
100.00 25
PEAK FORWARD SURGE CURRENT (A)
200
REVERSE LEAKAGE CURRENT (mA)
10.00
125
150
1.00
100
0.10
50
0.01
0 1 10 NUMBER OF CYCLES AT 60Hz 100
0.00 20 40 60 80 100 PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
FIG. 5-TYPICAL JUNCTION CAPACITANCE
3000.0
2500.0 JUNCTION CAPACITANCE (pF)
MBR3020CT~MBR3040CT MBR3050CT~MBR3060CT MBR3080CT~MBR30100CT
2000.0
MBR30150CT~MBR30200CT
1500.0
1000.0
500.0
0.0 0 1 10 REVERSE VOLTAGE (V) 100
CTC-MBR-0003
2 of 2
MBR3020CT thru MBR30200CT


▲Up To Search▲   

 
Price & Availability of MBR30200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X