|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LAN1102-50 10/100BASE-Tx Magnetics Module Meets IEEE 802.3 standard RoHS Compliant Single port configuration Design for 100base-Tx transmission over UTP-5 cable Operating Temperature: 0~70 Electrical Specification @25 OCL: Hi-POT : Turn Ratio: D.C.R: Insertion Loss: Return Loss: D.C.M.R. : Cross Talk : 350uH Min. @100KHz/0.1V with 8mA DC Bias 1500Vrms. 1CT:1CT3% 0.9ohm Max. 0.1MHz -1.2dB Max. 0.1-30MHz 40-50MHz -16dB Min. -13dB Min. 2MHz -50dB Min. 1MHz -55dB Min. 30MHz -43dB Min. 10MHz -50dB Min. 1-100MHz -1.0dB Max. 60-80MHz 100MHz -11dB Min. -10dB Min. 100MHz -32dB Min. 60MHz -38dB Min. 200MHz -25dB Min. 100MHz -33dB Min. 60MHz -37dB Min. 30MHz -45dB Min. Dimensions A 12.95MAX 8.89 Schematic TD+ 1 LAN1102 Date Code G 1:1 16 TX+ 15 TXC T 14 TX- B 9.4 10.67 1.9 6.86 TDC T 2 TD - 3 0.46 REF 1.27 TYP 0.64 1.27 D E 0.250.10 R D+ 6 R D CT 7 1:1 11 RX+ 10 RXCT 9 RX- 6.35MAX Units: mm Unless otherwise specified, all tolerances are 0.25 Ver. A ~8 C RD - 8 0 0.89 2/2 |
Price & Availability of LAN1102-50 |