Part Number Hot Search : 
3KP12CA E561UAP SP8910 TT150N TA8473F 332J100 100BG MTRPB
Product Description
Full Text Search
 

To Download L-11204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Q Bobbins
Part Number L-11200 L-11201 L-11202 L-11203 L-11204 L-11205 L-11206 L-11207 L-11208 L-11209 L-11210 L-11211 L-11212 L-11213 L-11214 L-11215 L-11216 L-11217 L-11218 L-11219 L-11220 L-11221 L-11222 L-11223 L Nom. (H) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 Test Freq. 7.9MHz 7.9MHz 7.9MHz 7.9MHz 7.9MHz 7.9MHz 7.9MHz 7.9MHz 7.9MHz 7.9MHz 7.9MHz 7.9MHz 7.9MHz 2.5MHz 2.5MHz 2.5MHz 2.5MHz 2.5MHz 2.5MHz 2.5MHz 2.5MHz 2.5MHz 2.5MHz 2.5MHz Q min. 37 39 33 37 38 43 35 37 37 35 29 32 31 55 51 46 51 52 47 46 45 45 46 53 DCR max. () 0.010 0.012 0.014 0.020 0.025 0.028 0.036 0.050 0.053 0.092 0.113 0.116 0.120 0.140 0.158 0.180 0.230 0.265 0.346 0.371 0.502 0.687 0.888 1.196 I max. (Amps) 2.25 1.78 1.42 1.12 0.88 0.88 0.70 0.55 0.55 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.28 0.28 0.22 0.22 0.175 0.136 0.108 0.087 Part Number L-11224 L-11225 L-11226 L-11227 L-11228 L-11229 L-11230 L-11231 L-11232 L-11233 L-11234 L-11235 L-11236 L-11237 L-11238 L-11239 L-11240 L-11241 L-11242 L-11243 L-11244 L Nom. (H) 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 Test Freq. 790kHz 790kHz 790kHz 790kHz 790kHz 790kHz 790kHz 790kHz 790kHz 790kHz 790kHz 790kHz 790kHz 250kHz 250kHz 250kHz 250kHz 250kHz 250kHz 250kHz 250kHz Q min. 39 75 60 75 63 68 64 60 70 68 64 60 40 70 72 72 72 72 72 70 63 DCR max. () 1.495 1.725 1.955 2.07 2.185 2.53 3.335 3.45 5.29 5.405 5.93 6.325 7.13 10.005 14.26 15.765 17.595 19.32 21.735 26.00 29.90 I max. (Amps) 0.087 0.087 0.087 0.087 0.087 0.087 0.070 0.070 0.056 0.056 0.056 0.056 0.056 0.042 0.033 0.033 0.033 0.033 0.033 0.027 0.027
Flat Coil Design (Saves board space) Inductance Tolerance + 10% Custom Designs Available
Leads are # 24 AWG Height dimensions are without solder joint or coatings.
Specifications are subject to change without notice
HIGH Q - 12/00
Rhombus Industries Inc.
Transformers & Magnetic Products
30
15801 Chemical Lane Huntington Beach, California 92649-1595 Phone: (714) 898-0960 * FAX: (714) 896-0971


▲Up To Search▲   

 
Price & Availability of L-11204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X