Part Number Hot Search : 
EDJ4G0 OV480 P8205NL D25P2000 5KP13CA OM4003ST D883B ER502
Product Description
Full Text Search
 

To Download KBPC50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC15/25/35/50A SERIES
Reverse Voltage - 50 to 1000 Volts
HIGH CURRENT BRIDGE RECTIFIER
Forward Current - 15/25/35/50 Ampere
FEATURES

KBPC
.442(11.23) .424(10.77) .921(23.4) .882(22.4) 0.94 (2.4) diam .254(6.45) .242(6.15)
High current capability High surge current capability High reliability Low reverse current Low forward voltage drop
KBPC-W
.442 (11 .23) .42 4( 10.77) 1.2 00 ( 3 0.5 )MIN .42 (1 .07) .38 (0. 97) H o le f or N o.8 sc rew 1 93 "(4. 9) diam
.035(0.9) .028(0.7) Hole for No.8 screw 193"(4.9)diam
1 1 .130 (2 8.7) .114 (28 .3) . 732 (18. 6) .693 (1 7.6)
MECHANICAL DATA
Case : Metal Case Terminals: Plated Leads Solderable per MIL-STD 202, method 208 Weight : KBPC 31.6 grams (approx.) KBPC-W 28.5 grams (approx.) Marking: Type Number
1.130(28.7) 1.114(28.3) .661(16.8) .648(16.4)
1 .130 (28 .7) 1 .114 (28 .3)
.720 (18.3) .705 (17.9)
.661(16.8) .648(16.4) 1.130(28.7) 1.114(28.3)
.4 69 ( 11.9) .429 (10 .9)
.732 (18 .6) .693 (17 .6)
.571(14.5) .555(14.1)
Dim ensions in inches and (m ilim eters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Output Current @TC = 60C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave Superimposed on rated load (JEDEC Method) Forward Voltage Drop (per element) KBPC15 KBPC25 KBPC35 KBPC50 KBPC15 KBPC25 KBPC35 KBPC50 Symbol VRRM VRWM VR VR(RMS) -005/W 50 35 -01/W 100 70 -02/W 200 140 -04/W 400 280 15 25 35 50 300 400 400 500 -06/W 600 420 -08/W 800 560 -10/W 1000 700 Unit V V
IO
A
IFSM
A
KBPC15 @IF = 7.5A KBPC25 @IF = 12.5A KBPC35 @IF = 17.5A KBPC50 @IF = 25.0A @TC = 25C @TC = 125C
VFM
1.1
V
Peark Reverse Current At Rated DC Blocking Voltage
Operating and Storage Temperature Range
IRM
T J,T STG
10 1.0
A mA C
-55 to + 125
KBPC15/25/35/50A SERIES
RATINGS AND CHARACTERISTIC CURVES
FIG.1-MAXIMUM FORW ARD SURGE CURRENT 600 PEAK FORWARD SURGE CURRENT , AMPERES AVERAGE FORWARD OUTPUT CURRENT , AMPERES
KBPC50
50
KBPC50
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT
500
KBPC25/35
400
KBPC15
40 30
KBPC35
300 200 100 0 1 10 NUMBER OF CYCLES AT 60Hz 100
20 10
KBPC25
KBPC15
0
50
100
150
CASE TEMPERATURE, C
FIG.3-TYPICAL FORW ARD CHARACTERISTICS
KBPC35/50A
100
KBPC15A KBPC25A
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10 INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
INSTANTANEOUS FORWARD CURRENT , AMPERES
10
1.0
1.0
0.1
T J=25
0.1
0.01 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0
20
40
60
80
100
120
140
INSTANTANEOUS FORW ARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE


▲Up To Search▲   

 
Price & Availability of KBPC50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X