|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KBPC10005 THRU KBPC1010 SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:10.0A FEATURE Surge overload rating:200A peak High case dielectric strength KBPC 10 MECHANICAL DATA Terminal: Plated leads solderable per MIL-STD 202E, method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting: Hole thru for # 6 screw Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%) SYMBOL KBPC10 005 KBPC10 01 KBPC10 02 KBPC10 04 KBPC10 06 KBPC10 08 KBPC10 10 units Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Tc=50C Current at Ta Ta =100C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 5.0A DC Maximum DC Reverse Current at rated DC blocking voltage Operating Temperature Range Ta =25C Ta =100C Vrrm Vrms Vdc If(av) 50 35 50 100 70 100 200 140 200 400 280 400 10.0 6.0 200.0 1.1 10.0 200.0 -55 to +125 -55 to +150 600 420 600 800 560 800 1000 700 1000 V V V A A A V A A Ifsm Vf Ir Tj Tstg Storage and Operation Junction Temperature C C Rev.4 www.gulfsemi.com RATINGS AND CHARACTERISTIC CURVES KBPC10005 THRU KBPC1010 1 1 Rev.4 www.gulfsemi.com |
Price & Availability of KBPC1010 |