Part Number Hot Search : 
30030 4VHC1G TL51004 30N06 PE7422 RFZ34 SMCJ13C BC808F
Product Description
Full Text Search
 

To Download KBPC1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
KBPC10005 THRU KBPC1010
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
BR-8
B
Features
* * * * * Plastic Case Low Forward Voltage Any Mounting Position Silver Plated Copper Leads Surge Overload Rating Of 150 Amps
Maximum Ratings
* * Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
G
Catalog Number
C
KBPC10005 BR10005 KBPC1001 BR1001 KBPC1002 BR1002 KBPC1004 BR1004 KBPC1006 BR1006 KBPC1008 BR1008 KBPC1010 BR1010
E
D
+
AC A
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 10.0A 150A TJ = 50C 8.3ms, half sine
A AC -
VF
1.10V
IFM = 3.0A; TJ = 25C*
INCHES MIN .730 .230 .750 .480 .048 .145
DIMENSIONS
Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 1 mA TJ = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1%
DIM A B C D E G
MAX .770 .270 --.520 .052 ---
MM MIN 18.54 5.84 19.10 12.19 1.20 3.70
MAX 19.56 6.86 --13.21 1.30 ---
NOTE 2PL
2PL 4PL/TYP
www.cnelectr.com
KBPC10005 thru KBPC1010
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.1 1.2 Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 100 120 140 Figure 2 Typical Reverse Characteristics
Figure 3 Forward Derating Curve 10.0
Figure 4 Peak Forward Surge Current 300 250 200
5.0
4.0
150
Amps 3 .0
Amps
100 50 0
2.0
1.0
Single Phase, Half Wave 60Hz Resistive or Inductive Load 25 50 75 100 125 150
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
0
0
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
Average Forward Rectified Current - Amperes versus Case Temperature - C
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of KBPC1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X