Part Number Hot Search : 
CJ15R UPA1724 N101K MD8284 6611FBH 1E330 FX852 UAA2090T
Product Description
Full Text Search
 

To Download IDT74SSTUBF32869ABKGT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATASHEET
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
CONFIDENTIAL
IDT74SSTUBF32869A
Description
The IDT74SSTUBF32869A is 14-bit 1:2 registered buffer with parity, designed for 1.7 V to 1.9 V VDD operation. All clock and data inputs are compatible with the JEDEC standard for SSTL_18. The control inputs are LVCMOS. All outputs are 1.8V CMOS drivers optimized to drive the DDR2 DIMM load. They provide 50% more dynamic driver strength than the standard SSTU32864 outputs. The IDT74SSTUBF32869A operates from a differential clock (CLK and CLK). Data are registered at the crossing of CLK going high, and CLK going low. The device supports low-power standby operation. When the reset input (RESET) is low, the differential input receivers are disabled, and undriven (floating) data, clock and reference voltage (VREF) inputs are allowed. In addition, when RESET is low all registers are reset, and all outputs except PTYERR are forced low. The LVCMOS RESET input must always be held at a valid logic high or low level. To ensure defined outputs from the register before a stable clock has been supplied, RESET must be held in the low state during power up. In the DDR2 RDIMM application, RESET is specified to be completely asynchronous with respect to CLK and CLK. Therefore, no timing relationship can be guaranteed between the two. When entering reset, the register will be cleared and the outputs will be driven low quickly, relative to the time to disable the differential input receivers. However, when coming out of reset, the register will become active quickly, relative to the time to enable the differential input receivers. IDT74SSTUBF32869A must ensure that the outputs remain low as long as the data inputs are low, the clock is stable during the time from the low-to-high transition of RESET and the input receivers are fully enabled. This will ensures that there are no glitches on the output. The device monitors both DCS and CSR inputs and will gate the Qn, PPO (Paritial-Parity-Out) and PTYERR (Parity Error) Parity outputs from changing states when both DCS and CSR are high. If either DCS and CSR input is low, the Qn, PPO and PTYERR outputs will function normally. The RESET input has priority over the DCS and CSR controls and will force the Qn and PPO outputs low and the PTYERR high.
The IDT74SSTUBF32869A includes a parity checking function. The IDT74SSTUBF32869A accepts a parity bit from the memory controller at its input pin PARIN one or two cycles after the corresponding data input, compares it with the data received on the D-inputs and indicates on its opendrain PTYERR pin (active low) whether a parity error has occurred. The number of cycles depends on the setting of C1. When used as a single device, the C1 input is tied low. When used in pairs, the C1 inputs is tied low for the first register (front) and the C1 input is tied high for the second register. When used as a single register, the PPO and PTYERR signals are produced two clock cycles after the corresponding data input. When used in pairs, the PTYERR signals of the first register are left floating. The PPO outputs of the first register are cascaded to the PARIN signas on the second register (back). The PPO and PTYERR signals of the second register are produced three clock cycles after the corresponding data input. Parity implimentation and device wiring for single and dual die is described in the diagram below. If an error occurs, and the PTYERR is driven low, it stays low for two clock cycles or until RESET is driven low. The DIMM-dependent signals (DCKE, DCS, CSR and DODT) are not included in the parity check computations. All registers used on an individual DIMM must be of the same configuration, i.e single or dual die.
Features
* 14-bit 1:2 registered buffer with parity check functionality * Supports SSTL_18 JEDEC specification on data inputs
and outputs
* 50% more dynamic driver strength than standard
SSTU32864
* Supports LVCMOS switching levels on C1 and RESET
inputs
* Low voltage operation: VDD = 1.7V to 1.9V * Available in 150 BGA package
Applications
* DDR2 Memory Modules * Provides complete DDR DIMM solution with
ICS98ULPA877A or IDTCSPUA877A
* Ideal for DDR2 667 and 800
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
1 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Parity Implementation and Device Wiring
PARIN, W4 PARIN Register 1 (Front) NC, A8 NC, A4 NC, A8 PPO, W8 PPO, W4 Register 2 (Back) NC, A11 PTYERR, W1
Set C=0 for Register 1, and C=1 for Register 2
Block Diagram
(CS Active) VREF 2 PARIN D Q 2 2 2 PARITY GENERATOR AND CHECKER 2 PTYERR PPO
R Q1A D1 D Q Q1B R 11 Q14A(1) D14
(1)
D
Q Q14B
(1)
R QCSA DCS0 D Q QCSB CSR R
QCKEA DCKE D Q QCKEB R QODTA DODT D Q QODTB R RESET
CLK CLK
NOTE: 1.This range does not include D1, D4, and D7, and their corresponding outputs.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Block Diagram
RESET
CLK CLK D2 - D3, D5 - D6, D8 - D14 VREF
LPS0 (Internal Node) D
CE CLK
11
D
CE CE CLK
R
CE
11
D2 - D3, D5 - D6, D8 - D14
11
Q2 A- Q3A, Q5A - Q6A, Q8A - Q14A Q2B - Q3B, Q5B - Q6B, Q8B - Q14B
R
11
11
D2 - D3, D5 - D6, D8 - D25
Parity Check
0
D CLK R
2
1
D CLK R CE
2
PPO
PARIN
2
PTYERR
C1, C2
CLK 2-Bit Counter R
0
D
1
CLK R
NOTE: 1.PARIN is used to generate PPO and PTYERR.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
3 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Pin Configuration
1 A
NB
2
VDD
3
MCL
(1)
4
NC
5
GND
6
VREF
7
GND
8
NC
9
MCL
(1)
10
VDD
11
NC
B
VDD
NB
VDD
GND
GND
GND
GND
GND
VDD
NB
VDD
C
QCKEA
VDD
NB
GND
NB
GND
NB
GND
NB
VDD
QCKEB
D
Q2A
VDD
GND
NB
DCKE
NB
D2
NB
GND
VDD
Q2B
E
Q3A
VDD
NB
D3
NB
NC
NB
DODT
NB
C1
Q3B
F
QODTA
VDD
GND
NB
NC
NB
NC
NB
GND
VDD
QODTB
G
Q5A
VDD
GND
D5
NB
CLK
NB
D6
GND
VDD
Q5B
H
Q6A
NB
GND
NB
NC
NB
NC
NB
GND
NB
Q6B
J K
QCSA
VDD
NB
NC
NB
RESET
NB
CSR
NB
VDD
QCSB
VDD
VDD
GND
GND
NB
NB
NB
GND
VDD
VDD
VDD
L
Q8A
VDD
NB
DCS
NB
CLK
NB
D8
NB
VDD
Q8B
M N
Q9A
NB
GND
NB
NC
NB
NC
NB
GND
NB
Q9B
Q10A
VDD
GND
D9
NB
NC
NB
D10
GND
VDD
Q10B
P
Q11A
VDD
GND
NB
NC
NB
NC
NB
GND
VDD
Q11B
R
Q12A
C1
NB
D11
NB
NC
NB
D12
NB
VDD
Q12B
T
Q13A
VDD
GND
NB
D13
NB
D14
NB
GND
VDD
Q13B
U V
Q14A
VDD
NB
GND
NB
GND
NB
GND
NB
VDD
Q14B
VDD
NB
VDD
GND
GND
GND
GND
GND
VDD
NB
VDD
W
PTYERR
VDD
MCL
(1)
PARIN
GND
VREF
GND
PPO
MCL
(1)
VDD
NB
150-Ball BGA TOP VIEW
NOTE: 1.NC denotes a no-connect (ball present but not connected to the die). NB indicates no ball is populated at that gridpoint.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
4 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
150 Ball CTBGA Package Attributes
Top Marking
11 10
9
8
7
6
5
4
3
2
1 A
1 A B C D E F G H
2
3
4
5
6
7
8
9
10
11
B C D E F G H J
J
K
K
L
L
M
M N P R T U V W
N P R T U V W
TOP VIEW
BOTTOM VIEW
SIDE VIEW
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
5 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Function Table
Inputs1 RESET
H H H H H H H H H H H H L 1
Outputs CLK
L or H L or H L or H L or H
DCS
L L L L L L H H H H H H X or Floating
CSR
L L L H H H L L L H H H
CLK
L or H L or H L or H L or H
Dn, DODT, DCKE
L H X L H X L H X L H X X or Floating
Qn
L H Q0 L H Q0 L H Q0 Q0 L
2 2 2
QCS
L L Q0 L L Q0 H H Q0 H H Q02 L
2 2 2
QODT, QCKE
L H Q 02 L H Q 02 L H Q 02 L H Q 02 L
Q02
2
Q02
X or X or X or Floating Floating Floating
2
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care = LOW to HIGH = HIGH to LOW Output Level before the indicated steady-state conditions were established.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
6 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Terminal Functions
Signal Group
Ungated Inputs Chip Select Gated Inputs Chip Select Inputs
Terminal Name
DCKE, DODT D1...D141 DCS, CSR Q1A...Q14A1, Q1B...Q14B1, QCSnA, B QCKEnA, B QODTnA, B PARIN PPO
Type
SSTL_18 SSTL_18 SSTL_18
Description
DRAM function pins not associated with Chip Select DRAM inputs, re-driven only when Chip Select is LOW DRAM Chip Select signals. These pins initiate DRAM address/command decodes, and as such at least one will be LOW when a valid address/command is present. Outputs of the register, valid after the specified clock count and immediately following a rising edge of the clock Input parity is received on pin PARIN, and should maintain odd parity across the D1:D14 inputs, at the rising edge of the clock, one cycle after Chip Select is LOW. Partial Parity Output. Indicates parity out of D1-D14. When LOW, this output indicates that a parity error was identified associated with the address and/or command inputs. PTYERR will be active for two clock cycles, and delayed by in total two clock cycles for compatibility with final parity out timing on the industry-standard DDR2 register with parity (in JEDEC definition). When LOW, the register is configured as Register 1. When HIGH, the register is configured as Register 2. Differential master clock input pair to the register. The register operation is triggered by a rising edge on the positive clock input (CLK). Asynchronous Reset Input. When LOW, it causes a reset of the internal latches, thereby forcing the outputs LOW. RESET also resets the PTYERR signal. Input reference voltage for SSTL_18 inputs. Two pins (internally tied together) are used for increased Inputsreliability. Power Supply Voltage Ground
Re-Driven Outputs
SSTL_18
Parity Input Parity Output
SSTL_18 SSTL_18
Parity Error Output
PTYERR
Open Drain
Configuration Inputs Clock Inputs
C1 CLK, CLK
SSTL_18 SSTL_18 SSTL_18 Input 0.9V nominal Power Input Ground Input
RESET Miscellaneous Inputs
VREF VDD GND
1
This range does not include D1, D4, and D7, and their corresponding outputs.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
7 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Parity and Standby Function Table
Inputs1 RESET
H H H H H H H H H H L 1
Outputs of Inputs = H (D1 - D14)2
Even Odd Even Odd Even Odd Even Odd X X X or Floating
DCS
L L L L L L L L H X X or Floating
CSR
X X X X L L L L H X X or Floating
CLK
L or H X or Floating
CLK
L or H X or Floating
PARIN3
L L H H L L H H X X X or Floating
PPO
L H H L L H H L PPOn0 PPOn0 L
PTYERR4
H L L H H L L H PTYERRn0 PTYERRn0 H
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care = LOW to HIGH = HIGH to LOW 2 This range does not include D1, D4, and D7. 3 PARIN arrives one clock cycle (C1 = 0), or two clock cycles (C1 = 1), after the data to which it applies. 4 This transition assumes PTYERR is HIGH at the crossing of CLK going HIGH and CLK going LOW. If PTYERR is LOW, it stays latched LOW for two clock cycles or until RESET is driven LOW. PARIN is used to generate PPO and PTYERR.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
8 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Absolute Maximum Ratings
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Supply Voltage, VDD Input Voltage Range, VI Output Voltage Range,
1
Rating
-0.5V to 2.5V -0.5V to VDD + 2.5V -0.5V to VDDQ + 0.5V 50mA 50mA 50mA 100mA 40C/W 29C/W -65 to +150C 0m/s Airflow 1m/s Airflow
VO1,2
Input Clamp Current, IIK Output Clamp Current, IOK Continuous Output Clamp Current, IO Continuous Current through each VDD or GND Package Thermal Impedance (ja)3 Storage Temperature
1 The input and output negative voltage ratings may be exceeded if the ratings of the I/P and O/P clamp current are observed. 2 This current will flow only when the output is in the high state level VO > VDDQ. 3 The package thermal impedance is calculated in accordance with JESD 51.
Mode Select
C1
0 1
Device Mode
First device in pair, Front Second device in pair, Back
Output Buffer Characteristics
Output edge rates over recommended operating free-air temperature range
VDD = 1.8V 0.1V Parameter
dV/dt_r dV/dt_f dV/dt_1 1
Min.
1 1
Max.
4 4 1
Units
V/ns V/ns V/ns
Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate).
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
9 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Operating Characteristics, TA = 25C
The RESET and Cn inputs of the device must be held at valid levels (not floating) to ensure proper device operation. The differential inputs must not be floating unless RESET is LOW. Symbol VDD VREF VTT VI VIH VIL VIH VIL VIH VIL VICR VID IOH IOL IERROL TA
Parameter
I/O Supply Voltage Reference Voltage Termination Voltage Input Voltage AC High-Level Input Voltage Dn, PARIN, AC Low-Level Input Voltage DCS, CSR, DCKEn, DC High-Level Input Voltage DODTn DC Low-Level Input Voltage High-Level Input Voltage Low-Level Input Voltage Common Mode Input Range Differential Input Voltage High-Level Output Current Low-Level Output Current PTYERR Low-Level Output Current Operating Free-Air Temperature RESET, C1 CLK, CLK
Min.
1.7 0.49 * VDD VREF - 0.04 0 VREF + 0.25
Typ.
1.8 0.5 * VDD VREF
Max.
1.9 0.51 * VDD VREF + 0.04 VDD VREF - 0.25
Units
V V V V
VREF + 0.125 VREF - 0.125 0.65 * VDDQ 0.35 * VDDQ 0.675 600 -12 12 25 0 +70 1.125
V
V V mV mA mA C
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
10 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
DC Electrical Characteristics Over Operating Range
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = 0C to +70C, VDDQ/VDD = 1.8V 0.1V. Symbol Parameter VIK VOH VOL VERROL IIL PTYERR Output Low Voltage All Inputs Static Standby II = -18mA VDDQ = 1.7V, IOH = -100A VDDQ = 1.7V, IOH = -12mA VDDQ = 1.7V, IOL = 100A VDDQ = 1.7V, IOL = 12mA IERROL = 25mA; VDD = 1.7V VI = VDD or GND IO = 0, VDD = 1.9V, RESET = GND IO = 0, VDD = 1.9V, RESET = VDD, VI = VIH(AC) or VIL(AC), CLK = CLK = VIH(AC) or VIL(AC) IO = 0, VDD = 1.9V, RESET = VDD, VI = VIH(AC) or VIL(AC), CLK = VIH(AC), CLK = VIL(AC) IO = 0, VDD = 1.8V, RESET = VDD, VI = VIH(AC) or VIL(AC), CLK and CLK switching 50% duty cycle IO = 0, VDD = 1.8V, RESET = VDD, VI = VIH(AC) or VIL(AC), CLK and CLK switching 50% duty cycle. One data input switching at half clock frequency, 50% duty cycle. VI = VREF 250mV VICR = 0.9V, VIPP = 600mV VI = VDD or GND 2 3.5 4.5 120 A/Clock MHz A/Clock MHz/ Data 3 4.5 pF -5 200 10 mA VDDQ-0.2 1.2 0.2 0.5 0.5 +5
Test Conditions
Min.
Typ.
Max.
-1.2
Units
V V V V A A
IDD
Static Operating
Dynamic Operating (clock only) IDDD Dynamic Operating (per each data input) Dn, PARIN, DSCn inputs CIN CLK and CLK inputs RESET
247
52
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
11 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Timing Requirements Over Recommended Operating Free-Air Temperature Range
VDD = 1.8V 0.1V Symbol
fCLOCK tW tACT
1 2
Parameter
Clock Frequency Pulse Duration, CLK, CLK HIGH or LOW Differential Inputs Active Time Differential Inputs Inactive Time DCS before CLK, CLK, CSR HIGH; CSR before CLK, CLK, DCS HIGH
Min.
1
Max.
410 10 15
Units
MHz ns ns ns
tINACT
0.6 0.5 0.5 0.5 0.4 0.4 ns ns
tSU
Setup Time
DCS before CLK, CLK, CSR LOW DODT, DOCKE, and data before CLK, CLK PAR_IN before CLK, CLK DCS, DODT, DCKE, and data after CLK, CLK PAR_IN after CLK, CLK
tH
Hold Time
1 VREF must be held at a valid input voltage level and data inputs must be held at valid logic levels for a minimum time of tACT(max) after RESET is taken HIGH. 2 VREF, data, and clock inputs must be held at a valid input voltage levels (not floating) for a minimum time of tINACT(max) after RESET is taken LOW.
Switching Characteristics Over Recommended Free Air Operating Range (unless otherwise noted)
VDD = 1.8V 0.1V Symbol
fMAX tPDM tPD
1 2 1
Parameter
Max Input Clock Frequency Propagation Delay, single-bit switching, CLK / CLK to Qn Propagation Delay, single-bit switching, CLK / CLK to Qn Propagation Delay, simultaneous switching, CLK / CLK to Qn LOW to HIGH Propagation Delay, CLK / CLK to PTYERR HIGH to LOW Propagation Delay, CLK / CLK to PTYERR Propagation Delay from CLK / CLK to PPO HIGH to LOW Propagation Delay, RESET to Qn LOW to HIGH Propagation Delay, RESET to PTYERR
Min.
340 1.1 0.4 1.2 0.5
Max.
1.5 0.8 1.6 3 3 1.6 3 3
Units
MHz ns ns ns ns ns ns ns ns
tPDMSS tLH tHL tPD tPHL tPLH 1 2
Design target as per JEDEC specifications. Production Test. (See Production Test Circuit in TEST CIRCUIT AND WAVEFORM section.)
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
12 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Output Buffer Characteristics
Output edge rates over recommended operating free-air temperature range
VDD = 1.8V 0.1V Parameter
dV/dt_r dV/dt_f dV/dt_ 1
1
Min.
1 1
Max.
4 4 1
Units
V/ns V/ns V/ns
Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate).
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
13 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Register Timing
RESET
DCS
CSR
n n+1 n+2 n+3 n+4
CLK
CLK
tSU tH
D1 - D14
(1)
tPD CLK to Q
Q1 - Q14 PARIN
(2)
(1)
tSU
tH
tPD CLK to PPO
PPO (2)
tPD CLK to PTYERR tPD CLK to PTYERR
PTYERR
(2)
NOTES: 1.This range does not include D1, D4, and D7, and their corresponding outputs. 2.PARIN is used to generate PPO and PTYERR.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
14 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Register Timing
RESET
DCS
CSR
n n+1 n+2 n+3 n+4
CLK
CLK
tSU tH
D1 - D14
(1)
tPD CLK to Q
Q1 - Q14 PARIN
(2) (2)
(1)
tSU
tH
PPO (not used)
(2)
tPD CLK to PPO
PTYERR
tPD CLK to PTYERR
tPD CLK to PTYERR
NOTES: 1.This range does not include D1, D4, and D7, and their corresponding outputs. 2.PARIN is used to generate PPO and PTYERR.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
15 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Test Circuits and Waveforms (VDD = 1.8V 0.1V)
VDD
VDD/2
RL = 1K
DUT
TL = 50 CLK Inputs CLK CLK Test Point RL = 100 Test Point Out CL = 30 pF TL = 350ps, 50
ZO = 50
Test Point Test Point
DUT
CLK Test Point Out CLK RL = 50 ZO = 50
Test Point RL = 1K
CLK Inputs ZO = 50
Production-Test Load Circuit Simulation Load Circuit
CLK CLK VICR tPLH Output VTT VICR tPHL VOH VTT VOL VID
LVCMOS RESET Input tINACT IDD
VDD VDD/2 VDD/2 0V tACT 90% 10%
LVCMOS RESET Input
Voltage Waveforms - Propagation Delay Times
VIH VDD/2 VIL tRPHL VOH
Voltage and Current Waveforms Inputs Active and Inactive Times
Output
VTT VOL
tW Input VICR VICR VID
Voltage Waveforms - Propagation Delay Times NOTES: 1. CL includes probe and jig capacitance. 2. IDD tested with clock and data inputs held at VDD or GND, and Io = 0mA 3. All input pulses are supplied by generators having the following characteristics: PRR 10MHz, Zo = 50, input slew rate = 1 V/ns 20% (unless otherwise specified). 4. The outputs are measured one at a time with one transition per measurement. 5. VTT = VREF = VDD/2 6. VIH = VREF + 250mV (AC voltage levels) for differential inputs. VIH = VDD for LVCMOS input. 7. VIL = VREF - 250mV (AC voltage levels) for differential inputs. VIL = GND for LVCMOS input. 8. VID = 600mV. 9. tPLH and tPHL are the same as tPDM.
Voltage Waveforms - Pulse Duration
CLK VICR CLK tSU Input VREF tH VIH VREF VIL VID
Voltage Waveforms - Setup and Hold Times
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
16 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Test Circuits and Waveforms (VDD = 1.8V 0.1V)
VDD VDD
DUT
Out
RL = 50 Test Point
DUT
Out
RL = 1K Test Point
CL = 10 pF
CL = 10 pF
Load Circuit: High-to-Low Slew-Rate Adjustment
Load Circuit: Error Output Measurements
Output 80%
VOH
LVCMOS RESET Input tPLH
VCC VCC/2 0V
20% dv_f dt_f VOL
VOH Output Waveform 2 0.15V 0V
Voltage Waveforms: High-to-Low Slew-Rate Adjustment
Voltage Waveforms: Open Drain Output Low-to-High Transition Time (with respect to RESET input)
DUT
Out CL = 10 pF Test Point RL = 50
Timing Inputs
VICR tHL
VICR
VI(PP)
Output Waveform 1
VCC VCC/2 VOL
Load Circuit: Low-to-High Slew-Rate Adjustment
Voltage Waveforms: Open Drain Output High-to-Low Transition Time (with respect to clock inputs)
dt_r dv_r 80% VOH
Timing Inputs
VICR tHL
VICR
VI(PP)
VOH
20% Output VOL
Output Waveform 2
0.15V
0V
Voltage Waveforms: Low-to-High Slew-Rate Adjustment
Voltage Waveforms: Open Drain Output Low-to-High Transition Time (with respect to clock inputs)
NOTES: 1. CL includes probe and jig capacitance. 2. All input pulses are supplied by generators having the following characteristics: PRR 10MHz, Zo = 50, input slew rate = 1 V/ns 20% (unless otherwise specified).
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
17 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Test Circuits and Waveforms (VDD = 1.8V 0.1V)
DUT OUT CL = 5pF
(1)
Testpoint
RL = 1K
Partial Parity Out Load Circuit
CLK VICR CLK tPLH tPHL VICR VI(PP)
VTT Output
VTT
Partial Parity Out Voltage Waveform, Propagation Delay Time with Respect to CLK Input VTT = VTT/2 VICR Cross Point Voltage VI(PP) = 600mV tPLH and tPHL are the same as tPD.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
18 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Application Information
The typical values below are measured on standard JEDEC raw cards, using the JEDEC DDR2 register validation board running patterns 0x43, 0x4F, and 0x5A.
Raw Card Values
Raw Card1
W
tPDMSS
1.48
Overshoot
446
Undershoot
444
1 All values are valid under nominal conditions and minimum/maximum of typical signals on one typical DIMM. Measurements include all jitter and ISI effects.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
19 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Package Outline and Package Dimensions - BGA
Package dimensions are kept current with JEDEC Publication No. 95
TOP VIEW BOTTOM VIEW
0.08 M C 0.15 M C A B d = 0.35 ~ 0.48(150X) A1 CORNER 1 A 0.25 REF B C D E F G H J K L M N P R T U V W h = 0.25 ~ 0.37 1.20 MAX 0.12 C 0.65 E T A B E1 6.50 8.00 0.05 D C
SEATING PLANE
A1 CORNER 2 3 4 5 6 7 8 9 10 11 b 0.03 REF B // 0.20 C
0.65
11 10 9
8
7
6
5
4
3
2
1 A
C D E F G H
13.00 0.05
J
D1 11.70
K L M N P R T U V W
0.15(4X)
ALL DIMENSIONS IN MILLIMETERS D 13.00 Bsc E 8.00 Bsc T Min/Max 0.90/1.20 e 0.65 Bsc BALL GRID Horiz Vert Total 11 19 150 d Min/Max 0.35/0.48 h Min/Max 0.25/0.37 D1 11.70 Bsc
c
E1 6.50 Bsc
REF. DIMS b c 0.65 0.75
NOTE: Ball grid total indicates maximum ball count for package. Lesser quantity may be used.
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
20 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Ordering Information
IDT74SSTUBF XX Family XX XXX Device Type Package X Shipping Carrier T Tape and Reel
BKG
Low Profile, Fine Pitch, Ball Grid Array
869A
14-Bit Configurable Registered Buffer for DDR2
32
Double Density
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
21 CONFIDENTIAL
IDT74SSTUBF32869A
7093/8
IDT74SSTUBF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015 408-284-8200 Fax: 408-284-2775
Corporate Headquarters
Integrated Device Technology, Inc. 6024 Silver Creek Valley Road San Jose, CA 95138 United States 800 345 7015 +408 284 8200 (outside U.S.)
Asia Pacific and Japan
Integrated Device Technology Singapore (1997) Pte. Ltd. Reg. No. 199707558G 435 Orchard Road #20-03 Wisma Atria Singapore 238877 +65 6 887 5505
Europe
IDT Europe, Limited Prime House Barnett Wood Lane Leatherhead, Surrey United Kingdom KT22 7DE +44 1372 363 339
(c) 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT and the IDT logo are trademarks of Integrated Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks or registered trademarks used to identify products or services of their respective owners. Printed in USA


▲Up To Search▲   

 
Price & Availability of IDT74SSTUBF32869ABKGT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X