Part Number Hot Search : 
EP1K50 SMDJ120A XBXXX 2SC40 BU1010 AD5426 NSPW570 BZT03C43
Product Description
Full Text Search
 

To Download FTM-9612S-SL15G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Jun 12, 2007
1.25Gbps Single Fiber Bi-directional SFP Transceiver
(For 15km point-to-point transmission)
Members of FlexonTM Family
Compatible with SFP MSA Refer to IEEE 802.3ah -2004 Gigabit Ethernet Specification Compatible with Digital Diagnostic SFF-8472 Compatible with Bellcore GR-468 Compatible with FDA 21 CFR 1040.10 and 1040.11, Class I
Features
1.25Gbps bi-directional data links Up to 15km point-point transmission 1310nm FP transmitter and 1490nm PIN receiver for FTM-9612S-SL15(i)G 1490nm DFB transmitter and 1310nm PIN receiver for FTM-9912S-SL15(i)G Class I laser product Low EMI and excellent ESD protection SFP MSA package with single SC receptacle Single +3.3V Power Supply Detailed product information in EEPROM FTM-9612S-SL15(i)G Operating Case Temperature
RoHS compliance
Description
Fiberxon 1.25G single fiber bi-directional SFP transceivers are high performance, cost effective modules, which supports data rate of 1.25Gbps and transmission distance up to 15km. FTM-9612S-SL15(i)G is normally used in the client side (ONU), which transmits 1310nm optical signal and receives 1490nm optical signal. While FTM-9912S-SL15(i)G is used in the central office side (OLT), which transmits 1490nm optical signal and receives 1310nm optical signal. The standard serial ID information Compatible with SFP MSA describes the transceiver's capabilities, standard interfaces, manufacturer and other information. The host equipment can access this information via the 2-wire serial CMOS EEPROM protocol. For further information, please refer to SFP
Standard: 0 to +70C Industrial: -40 to +85C FTM-9912S-SL15(i)G Operating Case Temperature Standard: 0 to +70C Industrial: -40 to +85C
Applications
Gigabit Ethernet Application Point-to-Point FTTX Application
MSA. FTM-9612S-SL15(i)G and FTM-9912S-SL15(i)G are compliant with RoHS
Standard
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 1 of 11
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission Jun 12, 2007
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to FlexonTM regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office listed at the end of the documentation. Table 1 - Regulatory Compliance Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to SC Receptacle Electromagnetic Interference (EMI) Immunity Laser Eye Safety Component Recognition RoHS Note: In light of item 5 in Annex of 2002/95/EC, "Pb in the glass of cathode ray tubes, electronic components and fluorescent tubes." and item 13 in Annex of 2005/747/EC, "Lead and cadmium in optical and filter glass.", the two exemptions are being concerned for Fiberxon's transceivers, because Fiberxon's transceivers use glass, which may contain Pb, for components such as lenses, windows, isolators, and other electronic components. Standard MIL-STD-883E Method 3015.7 IEC 61000-4-2 GR-1089-CORE FCC Part 15 Class B EN55022 Class B (CISPR 22B) VCCI Class B IEC 61000-4-3 FDA 21CFR 1040.10 and 1040.11 EN60950, EN (IEC) 60825-1,2 UL and CSA 2002/95/EC 4.1&4.2 2005/747/EC Compatible with standards Compatible with Class 1 laser product. Compatible with standards Compliant with standards note Compatible with standards Performance Class 2(>2000 V) Compatible with standards
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the devices may occur. Table 2 - Absolute Maximum Ratings Parameter Storage Temperature Operating Case Temperature Supply Voltage Input Voltage Symbol TS TC VCC Vin Min. -40 -40 0 0 0 Max. +85 +85 +70 +4 VCC Unit C C C V V 1 2 Note
1. FTM-9612S-SL15iG/ FTM-9912S-SL15iG 2. FTM-9612S-SL15G/ FTM-9912S-SL15G
Recommended Operating Conditions
Table 3 - Recommended Operating Conditions
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 2 of 11
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission Parameter Operating Case Temperature Power Supply Voltage Power Supply Current Data Rate 1. FTM-9612S-SL15iG/ FTM-9912S-SL15iG 2. FTM-9612S-SL15G/ FTM-9912S-SL15G Symbol TC VCC ICC 1.25 Min. -40 0 3.13 3.3 Typical Max. +85 +70 3.47 300 Unit C C V mA Gbps Jun 12, 2007 Note 1 2
FTM-9612S-SL15G/FTM-9612S-SL15iG (1310nm FP Tx/1490nm PIN Rx for ONU, 15km)
Table 4 -Optical and Electrical Characteristics (Over operation temperature, VCC=3.13 to 3.47V) Parameter Centre Wavelength Average Launch Power Average Launch Power of OFF Transmitter 1260nm 1270nm 1280nm Spectral (RMS) Width 1286nm 1343nm 1350nm 1360nm Extinction Ratio Launch OMA Rise/Fall Time (20%~80%) Relative Intensity Noise Optical Return Loss tolerance Deterministic Jitter Total Jitter Output Optical Eye Single Ended Data Input Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal Receiver Centre Wavelength Receiver Sensitivity
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 3 of 11
Symbol C P0ut
Min. 1260 -8
Typical 1310
Max. 1360 -3 -45 2.09 2.52 3.13
Unit nm dBm dBm
Note
Transmitter 1
3.50 3.06 2.58
nm
EX OMA tr /tf RIN12OMA DJ TJ VIN ZIN
6 -8.2 0.26 -113 12 200 385 IEEE 802.3ah Compatible 250 80 2.0 0 2.0 0 100 1200 120 Vcc 0.8 Vcc+0.3 0.8 1490 1500 -23
dB dBm ns dB/Hz dB ps ps 2 mV V V V V nm dBm 4 3
C
1480
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission Receiver Overload LOS De-Assert LOS Assert LOS Hysteresis Receiver Reflectance Single ended Data Output Swing LOS High Low VOUT 200 2 0 LOSD LOSA -35 0.5 4 -12 800 Vcc+0.3 0.8 -3 -24 Jun 12, 2007 dBm dBm dBm dB dB mV V V 5 4
1. The optical power is launched into SMF. 2. Measured with a PRBS 27-1 test pattern @1.25Gbps. 3. Internally AC coupled and terminated. 4. Measured with a PRBS 27 -1 test pattern@1.25Gbps, BER1x10-12. 5. Internally AC coupled.
FTM-9912S-SL15G/ FTM-9912S-SL15iG (1490nm DFB Tx/1310nm PIN Rx for OLT, 15km)
Table 5 -Optical and Electrical Characteristics (Over operation temperature, VCC=3.13 to 3.47V) Parameter Centre Wavelength Average Launch Power Average Launch Power of OFF Transmitter Spectral Width (-20dB) Extinction Ratio Launch OMA Rise/Fall Time (20%~80%) Relative Intensity Noise Optical Return Loss tolerance Deterministic Jitter Total Jitter Output Optical Eye Single Ended Data Input Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal Receiver Centre Wavelength Receiver Sensitivity Receiver Overload LOS De-Assert LOSD
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 4 of 11
Symbol C P0ut EX OMA tr /tf RIN12OMA DJ TJ VIN ZIN
Min. 1480 -8
Typical 1490
Max. 1500 -3 -45 0.88
Unit nm dBm dBm nm dB dBm
Note
Transmitter 1
6 -8.2 0.26 -113 12 200 385 IEEE 802.3ah Compatible 250 80 2.0 0 2.0 0 100 1200 120 Vcc 0.8 Vcc+0.3 0.8 1310 1360 -23 -3 -24
ns dB/Hz dB ps ps 2 mV V V V V nm dBm dBm dBm 4 4 3
C
1260
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission LOS Assert LOS Hysteresis Receiver Reflectance Single Ended Data Output Swing LOS Note: 1. 2. 3. 4. 5. The optical power is launched into SMF. Measured with a PRBS 27-1 test pattern @1.25Gbps. Internally AC coupled and terminated. Measured with a PRBS 27-1 test pattern@1.25Gbps, BER1x10-12 Internally AC coupled. High Low VOUT 200 2.0 0 LOSA -35 0.5 4 -12 800 Vcc+0.3 0.8 Jun 12, 2007 dBm dB dB mV V V 5
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver's capabilities, standard interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at the 8-bit address 1010000X (A0h). For the memory contents, Please refer to Table 6. Table 6 - EEPROM Serial ID Memory Contents (A0h) Addr. 0 1 2 3--10 11 12 13 14 15 16 17 18 19 20--35 36 37--39 40--55 56--59 60-61 62 Field Size (Bytes) 1 1 1 8 1 1 1 1 1 1 1 1 1 16 1 3 16 4 2 1 Name of Field Identifier Ext. Identifier Connector Transceiver Encoding BR, nominal Reserved 03 04 01 00 00 00 40 00 00 00 00 01 0D 00 15km Hex Description SFP MOD4 SC Transmitter Code 8B10B 1.25Gbps
Length (9um)-km 0F Length (9um) 96 Length (50um) 00 Length (62.5um) 00 Length (copper) 00 Reserved Vendor name Reserved Vendor OUI Vendor PN Vendor rev Wavelength Reserved 00 46 49 42 45 52 58 4F 4E 20 49 4E 43 2E 20 20 20 00 00 00 00 46 54 4D 2D 39 xx 31 32 53 2D 53 4C 31 35 xx 47 xx xx xx xx 05 1E/05 D2 00
"FIBERXON INC. "(ASC)
"FTM-9x12S-SL15xG " (ASC) ASC( "31 30 20 20" means 1.0 revision) 1310/1490nm
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 5 of 11
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission 63 64--65 66 67 68--83 84--91 92 1 2 1 1 16 8 1 CC_BASE Options BR, max BR, min Vendor SN xx 00 1A 00 00 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx ASC Year(2 bytes), Month(2 bytes), Day (2 bytes) Diagnostics(Ext.Cal) Diagnostics (Optional Alarm/warning flags, Enhanced option 93 94 95 96--255 1 1 1 160 SFF-8472 CC EXT Vendor specific B0 02 xx Soft TX_FAULT and Soft TX_LOS monitoring) Diagnostics(SFF-8472 Rev 9.5) Check sum of bytes 64 - 94 Jun 12, 2007 Check sum of bytes 0 - 62 LOS, TX_FAULT and TX_DISABLE
Vendor date codexx xx xx xx xx xx 20 20 Diagnostic type 58
Note: The "xx" byte should be filled in according to practical case. For more information, please refer to the related document of SFF-8472 Rev 9.5.
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which makes use of the 8 bit address 1010001X (A2h). Please see Figure 1. For detail EEPROM information, please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is described in Table 7 and Table 8.
Figure 1, EEPROM Memory Map Specific Data Field Description
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 6 of 11
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission Jun 12, 2007
Table 7 - FTM-9612S-SL15iG/ FTM-9912S-SL15iG Monitoring Specification Parameter Temperature Voltage Bias Current TX Power RX Power Range -40 to +100C 2.97 to 3.63V 3mA to 80mA -3 to -9dBm -3 to -23dBm Accuracy 3C 3% 10% 3dB 3dB Calibration External External External External External
Table 8 - FTM-9612S-SL15G FTM-9912S-SL15G Monitoring Specification Parameter Temperature Voltage Bias Current TX Power RX Power Range -5 to + 90C 2.97 to 3.63V 3mA to 80mA -3 to -9dBm -3 to -23dBm Accuracy 3C 3% 10% 3dB 3dB Calibration External External External External External
Recommended Interface Circuit
Figure 2 shows the recommended interface circuit.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 7 of 11
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission Jun 12, 2007
Figure 2, Recommended Interface Circuit
Pin Definitions
The pin functions are described in Table 9 with the accompanying notes. Table 9 - Pin Function Definitions Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Function VeeT TX-FAULT TX-DISABLE MOD-DEF2 MOD-DEF1 MOD-DEF0 NC LOS VeeR VeeR VeeR RXDRXD+ VeeR Notes TX GND Open Collector Internally Pulled High Serial Data Input Serial Clock Input Internally Grounded Not Connected Open Collector RX Ground RX Ground RX Ground RX Data Negative RX Data Positive RX GND
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 8 of 11
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission 15 16 17 18 19 20 VccR VccT VeeT TXD+ TXDVeeT Jun 12, 2007 RX Power TX Power TX GND TX Data Positive TX Data Negative TX GND
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 3
Dimensions are in millimeters Figure 3, Mechanical Design Diagram of SFP with Spring Latch
Ordering information
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 9 of 11
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission Part No. FTM-9612S-SL15G FTM-9612S-SL15iG FTM-9912S-SL15G FTM-9912S-SL15iG Product Description 1310nm Tx/1490nm RX for ONU, 1.25Gbps, 15km, SFP with Spring-Latch ,SC receptacle, 0C~+70C 1310nm Tx/1490nm RX for ONU, 1.25Gbps, 15km, SFP with Spring-Latch ,SC receptacle, -40C~+85C 1490nm Tx/1310nm RX for OLT, 1.25Gbps, 15km, SFP with Spring-latch, SC receptacle, 0C~+70C 1490nm Tx/1310nm RX for OLT, 1.25Gbps, 15km, SFP with Spring-latch, SC receptacle, -40C~+85C Jun 12, 2007
Related Documents
For further information, please refer to the following documents: FlexonTM SFP Installation Guide FlexonTM SFP Installation Guide FlexonTM SFP Application Notes SFP Multi-Source Agreement (MSA)
Obtaining Document
You can visit our website: http://www.fiberxon.com Or contact with Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest documents.
Revision History
Revision Rev. 1a Rev. 1b Initiate Solaris.Zhu Solaris.Zhu Review Gary.Chen Monica.Wei Approve Walker.Wei Walker.Wei Modified Subject Initial datasheet the recommended interface circuit; Adjusted RMS spectral width Rev. 1c Rev. 1d Solaris.Zhu Solaris.Zhu Monica Wei Monica Wei Walker.Wei Walker.Wei ADD P/N: FTM-9612S-SL15G Updated preliminary version (c) Copyright Fiberxon Inc. 2007 All Rights Reserved. All information contained in this document is subject to change without notice. The products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. The information contained in this document does not affect or change Fiberxon's product specifications or warranties. Nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 10 of 11
Release Date Jan. 18, 2006 Mar. 30, 2006
Oct. 18, 2006 Jun. 12, 2007
datasheet version to
from formal
1.25Gbps Single Fiber Bi-directional SFP Transceiver 15km point-to-point transmission Jun 12, 2007
in specific environments, and is presented as an illustration. The results obtained in other operating environment may vary. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN"AS IS" BASIS. In no event will Fiberxon be liable for damages arising directly from any use of the information contained in this document. Contact U.S.A. Headquarter: 5201 Great America Parkway, Suite 340 Santa Clara, CA 95054 U. S. A. Tel: 408-562-6288 Fax: 408-562-6289 Or visit our website: http://www.fiberxon.com
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 11 of 11


▲Up To Search▲   

 
Price & Availability of FTM-9612S-SL15G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X