Part Number Hot Search : 
BT878 T2202 TRONIC 128128 D4SBL40 BZT52C15 Y2MPE MS101
Product Description
Full Text Search
 

To Download F4106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V, HcMOS, SMD Oscillator
Model: F4100 SERiES
Page 1 of 3
RoHS compliant / Pb Free
Rev. 2/26/2008
http://www.foxonline.com/need_a_sample.htm
FEATURES
* * * * 3.3V Operation HCMOS Output Standby Function Tape and Reel (2,000 pcs. STD)
* PART nUMbER SElEcTiOn Learn More - Internet Required
Part Number 116-Frequency-xxxxx 117-Frequency-xxxxx 124-Frequency-xxxxx 125-Frequency-xxxxx 126-Frequency-xxxxx 127-Frequency-xxxxx 128-Frequency-xxxxx Model Frequency Number Stability1 F4100 100PPM F4100R 100PPM F4105 50PPM F4105R 50PPM F4106 25PPM F4106R 25PPM* F4108 20PPM* Operating Temperature (C) -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 Frequency Range (MHz) 0.012 ~ 170.000 0.012 ~ 170.000 0.012 ~ 170.000 0.012 ~ 170.000 0.012 ~ 165.000 0.012 ~ 156.520 0.012 ~ 162.000
* ElEcTRicAl cHARAcTERiSTicS
PARAMETERS
Frequency Range (Fo) Storage Temperature Range (Tstg) Supply Voltage (Vdd) Input Current (Idd) 0.012 ~ 0.040 MHz 0.040+ ~ 1.500 MHz 1.500+ ~ 32.000 MHz 32.000+ ~ 50.000 MHz 50.000+ ~ 67.000 MHz 67.000+ ~ 170.000 MHz Output Symmetry (50% Vdd) 0.012 ~ 50.000 MHz 50.000+ ~ 170.000 MHz Rise Time (10% ~ 90% Vdd) (Tr) 0.012 ~ 80.000 MHz 80.000+ ~ 125.000 MHz 125.000+ ~ 170.000 MHz Fall Time (90% ~ 10% Vdd) (Tf) 0.012 ~ 80.000 MHz 80.000+ ~ 125.000 MHz 125.000+ ~ 170.000 MHz Output Voltage (Vol) (Voh) Output Current (Iol) (Ioh) Output Load (HCMOS) Standby Current Start-up Time (Ts) 0.012 ~ 32.000 MHz 32.000+ ~ 170.000 MHz Output Disable Time 2 Output Enable Time 2 0.012 ~ 32.000 MHz 32.000+ ~ 170.000 MHz Jitter 12kHz ~ 20MHz RMS Period Cycle-to-Cycle
1
MAX (unless otherwise noted)
0.012 ~ 170.000 MHz -55C ~ +125C 3.3V 10% 3mA 6mA 15mA 20mA 25mA 40mA 45% ~ 55% 40% ~ 60% 6nS 4nS 3nS 6nS 4nS 3nS 10% Vdd 90% Vdd Min 2mA Min -2mA Min 15pF 10A 5mS 10mS 150nS 5mS 10mS 0.3pS Typ. 2.5pS Typ. 20pS Typ.
All dimensions are in millimeters.
Drawing is for reference to critical specifications defined by size measurements. Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. All specifications subject to change without notice.
Inclusive of 25C tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration. *Excludes Shock/Vibration 2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. Note: A 0.01F bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to minimize power supply line noise.
* EnAblE / DiSAblE FUncTiOn 2 INH (Pin 1) OUTPUT (Pin 3) OPEN 2 ACTIVE '1' Level Vih 70% Vdd ACTIVE '0' Level Vil 30% Vdd High Z
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
3.3V, HcMOS, SMD Oscillator
Model: F4100 SERiES
Page 3 of 3
RoHS compliant / Pb Free
Rev. 2/26/2008
http://www.foxonline.com/need_a_sample.htm
* TAPE SPEciFicATiOnS (millimeters)
MODEl F4100 Series
* REEl SPEciFicATiOnS (millimeters)
GH i J K lM 2.0 13 21 80 255 17.5 2.0
b cDE F STD Reel QTY MODEl A F4100 Series 4.0 8.0 7.5 16.0 2.15 2,000 1.5
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221


▲Up To Search▲   

 
Price & Availability of F4106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X