Part Number Hot Search : 
ADCLK DG407 1058192 TDA1552Q LHY3330 1058192 SMAJ30C 82XS17D2
Product Description
Full Text Search
 

To Download F1209T-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E_T-1W & F_T-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS FEATURES
Small Footprint SMD Package Style 3KVDC Isolation Temperature Range: -40C to +85C No Heat sink Required Industry Standard Pinout Internal SMD construction No External Component Required RoHS Compliance
PRODUCT PROGRAM
Input Part Number F0303T-1W F0305T-1W F0505T-1W F0509T-1W F0512T-1W F0515T-1W E0505T-1W E0509T-1W E0512T-1W 5 4.5-5.5 Voltage (VDC) Nominal 3.3 Range 3.0-3.6 Voltage (VDC) 3.3 5 5 9 12 15 5 9 12 15 5 9 12 12 10.8-13.2 15 5 9 12 15 Output Current (mA) Max 304 200 200 110 84 66 100 55 42 33 200 110 84 66 100 55 42 33 Min 30 20 20 11 9 7 10 6 5 4 20 11 9 7 10 6 5 4 73 75 70 76 78 79 71 77 78 79 69 73 73 74 71 73 74 75 UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL Efficiency Certificate (%, Typ.)
APPLICATIONS
The E_T-1W&F_T-1W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 3000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.
E0515T-1W F1205T-1W F1209T-1W F1212T-1W F1215T-1W E1205T-1W E1209T-1W E1212T-1W E1215T-1W
Note: The E_T-W2/F_T-W2 series also are available in our company.
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Test Conditions Tested for 1 minute and 1mA max Test at 500VDC Min 3000 1000 Typ Max Units VDC M
OUTPUT SPECIFICATIONS
Item Output power Test Conditions For Vin change of 1%(3.3V output) For Vin change of 1%(Others output) 10% to 100% load 3.3V output 15 12.8 8.3 6.8 6.3 10% to 100% load 5V output Load regulation 10% to 100% load 9V output 10% to 100% load 12V output 10% to 100% load 15V output Output voltage accuracy Temperature drift Output ripple &Noise* 100% full load 20MHz Bandwidth E_T-1W series F_T-1W series 50 75 100 Min 0.1 Typ. Max 1 1.5 1.2 20 15 10 10 10 0.03 75 100 %/C mVp-p KHz % Units W
MODEL SELECTION
Rated Power Package Style Output Voltage Input Voltage Product Series
Line regulation
See tolerance envelope graph
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
Switching frequency
Full load, nominal input
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes. Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details. Specifications subject to change without notice. F_T-1W &E_T-1W A/1-2008 Page 1 of 2
MORNSUN reserves the copyright
COMMON SPECIFICATIONS
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature Cooling Package material Short circuit protection* MTBF Weight
*Supply voltage must be discontinued at the end of short circuit duration.
APPLICATION NOTE
Min -40 -55 15 Typ Max 95 85 125 25 260 Free air convection Epoxy Resin(UL94-V0) 1 3500 1.71 Second K hours g Recommended testing circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
Dual O utput Vin
Cin L L
Test Conditions
Units %
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product
C
should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power (E _T-W2/F_T-W2 Series).
1.5mm from case for 10 seconds
TYPICAL CHARACTERISTICS
+Vo
Cout
DC DC
GND Single Output
L
L Cout
0V -Vo
L
Vin
Cin
+Vo
Cout
DC DC
GND
0V
(Figure 1) It should also be noted that the inductance and the frequency of the "LC" filtering network should be
Operating Temp.(oC)
staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). EXTERNAL CAPACITOR TABLE (Table 1)
RECOMMENDED REFLOW SOLDERING PROFILE
250 Te mperatur e ( o C) 200 150 100 50 0 Time (s ec . ) 90 Sec Max ( >220 oC ) 26 0 o C
1 0 Sec Max
2 2 0o C
Vin (VDC) 3.3/5 12 -
Cin (uF) 4.7 2.2 -
Single Vout (VDC) 5 9 12 15
Cout (uF) 10 4.7 2.2 1
Dual Vout (VDC) 3.3/5 9 12 15
Cout (uF) 4.7 2.2 1 1
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
First Angle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.54*2.54mm(0.1*01inch) 7.50 (0.295) 11.20 (0.441) 1211 10 87 Top View Sigle/Dual output
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure2).
Dual O u tput Vi n GND
R EG REG
2.00 (0.079) 8 7
2.54 (0.100)
0.60 (0.024)
12 11 10
+Vout 0V
DC DC
REG
-Vout
6.50 (0.254) 6.25 (0.244)
Side View 4.25 (0.166) FOOTPRINT DETAILS Pin 1 2 Single GND Vin 0V
(0.039)
Single O utput Vi n
R EG REG
+Vout
1.30
Dual GND Vin 0V -Vo +Vo NC
GND
DC DC
0V
(Figure2) Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. No parallel connection or plug and play.
NC 8 +Vo Others NC NC:No Connection
Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pin section tolerances: 0.10mm( 0.004inch) General tolerances: 0.15mm( 0.006inch)
MORNSUN reserves the copyright
Specifications subject to change without notice.
F_T-1W &E_T-1W
A/1-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of F1209T-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X