Part Number Hot Search : 
CT326 HT3400 LTC1067 EP16F AD103 FTRPB PM150B12 1DQ06
Product Description
Full Text Search
 

To Download EPE6277AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Enhanced Common Mode Multiport Module for Switched Hub Transceivers
ELECTRONICS INC.
EPE6277AS
* Optimized for TNETE2004 Switched Hub Chip * Also recommended for Level One LXT901, 915, & 944 * Robust design allows for toughest soldering processes * Complies with or exceeds IEEE 802.3, 10Base-T Standards * Transmit sides are provided with superior Common Mode Attenuation
Electrical Parameters @ 25 C
Inductance (H Min.) @ 100 KHz, 0.1 Vrms 150 Interwinding Capacitance (pF Max.) @ 100 KHz, 0.1 Vrms 12 Leakage Inductanc e(H Max.) @ 100 KHz, 0.1 Vrms -35 @ 10 MHz Xmit/Rcv -50/-20 @ 50 MHz Xmit/Rcv -40/-20 CMRR (dB Min.) @ 100 MHz Xmit/Rcv -35/-20 @ 200 MHz Xmit/Rcv -25/-20 -20 -15 1500 -45 Return Loss (dB Min.) 5-10 MHz @ 100 5-10 MHz @ 85, 115 Hipot (Vrms) Crosstalk (dB Min.) 1-10 MHz
Schematic
Receive Channels 1 1:1 40 11 1:1 30 3 5 2 9 1:1 39 32 12 19 1:1 29 22 4 1CT : 7 6 10 31 20 21 8 33 2 34 17 16 18 23 37 1CT : 2 Transmit Channels 1CT : 38 13 15 14 1CT : 2 24 27 2
28
Pins 25, 26, 35 and 36 not connected.
Package
1.120 (28.45) .085 (2.16) PCA EPE6277AS Date Code .050 (1.27) .090 (2.29)
.480 (12.19)
40 21 .670 Solder Pad Layout (17.02) 1 20
.950 (24.13) .240 (6.09) .050 (1.27) .005/.015 (.127/.381) 0-8
.030 (.762) .008/.012 (.203/.305)
.016/.022 (.406/.559)
.035 (.889) .600 (15.24)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSE6277AS Rev. D1 5/6/03
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPE6277AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X