Part Number Hot Search : 
LM79XXAT 256KI E005167 120F6 LM780 70N1T 2T256 SMDA05
Product Description
Full Text Search
 

To Download EPE6050GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Profile SMD 10Base-T Interface Module for PCMCIA
ELECTRONICS INC.
EPE6050GM
* Optimized for AMD/PHY type chip for Card Bus * Robust construction allows for IR/VP processes * Complies with or exceeds IEEE 802.3, 10Base-T Standards * Hipot : 200 Vrms (for 1 minute)
Electrical Parameters @ 25 C
Cut-Off Frequency (MHz) 1 MHz Xmit/Rcv 17/17 Insertion Loss (dB Max.) 1-10 MHz Xmit/Rcv -1/-1 * Return Loss (dB Min.) 5-10 MHz Xmit/Rcv -15/-15 @ 20 MHz Xmit/Rcv -7/-5 Attenuation (dB Min.) @ 25 MHz Xmit/Rcv -18/-11 @ 30 MHz Xmit/Rcv -30/-18 @ 40 MHz Xmit/Rcv -35/-26 Common Mode Rejection (dB Min.) 30-100 MHz Xmit/Rcv -30/-30 Crosstalk (dB Min.) 1-10 MHz Between Channels -30/-30
Isolation : meets or exceeds 802.3 IEEE Requirements * Characteristic Filter Impedance : 100 * * Referenced to the filter output @ 5 MHz for filter only, excluding resistor network *
Schematic
7 6 806 5 68.1 4 274 Chip Side LPF 7 Pole 1:1 10 Cable Side 274 68.1 8 100 9 Transmit Channel 3 49.9 2 49.9 1 Chip Side LPF 5 Pole 1:1 Receive Channel 13 100 14 12 Cable Side
Note : All resistors are 1%, unless otherwise specified
Package
.790 (20.07) .095 (2.41) PCA .520 EPE6050GM (13.21) Date Code .200 (5.08) .085 (2.16)
.700 (17.78)
Pad Layout
Pin 1 I.D.
.595/.605 (15.11/15.37) .088/.094 (2.24/2.39) .033/.010 (.076/.254)
.030 (.762)
.100 (2.54)
0-8
.008/.013 (.203/.330)
.040 (1.02) .017/.022 (.432/.559) .097/.103 (2.46/2.62) .670 (17.02)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSE6050GM Rev. A 3/1/05 MH
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPE6050GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X