Part Number Hot Search : 
C74LV 6047741 FDLL4150 GBLCSC0 4BC20 303B82 1E106 384200
Product Description
Full Text Search
 

To Download EPD1006G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADSL Transformer
ELECTRONICS INC.
EPD1006G
* Designed for use with Alcatel's MTK-20140-1, 20150 & 20450 IC Chips * Designed to meet Supplementary Insulation Requirement of IEC950 for 250 VAC Working Voltage * Excellent THD Characteristic * Isolation : 2000 Vrms * SMD Package Electrical Parameters @ 25 C
Pri. OCL (H 5%) @ 10 KHz , 0.1 Vrms 470 Pins 1-4 with 2-3 shorted
Leakage Inductance (H Max.) @ 100 KHz, 0.1 Vrms 10 Pins 1-4 w/2 & 3, 10-7 & 8 & 9 shorted
Interwinding Capacitance (pF Max.) @ 10 KHz, 1.0 Vrms 30
Total Harmonic Distortion (dB Typ.) @100 KHz, 27.5 dBm -85
Longitudinal Balance (dB Min.) 20 KHz~1.1 MHz -40 Pri. 1.2
DCR ( Max.) Sec. 1.2 Pins 10-7
Pins 1-4 * Characteristics Impedance : 100 *
Schematic
1:1 1 Line Side 3 2 4 10 8 9 7 Chip Side
Package
.490/.530 (12.45/13.46) Pin 1 I.D. Marking: PCA EPD1006G D.C. .026/.030 (.660/.762) .470 (11.94) .098 (2.49)
.100 (2.54)
.506/.516 .700 (12.85/13.11) (17.78)
.095/.105 (2.41/2.67)
.051 (1.29) .010/.014 (.254/.356) 0-8
3.95/.405 (10.03/10.29)
.039 (.991) .665/.675 (16.89/17.15)
.005/.015 (.127/.381)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSD1006G Rev. 3 7/18/02
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPD1006G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X