Part Number Hot Search : 
74LCX157 ZMY12 KT3117A S3C84H5 UPC8002 1N4935 ON2752 TDA4570
Product Description
Full Text Search
 

To Download EPD-880-3-09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode
Preliminary
EPD-880-3-0.9
6/21/2007 rev. 02/07 Case 3 mm plastic lens Type Integrated filter Technology AlGaAs/GaAs
Wavelength Infrared
4,8 - 0,4
Anode
3,4 - 0,3 2,9 - 2,0 0,6 - 0,2
Description Selective photodiode mounted in standard 3 mm package without standoff. Narrow bandwidth and high spectral sensitivity in the infrared range (810...950 nm).
Note: Special packages with standoff available on request
2,54
1,8 -0,6 29 - 2,0
3,7 - 0,2 0,6 - 0,2 6,1 - 0,4
Applications Alarm systems, light barriers, special sensors, analytics, optical communication
Miscellaneous Parameters
Tamb = 25 unless otherwise specified C, Parameter Active area Temperature coefficient of ID Operating temperature range Storage temperature range Soldering Temperature Acceptance angle at 50% S Optical and Electrical Characteristics Tamb = 25 unless otherwise specified C, Parameter Breakdown voltage1) Dark current Peak sensitivity wavelength Responsivity at P Sensitivity range at 10% Shunt resistance Noise equivalent power Specific detectivity Junction capacitance Switching time (RL = 50 )
1)
Test onditions
Symbol A TC(ID) Tamb Tstg
Value 0.62 5 -20 to +85 -30 to +100 260 60
Unit mm %/K C C C deg.
t 3 s, 3 mm from case
Tsld
Test conditions IR = 10 A VR = 1 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 10 mV = 880 nm = 880 nm VR = 0 V VR = 1 V VR = 0 V Ee = 1mW/cm
Symbol VR ID p S min, max 0.5 RSH NEP D* CJ tr , tf IPh
Min 5
Typ
Max
Unit V
1.0 890 0.3 800 115 115 3.3x10 120 200 14
-14 12
2.5
nA nm A/W
0.55 960
nm nm G
Spectral bandwidth at 50%
W/ Hz
cm Hz W -1
2.4x10
pF ns A
Photo-current at P = 875 nm
1) 2)
for information only Halogen lamp source with appropriate filter
Note: All measurements carried out with EPIGAP equipment
Labeling
Type EPD-880-3-0.9
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
Lot N
RD (typ.) [G ]
Quantity
1 of 2
Photodiode
Preliminary
EPD-880-3-0.9
6/21/2007 rev. 02/07
Typical spectral response [A/W]
0,6 0,5
1,30 1,25 1,20
Relative Photocurrent vs. Temperature
UR = 5V TK = 0,25%/K
0,4
R elative Photocurrent
1,15 1,10 1,05 1,00 0,95 0,90 0,85 0,80
0,3
0,2 0,1
0,0 700 750 800 850 900 Wavelength [nm] 950 1000
-40
-20
0
20
40
60
80
100
120
Temperature (C)
Dark Current vs. Temperature
100
Short-circuit current vs. irradiance (typical)
2)
10
3
UR = 1V TK = 1,05 times/K
10
Short-circuit current (nA)
10
2
Dark Current (pA)
10
1
1
10
0
10
0,1
-1
10
-40 -20 0 20 40 60 80 100 120
-2
10
-2
10
-1
Temperature (C)
10 2 Irradiance [mW/cm ]
0
10
1
10
2
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 2


▲Up To Search▲   

 
Price & Availability of EPD-880-3-09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X