Part Number Hot Search : 
HD81805P NJU7748 2SK19 PDU620 P1100EL L2596 PMX1GPS SI7942DP
Product Description
Full Text Search
 

To Download EPC3097-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Off-Line PC Mount Transformer
ELECTRONICS INC.
EPC3097-X
* Split Bobbin Construction * Dual Primaries : 115 V / 230 V * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Meets or exceeds CSA/TUV/VDE Specifications for Creepage, Clearance and Dielectric Strength
Electrical Parameters @ 25 C
Part Number EPC3097-1 EPC3097-2 EPC3097-3 EPC3097-4 EPC3097-5 EPC3097-6 EPC3097-7 EPC3097-8 EPC3097-9 EPC3097-10 Primary Voltage Parallel Series Connection Connection 115 115 115 115 115 115 115 115 115 115 Secondary Voltage Parallel Series Connection Connection Secondary Current (A-Rms) Parallel Series Connection Connection 0.60 0.50 0.40 0.30 0.25 0.20 0.17 0.125 0.11 0.05 Power Rating (VA) 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0
10 1.20 230 5.0 12.6 1.00 230 6.3 16 0.80 230 8.0 20 0.60 230 10 24 0.50 230 12 28 0.40 230 14 36 0.34 230 18 48 0.25 230 24 56 0.22 230 28 120 0.10 230 60 * Switching Frequency : 50 Hz - 500 Hz * Isolation : 2500 Vrms *
Package
1.620 (41.30) 1.310 (33.30) Pri. 4 3 1.180 (30.10) 2 1 .280 (7.11) .250 (6.35) .041(1.04) .350 (8.90) .850 (21.59) 1 2 3 4 1.280 (32.50)
Schematic
Sec. 5 6 7 8
Note : 1. Optional Mounting Screws and Nut : 4-40 x 1.37 Nylon (4-40 x 34.9 mm)
5
6
7
8 Clearance Hole Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3097-X Rev. 7/11/02
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3097-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X